Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA6/12-5H1DTGF Datasheet(PDF) 4 Page - Hongfa Technology

Part # HFA6/12-5H1DTGF
Description  SAFETY RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFA6/12-5H1DTGF Datasheet(HTML) 4 Page - Hongfa Technology

  HFA6/12-5H1DTGF Datasheet HTML 1Page - Hongfa Technology HFA6/12-5H1DTGF Datasheet HTML 2Page - Hongfa Technology HFA6/12-5H1DTGF Datasheet HTML 3Page - Hongfa Technology HFA6/12-5H1DTGF Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LAWILTL RVISCHIMG ONVEQ
EMDTQAMCE CTQUE
CNIKSELOEQASTQE QIRE
O]j[]flY_] N^ MgeafYd Cgad UgdlY_]
Dak[dYae]j
S`] kh][a^a[Ylagf ak ^gj j]^]j]f[] gfdq3 R]] lg +S]jeafgdg_q Yf\ Gma\]daf]k+ ^gj egj] af^gjeYlagf3 Rh][a^a[Ylagfk kmZb][l lg [`Yf_] oal`gml fgla[]3
V] [gmd\ fgl ]nYdmYl] Ydd l`] h]j^gjeYf[] Yf\ Ydd l`] hYjYe]l]jk ^gj ]n]jq hgkkaZd] Yhhda[Ylagf3 S`mk l`] mk]j k`gmd\ Z] af Y ja_`l hgkalagf lg
[`ggk] l`] kmalYZd] hjg\m[l ^gj l`]aj gof Yhhda[Ylagf3 I^ l`]j] ak Yfq im]jq1 hd]Yk] [gflY[l Hgf_^Y ^gj l`] l][`fa[Yd k]jna[]3 Hgo]n]j1 al ak l`] mk]jwk
j]khgfkaZadalq lg \]l]jeaf] o`a[` hjg\m[l k`gmd\ Z] mk]\ gfdq3
s WaYe]f Hgf_^Y Ed][ljgY[gmkla[ Cg31 Kl\3 Add ja_`lk g^ Hgf_^Y Yj] j]k]jn]\3
270>02@4>8?@82 2A>B4?
CgflY[l UgdlY_] .U/
CgflY[l Cmjj]fl .A/
<
56
7
8
9
:
;
=
655
65
6555
95
85
75
5
655
665
675
685
695
65
:
6:
7:
8:
¢
5A<5
gC
¢
;A<5
gC
¢
5A jggel]eh3
¢
;A jggel]eh3
¢
¢
¢
¢
85
65
6
536
53:
;
6555
655
7:5
755
65
537
538
7
8
AC Q]kaklan]
KgY\
DC Q]kaklan] KgY\
@IRS GONHKSKONR/
6MN1 Q]kaklan] dgY\1 7:5UAC1
Qgge l]eh31 6k gf >k g^^
77


Similar Part No. - HFA6/12-5H1DTGF

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFA6 HONGFA-HFA6 Datasheet
81Kb / 4P
SAFETY RELAY
logo
Vishay Siliconix
HFA60EA120P VISHAY-HFA60EA120P Datasheet
114Kb / 7P
HEXFRED® Ultrafast Soft Recovery Diode, 60 A
Revision: 17-Oct-08
HFA60EA120P VISHAY-HFA60EA120P Datasheet
128Kb / 8P
HEXFRED Ultrafast Soft Recovery Diode, 60 A
Revision: 06-Aug-10
HFA60EA120P VISHAY-HFA60EA120P_10 Datasheet
128Kb / 8P
HEXFRED Ultrafast Soft Recovery Diode, 60 A
Revision: 06-Aug-10
HFA60FA120P VISHAY-HFA60FA120P Datasheet
114Kb / 7P
HEXFRED® Ultrafast Soft Recovery Diode, 60 A
Revision: 16-Oct-08
More results

Similar Description - HFA6/12-5H1DTGF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OA5669 ETC2-OA5669 Datasheet
120Kb / 4P
Safety relay
logo
Tyco Electronics
SR6 MACOM-SR6_09 Datasheet
338Kb / 4P
Safety Relay SR6
SR2M MACOM-SR2M_05 Datasheet
174Kb / 3P
Safety Relay SR2M
SR6 MACOM-SR6_05 Datasheet
199Kb / 3P
Safety Relay SR6
logo
Omron Electronics LLC
G9SB3012A OMRON-G9SB3012A Datasheet
1Mb / 8P
Safety Relay Unit
logo
Hongfa Technology
HFA2 HONGFA-HFA2 Datasheet
63Kb / 3P
SAFETY RELAY
HFA4 HONGFA-HFA4 Datasheet
104Kb / 4P
SAFETY RELAY
HFA6 HONGFA-HFA6 Datasheet
81Kb / 4P
SAFETY RELAY
HFA4 HONGFA-HFA4 Datasheet
103Kb / 4P
SAFETY RELAY
HFA2 HONGFA-HFA2 Datasheet
62Kb / 3P
SAFETY RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com