Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA6/12-5H1DTGF Datasheet(PDF) 3 Page - Hongfa Technology

Part # HFA6/12-5H1DTGF
Description  SAFETY RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFA6/12-5H1DTGF Datasheet(HTML) 3 Page - Hongfa Technology

  HFA6/12-5H1DTGF Datasheet HTML 1Page - Hongfa Technology HFA6/12-5H1DTGF Datasheet HTML 2Page - Hongfa Technology HFA6/12-5H1DTGF Datasheet HTML 3Page - Hongfa Technology HFA6/12-5H1DTGF Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Q]eYjc? 6/ If [Yk] g^ fg lgd]jYf[] k`gof af gmldaf] \ae]fkagf? gmldaf] \ae]fkagf \6ee1 lgd]jYf[] k`gmd\ Z] t537ee@ gmldaf] \ae]fkagf `6ee
Yf\ \:ee1 lgd]jYf[] k`gmd\ Z] t538ee@ gmldaf] \ae]fkagf `:ee1 lgd]jYf[] k`gmd\ Z] t539ee3
7/ S`] lgd]jYf[] oal`gml af\a[Ylaf_ ^gj OCB dYqgml ak YdoYqk t536ee3
76
OCB KYqgml
.Bgllge na]o/
Nmldaf] Dae]fkagfk
Vajaf_ DaY_jYe
<A@98;4 38:4;?8<;?| C8>8;6 3806>0: 0;3 =2 1<0>3 90E<A@
.Bgllge na]o/
Nmldaf] Dae]fkagfk
OCB KYqgml
.Bgllge na]o/
Vajaf_ DaY_jYe
.Bgllge na]o/
Tfal? ee
O \aj][lagf
HFA;4 ee 2 9H7DSe . eee/
HFA;4 ee 2 8H8DSe . eee/
69
68 65
>
;
:
7
67
66
9
<
=8
6
O \aj][lagf
O
O
:5 eYp
:35=
:35=
66398
683><
:35=
:35=
53; 536:
69
68 65
>
;
:
7
67
66
9
<
=8
6
0
2
:5 eYp
:35=
:35=
66398
683><
:35=
:35=
0
2
53; 536:
69
2v63;
:35= :35= :35=
66398
683>:
:35=
69
2v63;
:35= :35= :35=
66398
683>:
:35=


Similar Part No. - HFA6/12-5H1DTGF

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFA6 HONGFA-HFA6 Datasheet
81Kb / 4P
   SAFETY RELAY
logo
Vishay Siliconix
HFA60EA120P VISHAY-HFA60EA120P Datasheet
114Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 60 A
Revision: 17-Oct-08
HFA60EA120P VISHAY-HFA60EA120P Datasheet
128Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 60 A
Revision: 06-Aug-10
HFA60EA120P VISHAY-HFA60EA120P_10 Datasheet
128Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 60 A
Revision: 06-Aug-10
HFA60FA120P VISHAY-HFA60FA120P Datasheet
114Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 60 A
Revision: 16-Oct-08
More results

Similar Description - HFA6/12-5H1DTGF

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFA4 HONGFA-HFA4 Datasheet
104Kb / 4P
   SAFETY RELAY
logo
List of Unclassifed Man...
OA5669 ETC2-OA5669 Datasheet
120Kb / 4P
   Safety relay
logo
Hongfa Technology
HFA6 HONGFA-HFA6 Datasheet
81Kb / 4P
   SAFETY RELAY
HFA2 HONGFA-HFA2 Datasheet
63Kb / 3P
   SAFETY RELAY
HFA4 HONGFA-HFA4 Datasheet
103Kb / 4P
   SAFETY RELAY
HFA2 HONGFA-HFA2 Datasheet
62Kb / 3P
   SAFETY RELAY
logo
Tyco Electronics
SR6 MACOM-SR6_09 Datasheet
338Kb / 4P
   Safety Relay SR6
SR2M MACOM-SR2M_05 Datasheet
174Kb / 3P
   Safety Relay SR2M
SR6 MACOM-SR6_05 Datasheet
199Kb / 3P
   Safety Relay SR6
logo
Omron Electronics LLC
G9SB3012A OMRON-G9SB3012A Datasheet
1Mb / 8P
   Safety Relay Unit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com