Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FB100505 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # FB100505
Description  SMD MULTILAYER FERRITE CHIP BEADS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FB100505 Datasheet(HTML) 1 Page - Frontier Electronics.

  FB100505 Datasheet HTML 1Page - Frontier Electronics. FB100505 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FB100505 (0402) Series – SMD MULTILAYER FERRITE CHIP BEADS
(HIGH IMPEDANCE)
Rev. A
A. Electrical Specifications:
P/N
Impedance (
Ω) ±25%
@100MHz
DCR Max.
(
Ω)
I rms. Max.
(mA)
FB100505U100
10
0.05
800
FB100505U300
30
0.15
800
FB100505U470
47
0.15
500
FB100505U600
60
0.20
500
FB100505U750
75
0.25
500
FB100505U121
120
0.25
800
FB100505U221
220
0.35
700
FB100505U301
300
0.50
500
FB100505U471
470
0.65
500
FB100505U601
600
0.65
500
FB100505U102
1000
0.85
500
FB100505Z300
30
0.20
500
FB100505Z600
60
0.30
500
FB100505Z800
80
0.35
500
FB100505Z121
120
0.35
500
FB100505Z221
220
0.40
500
FB100505Z301
300
0.50
200
FB100505Z471
470
0.65
200
FB100505Z601
600
0.85
200
FB100505G100
10
0.05
500
FB100505G300
30
0.30
500
FB100505G600
60
0.40
200
FB100505G750
75
0.50
200
FB100505G121
120
0.50
200
FB100505G221
220
0.70
100
FB100505G301
300
0.80
100
FB100505G471
470
1.00
100
FB100505G601
600
1.00
100
FB100505G102
1000
1.30
100
FB100505G152
1500
1.50
50
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
FB100505
1.0
( 0.039)
0.5
(0.020)
0.5
(0.020)
0.25
(0.010)
2.20
(0.087)
0.70
(0.028)
0.40
(0.016)
Tol.
± 0.1
(0.004 )
± 0.1
(0.004 )
± 0.1
(0.004 )
± 0.15
(0.006 )
Typ.
Typ.
Typ.
C. Part Number Key:
FB
10
05
05
Y
XXX
IMPEDANCE VALUE
MATERIAL CODE: L, U, Z, B or G
DIMENSIONS:
LENGTH (a) x WIDTH (b) x THICKNESS (c)
FAMILY: FB
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - FB100505

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
FB100505U100 FENGJUI-FB100505U100 Datasheet
64Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
FB100505U102 FENGJUI-FB100505U102 Datasheet
64Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
FB100505U121 FENGJUI-FB100505U121 Datasheet
64Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
FB100505U300 FENGJUI-FB100505U300 Datasheet
64Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
FB100505U301 FENGJUI-FB100505U301 Datasheet
64Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
More results

Similar Description - FB100505

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FB201209 FRONTIER-FB201209 Datasheet
130Kb / 2P
SMD MULTILAYER FERRITE CHIP BEADS
FB160808 FRONTIER-FB160808 Datasheet
137Kb / 3P
SMD MULTILAYER FERRITE CHIP BEADS
FB321611 FRONTIER-FB321611 Datasheet
129Kb / 2P
SMD MULTILAYER FERRITE CHIP BEADS
TI201209 FRONTIER-TI201209 Datasheet
131Kb / 2P
SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
FB451616 FRONTIER-FB451616 Datasheet
128Kb / 2P
SMD MULTILAYER FERRITE CHIP BEADS (HIGH IMPEDANCE)
FB453215 FRONTIER-FB453215 Datasheet
128Kb / 2P
SMD MULTILAYER FERRITE CHIP BEADS (HIGH IMPEDANCE)
TI322513 FRONTIER-TI322513 Datasheet
122Kb / 2P
SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
logo
Sumida Corporation
SHB-1M2012-150 SUMIDA-SHB-1M2012-150 Datasheet
527Kb / 5P
Multilayer Chip Ferrite Beads
SHB-1T0603-800 SUMIDA-SHB-1T0603-800 Datasheet
394Kb / 2P
Multilayer Chip Ferrite Beads
logo
Frontier Electronics.
TI321611 FRONTIER-TI321611 Datasheet
127Kb / 2P
SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com