Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1896 Datasheet(PDF) 21 Page - Analog Devices

Part # AD1896
Description  192 kHz Stereo Asynchronous Sample Rate Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1896 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD1896_15 Datasheet HTML 17Page - Analog Devices AD1896_15 Datasheet HTML 18Page - Analog Devices AD1896_15 Datasheet HTML 19Page - Analog Devices AD1896_15 Datasheet HTML 20Page - Analog Devices AD1896_15 Datasheet HTML 21Page - Analog Devices AD1896_15 Datasheet HTML 22Page - Analog Devices AD1896_15 Datasheet HTML 23Page - Analog Devices AD1896_15 Datasheet HTML 24Page - Analog Devices AD1896_15 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
REV. A
AD1896
–21–
However, the hysteresis of the fS_OUT/fS_IN ratio circuit can cause
phase mismatching between two AD1896s operating with the
same input clock and the same output clock. Since the hyster-
esis requires a difference of more than two fS_OUT periods for the
fS_OUT/fS_IN ratio to be updated, two AD1896s may have dif-
ferences in their ratios from 0 to 4 fS_OUT period counts. The
fS_OUT/fS_IN ratio adjusts the filter length of the AD1896, which
corresponds directly with the group delay. Thus, the magnitude
in the phase difference will depend upon the resolution of the
fS_OUT and fS_IN counters. The greater the resolution of the
counters, the smaller the phase difference error will be.
The fS_IN and fS_OUT counters of the AD1896 have three bits of
extra resolution over the AD1890, which reduces the phase
mismatch error by a factor of 8. However, an additional feature
was added to the AD1896 to eliminate the phase mismatching
completely. One AD1896 can set the fS_OUT/fS_IN ratio of other
AD1896s by transmitting its fS_OUT/fS_IN ratio through the
serial output port.
OPERATING FEATURES
RESET and Power-Down
When
RESET is asserted low, the AD1896 will turn off the
master clock input to the AD1896, MCLK_I, initialize all of its
internal registers to their default values, and three-state all of the
I/O pins. While
RESET is active low, the AD1896 is consuming
minimum power. For the lowest possible power consumption
while
RESET is active low, all of the input pins to the AD1896
should be static.
When
RESET is deasserted, the AD1896 begins its initialization
routine where all locations in the FIFO are initialized to zero,
MUTE_OUT is asserted high, and any I/O pins configured as
outputs are enabled. When
RESET is deasserted, the master
serial port clock pins SCLK_I/O and LRCLK_I/O become
active after 1024 MCLK-I cycles. The mute control counter,
which controls the soft mute attenuation of the input samples,
is initialized to maximum attenuation, –144 dB (see the Mute
Control section).
When asserting
RESET and deasserting RESET, the RESET
should be held low for a minimum of five MCLK_I cycles.
During power-up, the
RESET should be held low until the
power supplies have stabilized. It is recommended that the
AD1896 be reset when changing modes.
Power Supply and Voltage Reference
The AD1896 is designed for 3 V operation with 5 V input toler-
ance on the input pins. VDD_CORE is the 3 V supply that is
used to power the core logic of the AD1896 and to drive the
output pins. VDD_IO is used to set the input voltage tolerance
of the input pins. In order for the input pins to be 5 V input
tolerant, VDD_IO must be connected to a 5 V supply. If the
input pins do not have to be 5 V input tolerant, then
VDD_IO can be connected to VDD_CORE. VDD_IO should
never be less than VDD_CORE. VDD_CORE and VDD_IO
should be bypassed with 100 nF ceramic chip capacitors, as
close to the pins as possible, to minimize power supply and
ground bounce caused by inductance in the traces. A bulk alu-
minium electrolytic capacitor of 47
mF should also be provided
on the same PC board as the AD1896.
Digital Filter Group Delay
The group delay of the digital filter may be selected by the logic
pin GRPDLYS. As mentioned in the Theory of Operation section,
this pin is particularly useful in varispeed applications. The
GRPDLYS pin has an internal pull-up resistor of approximately
33 k
W to VDD_CORE. When GRPDLYS is high, the filter group
delay will be short and is given by the equation:
GDS
ff
for f
f
GDS
ff
f
f
for f
f
S_IN
S_IN
S_OUT
S_IN
S_IN
S_IN
S_IN
S_OUT
S_OUT
S_IN
=+
>
=+ Ê
ËÁ
ˆ
¯˜
¥ Ê
ËÁ
ˆ
¯˜
<
16
32
16
32
seconds
seconds
For short filter group delay, the GRPDLYS pin can be left open.
When GRPDLYS is low, the group delay of the filter will be
long and is given by the equation:
GDL
ff
for f
f
GDL
ff
f
f
for f
f
S_IN
S_IN
S_OUT
S_IN
S_IN
S_IN
S_IN
S_OUT
S_OUT
S_IN
=+
>
=+ Ê
ËÁ
ˆ
¯˜
¥ Ê
ËÁ
ˆ
¯˜
<
64
32
64
32
seconds
seconds
NOTE: For the long group delay mode, the decimation ratio is
limited to less than 7:1.
Mute Control
When the MUTE_IN pin is asserted high, the MUTE_IN control
will perform a soft mute by linearly decreasing the input data to
the AD1896 FIFO to zero, –144 dB attenuation. When MUTE_IN
is deasserted low, the MUTE_IN control will linearly decrease
the attenuation of the input data to 0 dB. A 12-bit counter,
clocked by LRCLK_I, is used to control the mute attenuation.
Therefore, the time it will take from the assertion of MUTE_IN
to –144 dB full mute attenuation is 4096/LRCLK_I seconds.
Likewise, the time it will take to reach 0 dB mute attenuation from
the deassertion of MUTE_IN is 4096/LRCLK_I seconds.
Upon RESET, or a change in the sample rate between LRCLK_I
and LRCLK_O, the MUTE_OUT pin will be asserted high. The
MUTE_OUT pin will remain asserted high until the digital
servo loop’s internal fast settling mode has completed. When
the digital servo loop has switched to slow settling mode, the
MUTE_OUT pin will deassert. While MUTE_OUT is asserted,
the MUTE_IN pin should be asserted as well to prevent any
major distortion in the audio output samples.
Master Clock
A digital clock connected to the MCLK_I pin or a fundamental
or third overtone crystal connected between MCLK_I and
MCLK_O can be used to generate the master clock, MCLK_I.
The MCLK_I pin can be 5 V input tolerant just like any of the
other AD1896 input pins. A fundamental mode crystal can be
inserted between MCLK_I and MCLK_O for master clock
frequency generation up to 27 MHz. For master clock fre-
quency generation with a crystal beyond 27 MHz, it is
recommended that the user use a third overtone crystal and to
add an LC filter at the output of MCLK_O to filter out the
fundamental, do not notch filter the fundamental. Please refer
to your quartz crystal supplier for values for external capaci-
tors and inductor components.


Similar Part No. - AD1896_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1896AYRS AD-AD1896AYRS Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRS AD-AD1896AYRS Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRSRL AD-AD1896AYRSRL Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRSRL AD-AD1896AYRSRL Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
More results

Similar Description - AD1896_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1895 AD-AD1895 Datasheet
1Mb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1896 AD-AD1896 Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
logo
Cirrus Logic
CS8421 CIRRUS-CS8421 Datasheet
646Kb / 36P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_06 Datasheet
658Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_09 Datasheet
563Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_10 Datasheet
674Kb / 36P
32-bit, 192-kHz Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
logo
Analog Devices
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1895 AD-AD1895_15 Datasheet
860Kb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1_16 Datasheet
1Mb / 37P
192-kHz Stereo Asynchronous Sample-Rate Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com