Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1896 Datasheet(PDF) 17 Page - Analog Devices

Part # AD1896
Description  192 kHz Stereo Asynchronous Sample Rate Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1896 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD1896_15 Datasheet HTML 13Page - Analog Devices AD1896_15 Datasheet HTML 14Page - Analog Devices AD1896_15 Datasheet HTML 15Page - Analog Devices AD1896_15 Datasheet HTML 16Page - Analog Devices AD1896_15 Datasheet HTML 17Page - Analog Devices AD1896_15 Datasheet HTML 18Page - Analog Devices AD1896_15 Datasheet HTML 19Page - Analog Devices AD1896_15 Datasheet HTML 20Page - Analog Devices AD1896_15 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
REV. A
AD1896
–17–
(Continued from Page 1)
The digital servo loop measures the time difference between
the input and output sample rates within 5 ps. This is necessary
in order to select the correct polyphase filter coefficient. The
digital servo loop has excellent jitter rejection for both input and
output sample rates as well as the master clock. The jitter rejec-
tion begins at less than 1 Hz. This requires a long settling
time whenever
RESET is deasserted or when the input or
output sample rate changes. To reduce the settling time, upon
deassertion of
RESET or a change in a sample rate, the digital
servo loop enters the fast settling mode. When the digital servo
loop has adequately settled in the fast mode, it switches into the
normal or slow settling mode and continues to settle until the
time difference measurement between input and output sample
rates is within 5 ps. During fast mode, the MUTE_OUT signal
is asserted high. Normally, the MUTE_OUT is connected to the
MUTE_IN pin. The MUTE_IN signal is used to softly mute
the AD1896 upon assertion and softly unmute the AD1896
when it is deasserted.
The sample rate ratio circuit is used to scale the filter length of
the FIR filter for decimation. Hysteresis in measuring the
sample rate ratio is used to avoid oscillations in the scaling of
the filter length, which would cause distortion on the output.
However, when multiple AD1896s are used with the same serial
input port clock and the same serial output port clock, the hys-
teresis causes different group delays between multiple AD1896s.
A phase-matching mode feature was added to the AD1896 to
address this problem. In phase-matching mode, one AD1896,
the master, transmits its sample rate ratio to the other AD1896s,
the slaves, so that the group delay between the multiple AD1896s
remains the same.
The group delay of the AD1896 can be adjusted for short or
long delay. An address offset is added to the write pointer of the
FIFO in the sample rate converter. This offset is set to 16 for
short delay and 64 for long delay. In long delay, the group delay
is effectively increased by 48 input sample clocks.
The sample rate converter of the AD1896 can be bypassed
altogether using the bypass mode. In bypass mode, the AD1896’s
serial input data is directly passed to the serial output port with-
out any dithering. This is useful for passing through nonaudio
data or when the input and output sample rates are synchronous
to one another and the sample rate ratio is exactly 1 to 1.
The AD1896 is a 3.3 V, 5 V input tolerant part and is available
in a 28-lead SSOP package. The AD1896 is 5 V input-tolerant
only when the VDD_IO supply pin is supplied with 5 V.


Similar Part No. - AD1896_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1896AYRS AD-AD1896AYRS Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRS AD-AD1896AYRS Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRSRL AD-AD1896AYRSRL Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRSRL AD-AD1896AYRSRL Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
More results

Similar Description - AD1896_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1895 AD-AD1895 Datasheet
1Mb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1896 AD-AD1896 Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
logo
Cirrus Logic
CS8421 CIRRUS-CS8421 Datasheet
646Kb / 36P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_06 Datasheet
658Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_09 Datasheet
563Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_10 Datasheet
674Kb / 36P
32-bit, 192-kHz Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
logo
Analog Devices
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1895 AD-AD1895_15 Datasheet
860Kb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1_16 Datasheet
1Mb / 37P
192-kHz Stereo Asynchronous Sample-Rate Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com