Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1896 Datasheet(PDF) 14 Page - Analog Devices

Part # AD1896
Description  192 kHz Stereo Asynchronous Sample Rate Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1896 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD1896_15 Datasheet HTML 10Page - Analog Devices AD1896_15 Datasheet HTML 11Page - Analog Devices AD1896_15 Datasheet HTML 12Page - Analog Devices AD1896_15 Datasheet HTML 13Page - Analog Devices AD1896_15 Datasheet HTML 14Page - Analog Devices AD1896_15 Datasheet HTML 15Page - Analog Devices AD1896_15 Datasheet HTML 16Page - Analog Devices AD1896_15 Datasheet HTML 17Page - Analog Devices AD1896_15 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
REV. A
AD1896
–14–
–5
5
–4
–3
–2
–1
0
1
2
3
4
140
0
120
100
80
60
40
20
INPUT LEVEL – dBFS
TPC 37. Linearity Error, 48 kHz:44.1 kHz, 0 dBFS to
–140 dBFS Input, 200 Hz Tone
–5
5
–4
–3
–2
–1
0
1
2
3
4
140
0
120
100
80
60
40
20
INPUT LEVEL – dBFS
TPC 38. Linearity Error, 96 kHz:48 kHz, 0 dBFS to
–140 dBFS Input, 200 Hz Tone
–5
5
–4
–3
–2
–1
0
1
2
3
4
140
0
120
100
80
60
40
20
INPUT LEVEL – dBFS
TPC 39. Linearity Error, 44.1 kHz:48 kHz, 0 dBFS to
–140 dBFS Input, 200 Hz Tone
–5
5
–4
–3
–2
–1
0
1
2
3
4
140
0
120
100
80
60
40
20
INPUT LEVEL – dBFS
TPC 40. Linearity Error, 48 kHz:96 kHz, 0 dBFS to
–140 dBFS Input, 200 Hz Tone
–5
5
–4
–3
–2
–1
0
1
2
3
4
140
0
120
100
80
60
40
20
INPUT LEVEL – dBFS
TPC 41. Linearity Error, 44.1 kHz:192 kHz, 0 dBFS to
–140 dBFS Input, 200 Hz Tone
–5
5
–4
–3
–2
–1
0
1
2
3
4
140
0
120
100
80
60
40
20
INPUT LEVEL – dBFS
TPC 42. Linearity Error, 192 kHz:44:1 kHz, 0 dBFS to
–140 dBFS Input, 200 Hz Tone


Similar Part No. - AD1896_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1896AYRS AD-AD1896AYRS Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRS AD-AD1896AYRS Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRSRL AD-AD1896AYRSRL Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRSRL AD-AD1896AYRSRL Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
More results

Similar Description - AD1896_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1895 AD-AD1895 Datasheet
1Mb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1896 AD-AD1896 Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
logo
Cirrus Logic
CS8421 CIRRUS-CS8421 Datasheet
646Kb / 36P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_06 Datasheet
658Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_09 Datasheet
563Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_10 Datasheet
674Kb / 36P
32-bit, 192-kHz Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
logo
Analog Devices
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1895 AD-AD1895_15 Datasheet
860Kb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1_16 Datasheet
1Mb / 37P
192-kHz Stereo Asynchronous Sample-Rate Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com