Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1895 Datasheet(PDF) 15 Page - Analog Devices

Part # AD1895
Description  192 kHz Stereo Asynchronous Sample Rate Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1895 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD1895_15 Datasheet HTML 11Page - Analog Devices AD1895_15 Datasheet HTML 12Page - Analog Devices AD1895_15 Datasheet HTML 13Page - Analog Devices AD1895_15 Datasheet HTML 14Page - Analog Devices AD1895_15 Datasheet HTML 15Page - Analog Devices AD1895_15 Datasheet HTML 16Page - Analog Devices AD1895_15 Datasheet HTML 17Page - Analog Devices AD1895_15 Datasheet HTML 18Page - Analog Devices AD1895_15 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
REV. B
AD1895
–15–
PRODUCT OVERVIEW (continued from page 1)
The digital servo loop measures the time difference between
input and output sample rates within 5 ps. This is necessary in
order to select the correct polyphase filter coefficient. The digital
servo loop has excellent jitter rejection for both input and output
sample rates as well as the master clock. The jitter rejection begins
at less than 1 Hz. This requires a long settling time whenever
RESET is deasserted or when the input or output sample rate
changes. To reduce the settling time, upon deassertion of
RESET
or a change in a sample rate, the digital servo loop enters the Fast
Settling Mode. When the digital servo loop has adequately settled
in the Fast Mode, it switches into the Normal or Slow Settling
Mode and continues to settle until the time difference measurement
between input and output sample rates is within 5 ps. During
Fast Mode, the MUTE_OUT signal is asserted high. Normally,
the MUTE_OUT is connected to the MUTE_IN pin. The
MUTE_IN signal is used to softly mute the AD1895 upon
assertion and softly unmute the AD1895 when it is deasserted.
The sample rate converter of the AD1895 can be bypassed
altogether using the Bypass Mode. In Bypass Mode, the AD1895’s
serial input data is directly passed to the serial output port with-
out any dithering. This is useful for passing through nonaudio
data or when the input and output sample rates are synchronous
to one another and the sample rate ratio is exactly 1 to 1.
The AD1895 is a 3.3 V, 5 V input tolerant part and is available
in a 28-lead SSOP SMD package. The AD1895 is 5 V input
tolerant only when the VDD_IO supply pin is supplied with 5 V.
FREQUENCY – kHz
–180
2.5
5.0
7.5
10.0
12.5
15.0
17.5
–170
–160
–150
–140
–130
–120
–110
20.0
TPC 49. THD + N vs. Frequency Input, 48 kHz: 44.1 kHz,
0 dBFS
FREQUENCY – kHz
–180
2.5
5.0
7.5
10.0
12.5
15.0
17.5
–170
–160
–150
–140
–130
–120
–110
20.0
TPC 50. THD + N vs. Frequency Input, 44.1 kHz: 48 kHz,
0 dBFS
FREQUENCY – kHz
–180
2.5
5.0
7.5
10.0
12.5
15.0
17.5
–170
–160
–150
–140
–130
–120
–110
20.0
TPC 51. THD + N vs. Frequency Input, 48 kHz: 96 kHz,
0 dBFS
FREQUENCY – kHz
–180
2.5
5.0
7.5
10.0
12.5
15.0
17.5
–170
–160
–150
–140
–130
–120
–110
20.0
TPC 52. THD + N vs. Frequency Input, 96 kHz: 48 kHz,
0 dBFS


Similar Part No. - AD1895_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1895AYRS AD-AD1895AYRS Datasheet
1Mb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1895AYRSRL AD-AD1895AYRSRL Datasheet
1Mb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1895YRS AD-AD1895YRS Datasheet
1Mb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1895YRSRL AD-AD1895YRSRL Datasheet
1Mb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
More results

Similar Description - AD1895_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1895 AD-AD1895 Datasheet
1Mb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1896 AD-AD1896 Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
logo
Cirrus Logic
CS8421 CIRRUS-CS8421 Datasheet
646Kb / 36P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_06 Datasheet
658Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_09 Datasheet
563Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_10 Datasheet
674Kb / 36P
32-bit, 192-kHz Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
logo
Analog Devices
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896 AD-AD1896_15 Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1_16 Datasheet
1Mb / 37P
192-kHz Stereo Asynchronous Sample-Rate Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com