Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1895 Datasheet(PDF) 14 Page - Analog Devices

Part # AD1895
Description  192 kHz Stereo Asynchronous Sample Rate Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1895 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD1895_15 Datasheet HTML 10Page - Analog Devices AD1895_15 Datasheet HTML 11Page - Analog Devices AD1895_15 Datasheet HTML 12Page - Analog Devices AD1895_15 Datasheet HTML 13Page - Analog Devices AD1895_15 Datasheet HTML 14Page - Analog Devices AD1895_15 Datasheet HTML 15Page - Analog Devices AD1895_15 Datasheet HTML 16Page - Analog Devices AD1895_15 Datasheet HTML 17Page - Analog Devices AD1895_15 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
REV. B
AD1895
–14–
INPUT LEVEL – dBFS
–140
–120
–100
–80
–60
–40
–20
0
–110.0
–112.5
–115.0
–117.5
–120.0
–122.5
–125.0
–127.5
–130.0
–132.5
–135.0
–137.5
–140.0
TPC 43. THD + N vs. Input Amplitude, 48 kHz: 44.1 kHz,
1 kHz Tone
INPUT LEVEL – dBFS
–140
–120
–100
–80
–60
–40
–20
0
–110.0
–112.5
–115.0
–117.5
–120.0
–122.5
–125.0
–127.5
–130.0
–132.5
–135.0
–137.5
–140.0
TPC 44. THD + N vs. Input Amplitude, 96 kHz: 48 kHz,
1 kHz Tone
INPUT LEVEL – dBFS
–140
–120
–100
–80
–60
–40
–20
0
–110.0
–112.5
–115.0
–117.5
–120.0
–122.5
–125.0
–127.5
–130.0
–132.5
–135.0
–137.5
–140.0
TPC 45. THD + N vs. Input Amplitude, 44.1 kHz: 48 kHz,
1 kHz Tone
INPUT LEVEL – dBFS
–140
–120
–100
–80
–60
–40
–20
0
–110.0
–112.5
–115.0
–117.5
–120.0
–122.5
–125.0
–127.5
–130.0
–132.5
–135.0
–137.5
–140.0
TPC 46. THD + N vs. Input Amplitude, 48 kHz: 96 kHz,
1 kHz Tone
INPUT LEVEL – dBFS
–140
–120
–100
–80
–60
–40
–20
0
–110.0
–112.5
–115.0
–117.5
–120.0
–122.5
–125.0
–127.5
–130.0
–132.5
–135.0
–137.5
–140.0
TPC 47. THD + N vs. Input Amplitude, 44.1 kHz: 192 kHz,
1 kHz Tone
INPUT LEVEL – dBFS
–140
–120
–100
–80
–60
–40
–20
0
–110.0
–112.5
–115.0
–117.5
–120.0
–122.5
–125.0
–127.5
–130.0
–132.5
–135.0
–137.5
–140.0
TPC 48. THD + N vs. Input Amplitude, 192 kHz: 48 kHz,
1 kHz Tone


Similar Part No. - AD1895_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1895AYRS AD-AD1895AYRS Datasheet
1Mb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1895AYRSRL AD-AD1895AYRSRL Datasheet
1Mb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1895YRS AD-AD1895YRS Datasheet
1Mb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1895YRSRL AD-AD1895YRSRL Datasheet
1Mb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
More results

Similar Description - AD1895_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1895 AD-AD1895 Datasheet
1Mb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1896 AD-AD1896 Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
logo
Cirrus Logic
CS8421 CIRRUS-CS8421 Datasheet
646Kb / 36P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_06 Datasheet
658Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_09 Datasheet
563Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_10 Datasheet
674Kb / 36P
32-bit, 192-kHz Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
logo
Analog Devices
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896 AD-AD1896_15 Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1_16 Datasheet
1Mb / 37P
192-kHz Stereo Asynchronous Sample-Rate Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com