Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1895 Datasheet(PDF) 12 Page - Analog Devices

Part # AD1895
Description  192 kHz Stereo Asynchronous Sample Rate Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1895 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1895_15 Datasheet HTML 8Page - Analog Devices AD1895_15 Datasheet HTML 9Page - Analog Devices AD1895_15 Datasheet HTML 10Page - Analog Devices AD1895_15 Datasheet HTML 11Page - Analog Devices AD1895_15 Datasheet HTML 12Page - Analog Devices AD1895_15 Datasheet HTML 13Page - Analog Devices AD1895_15 Datasheet HTML 14Page - Analog Devices AD1895_15 Datasheet HTML 15Page - Analog Devices AD1895_15 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
REV. B
AD1895
–12–
OUTPUT SAMPLE RATE – Hz
30000
–135
48000
66000
102000
138000
–133
–131
–129
–127
–125
–123
–121
–119
84000
120000
156000
174000
192000
TPC 31. DNR (Unweighted) vs. Output Sample Rate,
fS_IN = 96 kHz, –60 dBFS 1 kHz Tone
FREQUENCY – Hz
10000
20000
30000
40000
50000
60000
–140
–120
–100
–80
–60
–40
–20
0
0
192kHz: 96kHz
192kHz: 48kHz
192kHz: 32kHz
TPC 32. Digital Filter Frequency Response
OUTPUT SAMPLE RATE – Hz
30000
–135
48000
66000
102000
138000
–133
–131
–129
–127
–125
–123
–121
–119
84000
120000
156000
174000
192000
TPC 33. DNR (Unweighted) vs. Output Sample Rate,
fS_IN = 48 kHz, –60 dBFS 1 kHz Tone
OUTPUT SAMPLE RATE – Hz
30000
–135
48000
66000
102000
138000
–133
–131
–129
–127
–125
–123
–121
–119
84000
120000
156000
174000
192000
TPC 34. DNR (Unweighted) vs. Output Sample Rate,
fS_IN = 44.1 kHz, –60 dBFS 1 kHz Tone
0
FREQUENCY – Hz
4000
8000
12000
–0.10
16000
20000
24000
–0.09
–0.08
–0.07
–0.06
–0.05
–0.04
–0.03
–0.02
–0.01
0.00
TPC 35. Pass-Band Ripple, 192 kHz: 48 kHz
INPUT LEVEL – dBFS
–5
–140
–120
–100
–80
–60
–40
–20
0
–4
–3
–2
–1
0
1
2
3
4
5
TPC 36. Linearity Error, 48 kHz: 48 kHz, 0 dBFS to
–140 dBFS Input, 200 Hz Tone


Similar Part No. - AD1895_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1895AYRS AD-AD1895AYRS Datasheet
1Mb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1895AYRSRL AD-AD1895AYRSRL Datasheet
1Mb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1895YRS AD-AD1895YRS Datasheet
1Mb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1895YRSRL AD-AD1895YRSRL Datasheet
1Mb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
More results

Similar Description - AD1895_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1895 AD-AD1895 Datasheet
1Mb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1896 AD-AD1896 Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
logo
Cirrus Logic
CS8421 CIRRUS-CS8421 Datasheet
646Kb / 36P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_06 Datasheet
658Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_09 Datasheet
563Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_10 Datasheet
674Kb / 36P
32-bit, 192-kHz Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
logo
Analog Devices
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896 AD-AD1896_15 Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1_16 Datasheet
1Mb / 37P
192-kHz Stereo Asynchronous Sample-Rate Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com