Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF140FF Datasheet(PDF) 3 Page - Hongfa Technology

Part # HF140FF
Description  MINIATURE INTERMEDIATE POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF140FF Datasheet(HTML) 3 Page - Hongfa Technology

  HF140FF_15 Datasheet HTML 1Page - Hongfa Technology HF140FF_15 Datasheet HTML 2Page - Hongfa Technology HF140FF_15 Datasheet HTML 3Page - Hongfa Technology HF140FF_15 Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
7>?
3POTGHT 7GQ
D0 N\mb` ^jio\^o b\k/Qigt ajm 8 Ijmh D0
<LM0 Uo\i_\m_
3POTGHT NGTJRLGM
A0 DbUiQ8
.0 DbPd
<LM0 DbF_Q
3POTGHT QMGTLOK
70 Jjg_ kg\o`_
<LM0 Pj bjg_ kg\o`_
3USTPNJR SQJHLGM HPIJ
7080
8 Ijmh D
8? h\s
79 h\s
/Ejoojh qd`r0
648; 647
64; 647
64; 647
7 647
8 Ijmh F
8? h\s
79 h\s
/Ejoojh qd`r0
64; 647
648; 647
64< 647
64; 647
7 647
90
3PLM VPMTGKJ
92 ;2 <2 ?2 782 7>2 8:2 :>2 <6XGF
KI7:6II5 678 38K U
=?45?9<7 9<6=?;1A9=<
AWQJ
3POSTRUHTLPO
@0 Rg\nod^ n`\g`_
<LM0 Igps kmjja`_
3POTGHT GRRGOKJNJOT -80 8 Ijmh D -F0 8 Ijmh F
Y V
J /ZZZ0
9OSUMGTLPO STGOIGRI
60 Fg\nn I
<LM0 Fg\nn E
I
Qpogdi` Gdh`indjin
=BA:9<5 49;5<@9=<@~ D9?9<7 4917?1; 1<4 >32=1?4 :1E=BA
Wido@ hh
`4b4 /:;<0 h`\in ^jio\^o b\k ^\i m`\^c 846hh
<PTJS070 Y` m`^jhh`i_ agps kmjja`_ otk`n ajm \ ^g`\i `iqdmjih`io /am`` amjh ^jio\hdi\odjin gdf` K8U2 UQ82PQ82 _pno2 `o^404
Y` npbb`no oj ^cjjn` kg\nod^ n`\g`_ otk`n \i_ q\gd_\o` do di m`\g \kkgd^\odji ajm \i pi^g`\i `iqdmjih`io /rdoc ^jio\hdi\odjin gdf` K8U2
UQ82 PQ82 _pno2 `o^04
80 Fjio\^o dn m`^jhh`i_`_ ajm npdo\]g` ^ji_dodji \i_ nk`^dad^\odjin da r\o`m ^g`\idib jm npma\^` kmj^`nn dn diqjgq`_ di \nn`h]gdib m`g\tn
ji RFE4
90 Vc`m` \m` orj nk`^dad^\odjin oj Y otk`@ 74;hh ^jio\^o b\k \i_ 846hh ^jio\^o b\k4Vc` _`a\pgo Y otk` dn 74;hh4 Uj kg`\n` \__ oc`
nk`^d\g ^j_` ,/:;<0, rc`i m`g`\ndib jm_`m2da 846hh ^jio\^o b\k dn m`lpdm`_4
:0 Vc` no\i_\m_ otk` dn h\_` ja ]g\^f ^jq`m4 La nhjf` ^jq`m dn m`lpdm`_2 kg`\n` \__ \ nk`^d\g npaads /<770 rc`i jm_`mdib4 Rg`\n` o\f` ijo`
oc\o nhjf` ^jq`m dn jigt \q\dg\]` ajm agps kmjja`_ otk`4


Similar Part No. - HF140FF_15

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF140FF/003-2HFXXX HONGFA-HF140FF/003-2HFXXX Datasheet
77Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FF/003-2HGFXXX HONGFA-HF140FF/003-2HGFXXX Datasheet
77Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FF/003-2HGXXX HONGFA-HF140FF/003-2HGXXX Datasheet
77Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FF/003-2HSFXXX HONGFA-HF140FF/003-2HSFXXX Datasheet
77Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FF/003-2HSGFXXX HONGFA-HF140FF/003-2HSGFXXX Datasheet
77Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
More results

Similar Description - HF140FF_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JZX-140FF ETC-JZX-140FF Datasheet
86Kb / 2P
   MINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF92F HONGFA-HF92F_15 Datasheet
69Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
HF18FF HONGFA-HF18FF Datasheet
409Kb / 10P
   MINIATURE INTERMEDIATE POWER RELAY
logo
List of Unclassifed Man...
HF420 ETC1-HF420 Datasheet
123Kb / 5P
   MINIATURE INTERMEDIATE POWER RELAY
JZX-18FF ETC-JZX-18FF Datasheet
121Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF18FA HONGFA-HF18FA Datasheet
71Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF92F HONGFA-HF92F Datasheet
77Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF92F HONGFA-HF92F Datasheet
70Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FFI HONGFA-HF140FFI Datasheet
138Kb / 7P
   MINIATURE INTERMEDIATE POWER RELAY
logo
EVER-WAY INDUSTRY COMPA...
HK13F EVER-WAY-HK13F Datasheet
427Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com