Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF140FF Datasheet(PDF) 2 Page - Hongfa Technology

Part # HF140FF
Description  MINIATURE INTERMEDIATE POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF140FF Datasheet(HTML) 2 Page - Hongfa Technology

  HF140FF_15 Datasheet HTML 1Page - Hongfa Technology HF140FF_15 Datasheet HTML 2Page - Hongfa Technology HF140FF_15 Datasheet HTML 3Page - Hongfa Technology HF140FF_15 Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
7>>
D AWQJ /846hh0
AXC
VX39 78;XDF
75:KR 8:6XDF
76D 8;6XDF
76D 96XGF
75>KR 786XDF
76D 8;6XDF
76D 96XGF
78D 8==XDF58;6XDF T`ndnodq` \o =6
759KR 78;XDF \o :6
76D 8;6XDF
76D 96XGF
78D 8==XDF58;6XDF T`ndnodq` \o =6
759KR 78;XDF \o :6
95:KR 8;6XDF \o :6
76D 8;6XDF
76D 96XGF
78D 8==XDF58;6XDF T`ndnodq` \o =6
759KR 78;XDF \o :6
PQ@VX3; 786XDF \o :6
95:KR 8;6XDF \o :6
78D 8==XDF58;6XDF T`ndnodq` \o =6
759KR 78;XDF \o :6
95:KR 8;6XDF \o :6
VX39 78;XDF
76D 8;6XDF
76D 8;6XDF
76D 96XGF
78D 8;6XDF
76D 8;6XDF
78D 8;6XDF
<PTJS070 Yc`i m`lpdm` kd^f3pk qjgo\b` B =;- ja ijhdi\g qjgo\b`2
nk`^d\g jm_`m \ggjr`_4
3=9: 41A1
\o 89
;
<
?
78
8:
:>
94=;
:4;6
<4=;
?466
7>46
9<46
64;
64<
64?
748
84:
:4>
;4;
<4<
?4?
7948
8<4:
;84>
7> s/7 76-0
8< s/7 76-0
;> s/7 76-0
768 s/7 76-0
:76 s/7 76-0
7<;6 s/7 76-0
Pjhdi\g
Xjgo\b`
XGF
Fjdg
T`ndno\i^`
Rd^f3pk
Xjgo\b`
XGF
h\s4
Gmjk3jpo
Xjgo\b`
XGF
hdi4
O\s4
Dggjr\]g`
Xjgo\b`
XGF
@165AE 1>>?=C1: ?1A9<7@
B:*3B:
Uo\i_\m_
Y otk`
8 Ijmh D
8 Ijmh D
8 Ijmh D
8 Ijmh D
8 Ijmh F
DbF_Q
DbPd
8 Ijmh F
8 Ijmh D
DbUiQ8
DbUiQ8
DbF_Q
DbF_Q
DbPd
DbUiQ8
8 Ijmh D
8 Ijmh F
D AWQJ /74;hh0
;
<
?
78
7>
8:
:>
94=;
:4;6
<4=;
?466
794;
7>46
9<46
64;
64<
64?
748
74>
84:
:4>
;4;
<4<
?4?
7948
7?4>
8<4:
;84>
97 s/7 76-0
:; s/7 76-0
767 s/7 76-0
7>6 s/7 76-0
:6; s/7 76-0
=86 s/7 76-0
8>>6 s/7 76-0
9
848;
649
949
7749 s/7 76-0
<6
:;46
<46
<<46
:;66 s/7 76-0
Pjhdi\g
Xjgo\b`
XGF
Fjdg
T`ndno\i^`
Rd^f3pk
Xjgo\b`
XGF
h\s4
Gmjk3jpo
Xjgo\b`
XGF
hdi4
O\s4
Dggjr\]g`
Xjgo\b`
XGF
80 1Vc` h\s4 \ggjr\]g` qjgo\b` di oc` FQLN GDVD dn ^jdg
jq`m_mdq` qjgo\b`2 do dn oc` dino\io\i`jpn h\s4 qjgo\b`
rcd^c oc` m`g\t ^jdg ^jpg_ `i_pm` di \ q`mt ncjmo odh`4
1
<PTJS0 70 Dgg q\gp`n pink`^dad`_ \m` \o mjjh o`hk`m\opm`4
80Qigt otkd^\g gj\_n \m` gdno`_ \]jq`4 Qoc`m gj\_ nk`^dad^\odjin ^\i ]` \q\dg\]g` pkji m`lp`no4
1


Similar Part No. - HF140FF_15

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF140FF/003-2HFXXX HONGFA-HF140FF/003-2HFXXX Datasheet
77Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FF/003-2HGFXXX HONGFA-HF140FF/003-2HGFXXX Datasheet
77Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FF/003-2HGXXX HONGFA-HF140FF/003-2HGXXX Datasheet
77Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FF/003-2HSFXXX HONGFA-HF140FF/003-2HSFXXX Datasheet
77Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FF/003-2HSGFXXX HONGFA-HF140FF/003-2HSGFXXX Datasheet
77Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
More results

Similar Description - HF140FF_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JZX-140FF ETC-JZX-140FF Datasheet
86Kb / 2P
   MINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF92F HONGFA-HF92F_15 Datasheet
69Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
HF18FF HONGFA-HF18FF Datasheet
409Kb / 10P
   MINIATURE INTERMEDIATE POWER RELAY
logo
List of Unclassifed Man...
HF420 ETC1-HF420 Datasheet
123Kb / 5P
   MINIATURE INTERMEDIATE POWER RELAY
JZX-18FF ETC-JZX-18FF Datasheet
121Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF18FA HONGFA-HF18FA Datasheet
71Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF92F HONGFA-HF92F Datasheet
77Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF92F HONGFA-HF92F Datasheet
70Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FFI HONGFA-HF140FFI Datasheet
138Kb / 7P
   MINIATURE INTERMEDIATE POWER RELAY
logo
EVER-WAY INDUSTRY COMPA...
HK13F EVER-WAY-HK13F Datasheet
427Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com