Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF140FF Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF140FF
Description  MINIATURE INTERMEDIATE POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF140FF Datasheet(HTML) 1 Page - Hongfa Technology

  HF140FF_15 Datasheet HTML 1Page - Hongfa Technology HF140FF_15 Datasheet HTML 2Page - Hongfa Technology HF140FF_15 Datasheet HTML 3Page - Hongfa Technology HF140FF_15 Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
7>=
6JGTURJS
Idg` Pj4@H79:;7=
Idg` Pj4@T;67:?797
Gd`g`^omd^
nom`iboc
Ucj^f m`ndno\i^`
KQPJID THND[
Idg` Pj4@FSF6?6686968?:
Fjio\^o m\odib
/T`n4 gj\_0
Rg\nod^ n`\g`_2
Igps kmjja`_
Fjinomp^odji
Uo\i_\m_@7666XDF 7hdi
Y otk`/74;hh0@8666XDF 7hdi
LUQ?6672 LUQ5VU7<?:? 2 LUQ7:6672 QKUDU7>6672 LHFS SF 6>6666 FHTVLILHG
867: T`q4 7467
O`^c\id^\g `i_pm\i^`
76fX /7485;6 xn0
7;hn h\s4
;hn h\s4
Upmb` qjgo\b` /]`or``i ^jdg . ^jio\^on0
Qk`m\o` odh` /\o ijhd4 qjgo40
T`g`\n` odh` /\o ijhd4 qjgo40
Kphd_dot
Dh]d`io o`hk`m\opm`
Ipi^odji\g
G`nomp^odq`
Xd]m\odji m`ndno\i^`
V`mhdi\odji
Wido r`dbco
;- oj >;- TK
3:6 oj >;
?>h5n8
?>6h5n8
76Ku oj ;;Ku 74;hhGD
RFE
Dkkmjs4 7>b
Y otk`/846hh0@8;66XDF 7hdi
Fjdg kjr`m
Uo\i_\m_@ Dkkmjs4 ;96hY
Y otk`/74;hh0@ Dkkmjs4 >66hY
Y otk`/846hh0@ Dkkmjs4 74:Y
@TGOIGRI TWQJ
86,/+66
8D2 8F
;6h h\s4/\o 7D 8:XGF0
DbUiQ82 DbPd2 DbF_Q
Fjio\^o \mm\ib`h`io
Fjio\^o m`ndno\i^`
Fjio\^o h\o`md\g
7666O /\o ;66XGF0
;666XDF 7hdi
9666XDF 7hdi
;9<91AB?5 9<A5?;5491A5 >=D5? ?5:1E
3=<A13A 41A1
381?13A5?9@A93@
[ 76D nrdo^cdib ^\k\]dgdot
[ ;fX _d`g`^omd^ nom`iboc
/]`or``i ^jdg \i_ ^jio\^on0
[ 846hh ^jio\^o b\k \q\dg\]g`
[ Uj^f`on \q\dg\]g`
[ Rg\nod^ n`\g`_ \i_ _pno kmjo`^o`_ otk`n \q\dg\]g`
[ WN dinpg\odji ntno`h@ Fg\nn I \q\dg\]g`
[ Hiqdmjih`io\g amd`i_gt kmj_p^o /TjKU ^jhkgd\io0
[ Qpogdi` Gdh`indjin@ /8?46 s 7946 s 8<490 hh
Linpg\odji m`ndno\i^`
E`or``i ^jdg . ^jio\^on
E`or``i ^jio\^on n`on
Pjhdi\g
Xjgo\b`
XGF
Fjdg
T`ndno\i^`
Rd^f3pk
Xjgo\b`
XGF
h\s4
Gmjk3jpo
Xjgo\b`
XGF
hdi4
O\s4
Xjgo\b`
XGF
;
<
?
78
7>
8:
:>
94=;
:4;6
<4=;
?466
794;
7>46
9<46
64;
64<
64?
748
74>
84:
:4>
<4;
=4>
774=
7;4<
894:
9748
<84:
:= s/7 76-0
<> s/7 76-0
7<6 s/7 76-0
8=; s/7 76-0
<86 s/7 76-0
7766 s/7 76-0
:7=6 s/7 76-0
9
848;
649
94?
7= s/7 76-0
<6
:;46
<46
=>46
=666 s/7 76-0
3=9: 41A1
\o 89
3=9:
E`or``i jk`i ^jio\^on
<PTJS0 70 Vc` _\o\ ncjri \]jq` \m` didod\g q\gp`n4
80 Rg`\n` adi_ ^jdg o`hk`m\opm` ^pmq` di oc` ^c\m\^o`mdnod^ ^pmq`n ]`gjr4
90 WN dinpg\odji ntno`h@ Fg\nn I2 Fg\nn E4
7s76;QRU /PQjm PF2 76D 8;6XDF2
T`ndnodq` gj\_2 Tjjh o`hk42 7n ji ?n jaa0
7s76;QRU /PQjm PF2 >D 96XGF2
T`ndnodq` gj\_2 Tjjh o`hk42 7n ji ?n jaa0
76D 8;6XDF
>D 96XGF
8;6XDF 5 96XGF
76D
8;66XD 5 8:6Y
O\s4 nrdo^cdib qjgo\b`
O\s4 nrdo^cdib ^pmm`io
O\s4 nrdo^cdib kjr`m
Hg`^omd^\g `i_pm\i^`
Uo\i_\m_@7s76=QRU
Y otk`/74;hh0@ ; s76;QRU
Y otk`/846hh0@ 9 s76;QRU
1


Similar Part No. - HF140FF_15

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF140FF/003-2HFXXX HONGFA-HF140FF/003-2HFXXX Datasheet
77Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FF/003-2HGFXXX HONGFA-HF140FF/003-2HGFXXX Datasheet
77Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FF/003-2HGXXX HONGFA-HF140FF/003-2HGXXX Datasheet
77Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FF/003-2HSFXXX HONGFA-HF140FF/003-2HSFXXX Datasheet
77Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FF/003-2HSGFXXX HONGFA-HF140FF/003-2HSGFXXX Datasheet
77Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
More results

Similar Description - HF140FF_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JZX-140FF ETC-JZX-140FF Datasheet
86Kb / 2P
   MINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF92F HONGFA-HF92F_15 Datasheet
69Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
HF18FF HONGFA-HF18FF Datasheet
409Kb / 10P
   MINIATURE INTERMEDIATE POWER RELAY
logo
List of Unclassifed Man...
HF420 ETC1-HF420 Datasheet
123Kb / 5P
   MINIATURE INTERMEDIATE POWER RELAY
JZX-18FF ETC-JZX-18FF Datasheet
121Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF18FA HONGFA-HF18FA Datasheet
71Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF92F HONGFA-HF92F Datasheet
77Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF92F HONGFA-HF92F Datasheet
70Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FFI HONGFA-HF140FFI Datasheet
138Kb / 7P
   MINIATURE INTERMEDIATE POWER RELAY
logo
EVER-WAY INDUSTRY COMPA...
HK13F EVER-WAY-HK13F Datasheet
427Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com