Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS3440 Datasheet(PDF) 17 Page - Semtech Corporation

Part # GS3440
Description  Extended Reach 3G/HD/SD Adaptive Cable Equalizer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3440 Datasheet(HTML) 17 Page - Semtech Corporation

Back Button GS3440 Datasheet HTML 13Page - Semtech Corporation GS3440 Datasheet HTML 14Page - Semtech Corporation GS3440 Datasheet HTML 15Page - Semtech Corporation GS3440 Datasheet HTML 16Page - Semtech Corporation GS3440 Datasheet HTML 17Page - Semtech Corporation GS3440 Datasheet HTML 18Page - Semtech Corporation GS3440 Datasheet HTML 19Page - Semtech Corporation GS3440 Datasheet HTML 20Page - Semtech Corporation GS3440 Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
GS3440 Adaptive Cable Equalizer
Final Data Sheet
Rev. 2
December 2012
17 of 23
Proprietary and Confidential
5. Application Information
5.1 High-Gain Adaptive Cable Equalizers
The GS3440 is a multi-rate adaptive cable equalizer. In order to continue to extend the
cable length that the device can support, it is necessary to have high-gain in the
equalizer.
A video cable equalizer must provide wide band gain over a range of frequencies in
order to accommodate the range of data rates and signal patterns that are present in a
SMPTE-compliant serial video stream.
Small levels of signal or noise present at the input pins of the equalizer may cause
chatter at the output. In order to prevent this from happening, particular attention must
be paid to board layout.
5.2 PCB Layout
Special attention must be paid to component layout when designing Serial Digital
Interfaces for HDTV. An FR-4 dielectric can be used, however, controlled impedance
transmission lines are required for PCB traces longer than approximately 1cm. Note the
following PCB artwork features used to optimize performance:
• PCB trace width for 3Gb/s rate signals is closely matched to SMT component width
to minimize reflections due to change in trace impedance.
• High-speed traces are curved to minimize impedance changes.
• Cutouts in the inner layers should be used under the GS3440 input and output
components to minimize parasitic capacitance. For more detail on this and other
layout recommendations, please refer to A Guide For Designing With Gennum’s
3G-SDI Equalizers.


Similar Part No. - GS3440

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS3440 GENNUM-GS3440 Datasheet
1Mb / 23P
Automatic power-down on loss of signal
More results

Similar Description - GS3440

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS3441 SEMTECH-GS3441 Datasheet
1Mb / 25P
Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs
logo
Texas Instruments
LMH0394 TI1-LMH0394_15 Datasheet
1Mb / 35P
3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0394 TI1-LMH0394 Datasheet
357Kb / 21P
3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21644 MA-COM-M21644 Datasheet
809Kb / 31P
3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
logo
Texas Instruments
LMH0395 TI1-LMH0395 Datasheet
370Kb / 21P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395 TI1-LMH0395_15 Datasheet
1Mb / 33P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M31544 MA-COM-M31544 Datasheet
1Mb / 28P
3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer with Integrated Jitter Cleaner
M21544 MA-COM-M21544 Datasheet
771Kb / 32P
3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer with Integrated Jitter Cleaner
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com