Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS3440 Datasheet(PDF) 14 Page - Semtech Corporation

Part # GS3440
Description  Extended Reach 3G/HD/SD Adaptive Cable Equalizer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3440 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button GS3440 Datasheet HTML 10Page - Semtech Corporation GS3440 Datasheet HTML 11Page - Semtech Corporation GS3440 Datasheet HTML 12Page - Semtech Corporation GS3440 Datasheet HTML 13Page - Semtech Corporation GS3440 Datasheet HTML 14Page - Semtech Corporation GS3440 Datasheet HTML 15Page - Semtech Corporation GS3440 Datasheet HTML 16Page - Semtech Corporation GS3440 Datasheet HTML 17Page - Semtech Corporation GS3440 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
GS3440 Adaptive Cable Equalizer
Final Data Sheet
Rev. 2
December 2012
14 of 23
Proprietary and Confidential
4.4 Programmable Squelch Adjust (SQ_ADJ)
The GS3440 features a programmable Squelch Adjust (SQ_ADJ) threshold.
This feature can be useful in applications where there are multiple input channels using
the GS3440 and the maximum gain can be limited to avoid crosstalk.
The SQ_ADJ pin acts to change the threshold of the Carrier Detect (CD) pin. When the
input signal drops below the threshold set by SQ_ADJ, the CD pin will be driven HIGH,
indicating that there is not a valid input signal. In applications where programmable
squelch adjust is not required, the SQ_ADJ pin can be left unconnected.
This feature has been designed for use in applications such as routers, where signal
crosstalk and circuit noise cause the equalizer to output erroneous data when no input
signal is present. The use of a Carrier Detect function with a fixed internal reference
does not solve this problem, since the signal-to-noise ratio on the circuit board could be
significantly less than the default signal detection level set by the on-chip reference.
Note
:
When using SQ_ADJ to limit the maximum gain of the GS3440, CD should not be
connected to SLEEP.
4.5 Carrier Detect, Sleep, and Auto-Sleep
The Carrier Detect output pin (CD) indicates the presence of a valid signal at the input of
the GS3440. When CD is LOW, the device has detected a valid input on SDI and SDI.
When CD is HIGH, the device has not detected a valid input.
The GS3440 includes a SLEEP input pin, which can be used to put the device into a
low-power sleep mode, consuming less than 35mW. In this mode, the outputs are high
impedance and will be pulled high by the on-chip termination. Set the SLEEP pin HIGH
to place the chip in this low-power state. In this mode, the Carrier Detect output will still
function to facilitate the detection of a valid serial input data signal.
Auto-Sleep is enabled by connecting CD to SLEEP. When connected, the GS3440 will
automatically go into low-power sleep mode when there is a loss of Serial Digital Input
signal.
Note 1:
CD will only detect loss of carrier for data rates greater than 19Mb/s.
Note 2:
If SQ_ADJ is being used to limit the maximum gain of the device, and the
maximum cable length is exceeded when BYPASS is set LOW, the CD pin will be set to
HIGH even if a carrier is present.
Note 3:
If the CD pin is connected to the SLEEP pin, SQ_ADJ must be either left open, or
connected to ground.
Table 4-2: SLEEP Input Table
SLEEP
Function
0The GS3440 operates normally
1
The GS3440 enters low-power sleep
mode. CD output remains valid


Similar Part No. - GS3440

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS3440 GENNUM-GS3440 Datasheet
1Mb / 23P
Automatic power-down on loss of signal
More results

Similar Description - GS3440

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
logo
Texas Instruments
LMH0394 TI1-LMH0394 Datasheet
357Kb / 21P
3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0395 TI1-LMH0395 Datasheet
370Kb / 21P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
logo
Semtech Corporation
GS3441 SEMTECH-GS3441 Datasheet
1Mb / 25P
Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs
logo
M/A-COM Technology Solu...
M21644 MA-COM-M21644 Datasheet
809Kb / 31P
3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
M31544 MA-COM-M31544 Datasheet
1Mb / 28P
3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer with Integrated Jitter Cleaner
M21544 MA-COM-M21544 Datasheet
771Kb / 32P
3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer with Integrated Jitter Cleaner
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
LMH0394 TI1-LMH0394_15 Datasheet
1Mb / 35P
3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0395 TI1-LMH0395_15 Datasheet
1Mb / 33P
3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com