Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS3440 Datasheet(PDF) 11 Page - Semtech Corporation

Part # GS3440
Description  Extended Reach 3G/HD/SD Adaptive Cable Equalizer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3440 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button GS3440 Datasheet HTML 7Page - Semtech Corporation GS3440 Datasheet HTML 8Page - Semtech Corporation GS3440 Datasheet HTML 9Page - Semtech Corporation GS3440 Datasheet HTML 10Page - Semtech Corporation GS3440 Datasheet HTML 11Page - Semtech Corporation GS3440 Datasheet HTML 12Page - Semtech Corporation GS3440 Datasheet HTML 13Page - Semtech Corporation GS3440 Datasheet HTML 14Page - Semtech Corporation GS3440 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
GS3440 Adaptive Cable Equalizer
Final Data Sheet
Rev. 2
December 2012
11 of 23
Proprietary and Confidential
3. Input/Output Circuits
Figure 3-1: Input Circuit
Figure 3-2: SQ_ADJ Circuit
Figure 3-3: Output Circuit
2.625k
Ω
RC
SDI
SDI
RC
2k
Ω
2k
Ω
2k
Ω
VCC_A
VCC_A
VCC_A
SQ_ADJ
82.4k
Ω
+
-
VCC_A
50
Ω
50
Ω
DDO
DDO
VCC_O
VCC_O
VCC_O


Similar Part No. - GS3440

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS3440 GENNUM-GS3440 Datasheet
1Mb / 23P
   Automatic power-down on loss of signal
More results

Similar Description - GS3440

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS3441 SEMTECH-GS3441 Datasheet
1Mb / 25P
   Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs
logo
Texas Instruments
LMH0394 TI1-LMH0394_15 Datasheet
1Mb / 35P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
LMH0394 TI1-LMH0394 Datasheet
357Kb / 21P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21644 MA-COM-M21644 Datasheet
809Kb / 31P
   3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
logo
Texas Instruments
LMH0395 TI1-LMH0395 Datasheet
370Kb / 21P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
LMH0395 TI1-LMH0395_15 Datasheet
1Mb / 33P
[Old version datasheet]   3G HD/SD SDI Dual Output Low Power Extended Reach Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
   3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M31544 MA-COM-M31544 Datasheet
1Mb / 28P
   3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer with Integrated Jitter Cleaner
M21544 MA-COM-M21544 Datasheet
771Kb / 32P
   3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer with Integrated Jitter Cleaner
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
[Old version datasheet]   3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com