Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK-015A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SK-015A
Description  SCREW MOUNTING
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SK-015A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SK-015A Datasheet HTML 1Page - List of Unclassifed Manufacturers SK-015A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
V
E
ELECTRICAL SCHEMATIC
UNIT:
INCH
mm
XXXX
N
L
E
I
N
L
F
D
N
L
O
A
L
FIG. B
CUSTOMER TRANSFORMER PRIMARIES
120V
120V
FIG. A
N
G
N
E
I
L
L
F
G
D
N
O
A
L
L
1. Designed to meet globally accepted IEC publication 320 Class 1,
that allows users to comply with industry standard in power entry
requirement.
o
2. Connector for cold condition, with pin temperature 70 C max.
3. Nickel-plated brass pins and soldering terminals.
4. Screw-on mount from front or rear (with screw type-M3).
5. Fuse holder designed for one fuse and one spare fuse (both 5x20mm
fuses). Safety interlock prevents fuse removal with line plug inserted.
6. Adapts to 110V or 240V input voltage simply by reversing the voltage
selector.
7. All part numbers are UL recognized, CSA certified
except for SK-015A which is UL listed.
SK-1000 are DEMKO, approved.
SK-1017 is UL, CSA approved.
SK-1008 UL, CSA, VDE, CCC approved.
SK-1007A UL, CSA approved.
SK-1007A is patented for new construction (R.O.C. patent no. 54606).
SK-015A is UL, CSA, VDE, Somko, CCC. Approved
1. Rated voltage: 250VAC
2. Minimum insulation resistance at 500VDC: 10M OHM
3. Dielectric strength (one minute): 2000VAC between pins
4. Flammability class: UL 94V-0
SK-015A
MOUNTING CUTOUT
(FRONT MOUNTING)
1.08MAX.
27.5MAX.
1.575
40.0
1.19
30.3
1.97MAX.
50.0MAX.
R0.24(4X)
0.13(2X)
3.3(2X)
R6.0(4X)
THD. M3
3.5
0.14
20.0MAX.
0.79MAX.
40.0 0 .1
1.575 0 .004
R0.157MAX.(4X)
R4.0MAX.(4X)
9-1
+0.008
+0.2
-
27.50
-
1.080
SCREW MOUNTING
SPECIFICATIONS
TYPE & RATED CURRENT
SEMKO
VOLTAGE SELECTOR
FUSE HOLDER
CONNECTOR TYPE
(AT 250VAC)
RATED CURRENT
FEMALE
MALE
VDE
UL/CSA
DELTA PART NUMBER
_
SEMKO/NEMKO/SETI/DEMKO 10A/250VAC
_
SEV/SEMKO/NEMKO/DEMKO 10A/250VAC
SK-1017/SK-1000
1. SK-015A RATING
REMARKS:
4. "S" FOR SINGLE FUSE HOLDER
3. VOLTAGE SELECTOR CARD RATING
_
UL/CSA/VDE 10A/250VAC
IS A RETAINED DESIGN
2. SK-1017 FUSE HOLDER
SINGLE FUSE HOLDER ON SK-1017
ELECTRICAL SCHEMATIC
VDE
CCC
CSA
UL
-
-
-
10A
15A
SK-015A
SK-1000
FIG. A
S *4
-
10A
15A
FRONT *3
S *4
FIG. B
SK-1007A
10A
10A
S *2
FIG. A
-
10A
15A
SK-1017
TYPE & RATED CURRENT
MECHANICAL CONSTRUCTION
INTRODUCTIONS
ELECTRICAL SCHEMATIC


Similar Part No. - SK-015A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SK-015A DELTA-SK-015A Datasheet
652Kb / 2P
SCREW MOUNTING
More results

Similar Description - SK-015A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
10C2 DELTA-10C2 Datasheet
102Kb / 2P
SCREW MOUNTING
10C3 DELTA-10C3 Datasheet
102Kb / 2P
SCREW MOUNTING
SK-015A DELTA-SK-015A Datasheet
652Kb / 2P
SCREW MOUNTING
logo
Vishay Siliconix
VS-EBU15006HF4 VISHAY-VS-EBU15006HF4 Datasheet
143Kb / 7P
Screw mounting only
Revision: 16-Jun-15
logo
Semikron International
SK50GAL065DEC SEMIKRON-SK50GAL065DEC Datasheet
337Kb / 5P
One Screw Mounting
logo
FIBOX Enclosing innovat...
4712049 FIBOX-4712049 Datasheet
36Kb / 1P
Mounting screw
26.07.2023
3570678 FIBOX-3570678 Datasheet
36Kb / 1P
Mounting screw
31.07.2023
7028549 FIBOX-7028549 Datasheet
52Kb / 1P
Mounting screw M6x8
02.08.2023
5514042 FIBOX-5514042 Datasheet
38Kb / 1P
Mounting screw
11.08.2023
7028036 FIBOX-7028036 Datasheet
45Kb / 1P
Mounting screw
11.08.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com