Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF32FA Datasheet(PDF) 3 Page - Hongfa Technology

Part # HF32FA
Description  SUBMINIATURE INTERMEDIATE POWER RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF32FA Datasheet(HTML) 3 Page - Hongfa Technology

  HF32FA_15 Datasheet HTML 1Page - Hongfa Technology HF32FA_15 Datasheet HTML 2Page - Hongfa Technology HF32FA_15 Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NCYKNVN TXKUEJKOI QPXGS
GOFVSCOEG EVSWG
UGNQGSCUVSG SKTG
05.<.0>2<6=>60 0?<@2=
Ejio\^o Wjgo\b` /W0
Q`m^`io\b` Pa Ojhdi\g Ejdg Wjgo\b`
Ejio\^o Epmm`io /C0
Fdn^g\dh`m
Uc` nk`^dad^\odji dn ajm m`a`m`i^` jigt3 T`` oj ,U`mhdijgjbt \i_ Ipd_`gdi`n, ajm hjm` diajmh\odji3 Tk`^dad^\odjin np]e`^o oj ^c\ib` rdocjpo ijod^`3
X` ^jpg_ ijo `q\gp\o` \gg oc` k`majmh\i^` \i_ \gg oc` k\m\h`o`mn ajm `q`mt kjnnd]g` \kkgd^\odji3 Ucpn oc` pn`m ncjpg_ ]` di \ mdbco kjndodji oj
^cjjn` oc` npdo\]g` kmj_p^o ajm oc`dm jri \kkgd^\odji3 Ka oc`m` dn \it lp`mt1 kg`\n` ^jio\^o Jjiba\ ajm oc` o`^cid^\g n`mqd^`3 Jjr`q`m1 do dn oc` pn`mxn
m`nkjind]dgdot oj _`o`mhdi` rcd^c kmj_p^o ncjpg_ ]` pn`_ jigt3
v Yd\h`i Jjiba\ Gg`^omj\^jpnod^ Ej31 Mo_3 Cgg mdbcon ja Jjiba\ \m` m`n`mq`_3
/Djoojh qd`r0
Ppogdi` Fdh`indjin
Xdmdib Fd\bm\h
QED M\tjpo
S`h\mf? 60 Ki ^\n` ja ij ojg`m\i^` ncjri di jpogdi` _dh`indji? jpogdi` _dh`indji X6hh1 ojg`m\i^` ncjpg_ ]` w537hh@ jpogdi` _dh`indji [6hh
\i_ X:hh1 ojg`m\i^` ncjpg_ ]` w538hh@ jpogdi` _dh`indji [:hh1 ojg`m\i^` ncjpg_ ]` w539hh3
70 Uc` ojg`m\i^` rdocjpo di_d^\odib ajm QED g\tjpo dn \gr\tn w536hh3
80 Uc` rd_oc ja oc` bmd__dib dn 73:9hh3
=9
/Djoojh qd`r0
6 Hjmh C
. Utk` 7
6 Hjmh E
. Utk` 7
:
5
:5
655
:
65
65
6:
7:5WCE185WFE S`ndnodq` Mj\_/OE0
:?>7692 16829=6:9=} A6<69416.4<.8 .91 ;0 /:.<1 7.B:?>
Vido? hh
655
65
=5
5>5
685
665
675
85
75
95
T`indodq`
To\i_\m_
:5
;5
6<3;
53:
82538
539
539
72538
53:
53=
6<3;
6536
673<
73:9
73:9
673<
72 6
63:
72 638
72 6
82 638
53=
6536
536
537
53:
65
75
85
955
655
855
755
6
7
:
FE S`ndnodq` Mj\_
CE S`ndnodq` Mj\_
J otk`
[ otk`
JM otk`
9NRGQ-
60 Epmq` C? J otk`1
Epmq` D? [ otk`
70 U`no ^ji_dodjin? Hgps kmjja`_1
Sjjh o`hk31 63:n ji 63:n jaa3
C
D
7:5WCE185WFE S`ndnodq` Mj\_/OP0


Similar Part No. - HF32FA_15

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF32FA-G HONGFA-HF32FA-G Datasheet
62Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF32FA-G HONGFA-HF32FA-G Datasheet
67Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF32FA-G/003-HL1XXX HONGFA-HF32FA-G/003-HL1XXX Datasheet
62Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF32FA-G/003-HL2XXX HONGFA-HF32FA-G/003-HL2XXX Datasheet
62Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF32FA-G/003-HSL1XXX HONGFA-HF32FA-G/003-HSL1XXX Datasheet
62Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
More results

Similar Description - HF32FA_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JZC-33F ETC-JZC-33F Datasheet
51Kb / 2P
SUBMINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF36F HONGFA-HF36F Datasheet
62Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF38F HONGFA-HF38F Datasheet
62Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF43F HONGFA-HF43F Datasheet
57Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
JE7 HONGFA-JE7 Datasheet
64Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F Datasheet
57Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F_15 Datasheet
81Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF42F HONGFA-HF42F Datasheet
56Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF33F HONGFA-HF33F Datasheet
62Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF32FV HONGFA-HF32FV_17 Datasheet
64Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HFE51 HONGFA-HFE51 Datasheet
1Mb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com