Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF32FA Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF32FA
Description  SUBMINIATURE INTERMEDIATE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF32FA Datasheet(HTML) 1 Page - Hongfa Technology

  HF32FA_15 Datasheet HTML 1Page - Hongfa Technology HF32FA_15 Datasheet HTML 2Page - Hongfa Technology HF32FA_15 Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
T`indodq`? Ckkmjs3 755hX@
To\i_\m_? Ckkmjs3 9:5hX
Tcj^f
m`ndno\i^`
JPOIHC SGMCZ
Ejdg kjr`m
D`or``i ^jdg . ^jio\^on
D`or``i jk`i ^jio\^on
Fd`g`^omd^
nom`iboc
3GDRSPGQ
Ejio\^o m\odib
/S`n3 Mj\_0
Hdg` Oj3?G689:6<
Hdg` Oj3?9555;6=7
6C
6E
To\i_\m_ T`indodq`
To\i_\m_
:C 7:5WCE
:C 85WFE
8C 7:5WCE
8C 85WFE
6 Hjmh C
6 Hjmh E
Hdg` Oj3?ERE5>55757=;=>
:555WCE 6hdi
6555WCE 6hdi
=hn h\s3
9hn h\s3
:- oj =:- SJ
295 oj =:
>=h4n7
>=5h4n7
65Ju oj :: Ju 63;:hh FC
QED
Ckkmjs393;b
Qg\nod^ n`\g`_1 Hgps kmjja`_
9NRGQ- 60 Uc` qd]m\odji m`ndno\i^` ncjpg_ ]` 53;hh1 65Ju oj ::Ju ajm
OE ^jio\^o3 Cgjib rdoc oc` g`iboc _dm`^odji3
@12
KTP>5561 KTP4UT6;>9> 1 KTP695561 PJTCT6=5561 KGER RE 5=5555 EGSUKHKGF
7569 S`q3 6356
=7
8C 7:5WCE
8C 85WFE
:C 7:5WCE \o =:
7C 7:5WCE ^jn A53: \o =:
6 Hjmh C1 T`indodq`? 8C 955WCE \o =:
53,+3.
6C1 6E
<5h h\s3/\o 6C ;WFE0
Ejio\^o \mm\ib`h`io
Ejio\^o m`ndno\i^`
Ejio\^o h\o`md\g
Kinpg\odji m`ndno\i^`
Pk`m\o` odh` /\o ijhd3 qjgo30
S`g`\n` odh` /\o ijhd3 qjgo30
Jphd_dot
Ch]d`io o`hk`m\opm`
Hpi^odji\g
F`nomp^odq`
Wd]m\odji m`ndno\i^`
U`mhdi\odji
Vido r`dbco
Ejinomp^odji
6555N /\o :55WFE0
=?/8696.>?<2 69>2<8216.>2 ;:A2< <27.B
0:9>.0> 1.>.
05.<.0>2<6=>60=
0:67
Ojhdi\g
Wjgo\b`
WFE
Ejdg
S`ndno\i^`
Qd^f2pk
Wjgo\b`
WFE
h\s3
Fmjk2jpo
Wjgo\b`
WFE
hdi3
N\s3
Wjgo\b`
WFE
0:67 1.>.
:
;
>
67
6=
79
83<:
93:5
;3<:
>355
683:
6=35
537:
5385
539:
53;5
53>5
6375
67:s/6 65-0
6=5s/6 65-0
955s/6 65-0
<75s/6 65-0
6;55 s /6 65-0
7=55 s /6 65-0
::s/6 65-0
=5s/6 65-0
6=5s/6 65-0
875s/6 65-0
<75 s /6 65-0
67=5 s /6 65-0
8
737:
536:
9:s/6 65-0
75 s /6 65-0
;3:
<3=
663<
6:3;
7839
8637
83>
Ojhdi\g
Wjgo\b`
WFE
Ejdg
S`ndno\i^`
Qd^f2pk
Wjgo\b`
WFE
h\s3
Fmjk2jpo
Wjgo\b`
WFE
hdi3
N\s3
Wjgo\b`
WFE
:
;
>
67
6=
79
83<:
93:5
;3<:
>355
683:
6=35
537:
5385
539:
53;5
53>5
6375
8
737:
536:
=3:
6537
6:38
7539
853;
953=
:36
=.32>B .;;<:@.7 <.>694=
?7~0?7
9=
8;35
7395
:675 s /6 65-0
;739
Z :C nrdo^cdib ^\k\]dgdot
Z Em``k\b`4^g`\m\i^` _dno\i^`B=hh
Z :fW _d`g`^omd^ nom`iboc /]`or``i ^jdg \i_ ^jio\^on0
Z 6 Hjmh C h``on WFG 5<551 5;86 m`diajm^` dinpg\odji
Z 6 Hjmh E h``on WFG 5;86 m`diajm^` dinpg\odji
Z VM dinpg\odji ntno`h? Eg\nn H
Z Qmj_p^o di \^^jm_\i^` oj KGE ;588:26 \q\dg\]g`
Z Giqdmjih`io\g amd`i_gt kmj_p^o /SjJT ^jhkgd\io0
Z Ppogdi` Fdh`indjin? /6<3; s 6536 s 67380 hh
=RDMFDPF RVOG
=GMQJRJTG RVOG {:MKV HNP * 3NPL .|
\o 78
CbOd
J otk`?6s65:PQT /:C 7:5WCE1
S`ndnodq` gj\_1 Sjjh o`hk31
63:n ji 63:n jaa0
[ otk`? 6 s 65:PQT /OP4OE1
8C 7:5WCE1 S`ndnodq` gj\_1
Sjjh o`hk31 63:n ji 63:n jaa0
N\s3 nrdo^cdib qjgo\b`
N\s3 nrdo^cdib ^pmm`io
N\s3 nrdo^cdib kjr`m
N`^c\id^\g `i_pm\i^`
7:5WCE 4 85WFE
:C
67:5WC 4 6:5X
6s65;PQT
Gg`^omd^\g `i_pm\i^`
9NRGQ- 60 N\sdhph qjgo\b` m`a`mn oj oc` h\sdhph qjgo\b` rcd^c m`g\t
^jdg ^jpg_ `i_pm` di \ ncjmo k`mdj_ ja odh`3
70 Uc` _\o\ ncjri \]jq` \m` didod\g q\gp`n3
80 Qg`\n` adi_ ^jdg o`hk`m\opm` ^pmq` di oc` ^c\m\^o`mdnod^ ^pmq`n ]`gjr3
@
12
9NRGQ- 60 Cgg q\gp`n pink`^dad`_ \m` \o mjjh o`hk`m\opm`3
70 Pigt otkd^\g gj\_n \m` gdno`_ \]jq`3 Poc`m gj\_ nk`^dad^\odjin
^\i ]` \q\dg\]g` pkji m`lp`no3
60
60
70
70 Hjm kmj_p^on rdoc m\o`_ qjgo\b` Y 9=W1 h`\npm`n ncjpg_ ]`
o\f`i oj km`q`io ^jdg jq`mqjgo\b` di jm_`m oj kmjo`^o ^jdg di o`no
\i_ \kkgd^\odji /`b3 Ejii`^o _dj_`n di k\m\gg`g03
:C 7:5WCE
:C 85WFE
64=JQ 67:WCE47:5WCE
UW27
E855
4


Similar Part No. - HF32FA_15

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF32FA-G HONGFA-HF32FA-G Datasheet
62Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF32FA-G HONGFA-HF32FA-G Datasheet
67Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF32FA-G/003-HL1XXX HONGFA-HF32FA-G/003-HL1XXX Datasheet
62Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF32FA-G/003-HL2XXX HONGFA-HF32FA-G/003-HL2XXX Datasheet
62Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF32FA-G/003-HSL1XXX HONGFA-HF32FA-G/003-HSL1XXX Datasheet
62Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
More results

Similar Description - HF32FA_15

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF32FV HONGFA-HF32FV_17 Datasheet
64Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F_15 Datasheet
81Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF42F HONGFA-HF42F Datasheet
56Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF33F HONGFA-HF33F Datasheet
62Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF36F HONGFA-HF36F Datasheet
62Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF38F HONGFA-HF38F Datasheet
62Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HFE51 HONGFA-HFE51 Datasheet
1Mb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
logo
List of Unclassifed Man...
JZC-33F ETC-JZC-33F Datasheet
51Kb / 2P
SUBMINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF43F HONGFA-HF43F Datasheet
57Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
JE7 HONGFA-JE7 Datasheet
64Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F Datasheet
57Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com