Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD587 Datasheet(PDF) 8 Page - Analog Devices

Part # AD587
Description  High Precision 10 V Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD587 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD587_15 Datasheet HTML 4Page - Analog Devices AD587_15 Datasheet HTML 5Page - Analog Devices AD587_15 Datasheet HTML 6Page - Analog Devices AD587_15 Datasheet HTML 7Page - Analog Devices AD587_15 Datasheet HTML 8Page - Analog Devices AD587_15 Datasheet HTML 9Page - Analog Devices AD587_15 Datasheet HTML 10Page - Analog Devices AD587_15 Datasheet HTML 11Page - Analog Devices AD587_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD587
Rev. H | Page 8 of 12
100
90
10
0%
1mV
2µs
10V
VL
VOUT
Figure 12. Fine-Scale Setting for Transient Load
In some applications, a varying load may be both resistive and
capacitive in nature, or the load may be connected to the
AD587 by a long capacitive cable.
Figure 14 displays the output amplifier characteristics driving a
1000 pF, 0 mA to 10 mA load.
AD587
VOUT
7.0V
1kΩ
VL
10V
0V
CL
1000pF
Figure 13. Capacitive Load Transient/Response Test Circuit
100
90
10
0%
200mV
1µs
10V
CL = 0
CL = 1000pF
VL
Figure 14. Output Response with Capacitive Load
LOAD REGULATION
The AD587 has excellent load regulation characteristics.
Figure 15 shows that varying the load several milliamperes
changes the output by only a few microvolts.
–6
–4
–2
0
–500
–1000
500
1000
ΔVOUT (µV)
LOAD (mA)
24
6
8
10
Figure 15. Typical Load Regulation Characteristics
TEMPERATURE PERFORMANCE
The AD587 is designed for precision reference applications
where temperature performance is critical. Extensive tempera-
ture testing ensures that the device’s high level of performance is
maintained over the operating temperature range.
Some confusion exists in the area of defining and specifying
reference voltage error over temperature. Historically, references
have been characterized using a maximum deviation per degree
Celsius, such as ppm/°C. However, because of nonlinearities in
temperature characteristics that originated in standard Zener
references (such as S-type characteristics), most manufacturers
have begun to use a maximum limit error-band approach to
specify devices. This technique involves the measurement of the
output at three or more temperatures to specify an output
voltage error band.


Similar Part No. - AD587_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD587JCHIPS AD-AD587JCHIPS Datasheet
177Kb / 12P
High Precision 10 V Reference
REV. F
AD587JN AD-AD587JN Datasheet
177Kb / 12P
High Precision 10 V Reference
REV. F
AD587JN AD-AD587JN Datasheet
361Kb / 12P
High Precision 10 V Reference
Rev. H
AD587JNZ AD-AD587JNZ Datasheet
177Kb / 12P
High Precision 10 V Reference
REV. F
AD587JNZ1 AD-AD587JNZ1 Datasheet
361Kb / 12P
High Precision 10 V Reference
Rev. H
More results

Similar Description - AD587_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD688 AD-AD688_15 Datasheet
490Kb / 16P
High Precision 10 V Reference
REV. B
AD688 AD-AD688 Datasheet
406Kb / 8P
High Precision -10 V Reference
REV. A
AD587 AD-AD587 Datasheet
177Kb / 12P
High Precision 10 V Reference
REV. F
5962-8982502PA AD-5962-8982502PA Datasheet
361Kb / 12P
High Precision 10 V Reference
Rev. H
AD688ARWZ AD-AD688ARWZ Datasheet
490Kb / 16P
High Precision 10 V Reference
REV. B
AD581SH883B AD-AD581SH883B Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
AD581 AD-AD581_15 Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
AD581SH AD-AD581SH Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
AD581 AD-AD581 Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
REF01 AD-REF01 Datasheet
384Kb / 12P
10 V Precision Voltage Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com