Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD586 Datasheet(PDF) 1 Page - Analog Devices

Part # AD586
Description  High Precision 5 V Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD586 Datasheet(HTML) 1 Page - Analog Devices

  AD586_15 Datasheet HTML 1Page - Analog Devices AD586_15 Datasheet HTML 2Page - Analog Devices AD586_15 Datasheet HTML 3Page - Analog Devices AD586_15 Datasheet HTML 4Page - Analog Devices AD586_15 Datasheet HTML 5Page - Analog Devices AD586_15 Datasheet HTML 6Page - Analog Devices AD586_15 Datasheet HTML 7Page - Analog Devices AD586_15 Datasheet HTML 8Page - Analog Devices AD586_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
High Precision
5 V Reference
AD586
Rev. G
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Laser trimmed to high accuracy
5.000 V ±2.0 mV (M grade)
Trimmed temperature coefficient
2 ppm/°C max, 0°C to 70°C (M grade)
5 ppm/°C max, −40°C to +85°C (B and L grades)
10 ppm/°C max, −55°C to +125°C (T grade)
Low noise, 100 nV/√Hz
Noise reduction capability
Output trim capability
MIL-STD-883-compliant versions available
Industrial temperature range SOICs available
Output capable of sourcing or sinking 10 mA
GENERAL DESCRIPTION
The AD586 represents a major advance in state-of-the-art
monolithic voltage references. Using a proprietary ion-implanted
buried Zener diode and laser wafer trimming of high stability
thin-film resistors, the AD586 provides outstanding perform-
ance at low cost.
The AD586 offers much higher performance than most other
5 V references. Because the AD586 uses an industry-standard
pinout, many systems can be upgraded instantly with the
AD586.
The buried Zener approach to reference design provides lower
noise and drift than band gap voltage references. The AD586
offers a noise reduction pin that can be used to further reduce
the noise level generated by the buried Zener.
The AD586 is recommended for use as a reference for 8-, 10-,
12-, 14-, or 16-bit DACs that require an external precision
reference. The device is also ideal for successive approximation
or integrating ADCs with up to 14 bits of accuracy and, in
general, can offer better performance than the standard on-chip
references.
The AD586J, AD586K, AD586L, and AD586M are specified for
operation from 0°C to 70°C; the AD586A and AD586B are
specified for −40°C to +85°C operation; and the AD586S and
AD586T are specified for −55°C to +125°C operation.
The AD586J, AD586K, AD586L, and AD586M are available in
an 8-lead PDIP; the AD586J, AD586K, AD586L, AD586A, and
AD586B are available in an 8-lead SOIC package; and the
AD586J, AD586K, AD586L, AD586S, and AD586T are
available in an 8-lead CERDIP package.
A1
RS
RZ1
RZ2
RF
RT
RI
AD586
GND
VIN
NOISE REDUCTION
VOUT
TRIM
NOTES
1. PINS 1, 3, AND 7 ARE INTERNAL TEST POINTS.
MAKE NO CONNECTIONS TO THESE POINTS.
6
5
4
8
2
Figure 1.
PRODUCT HIGHLIGHTS
1.
Laser trimming of both initial accuracy and temperature
coefficients results in very low errors over temperature
without the use of external components. The AD586M has
a maximum deviation from 5.000 V of ±2.45 mV between
0°C and 70°C, and the AD586T guarantees ±7.5 mV
maximum total error between −55°C and +125°C.
2.
For applications requiring higher precision, an optional
fine-trim connection is provided.
3.
Any system using an industry-standard pinout reference
can be upgraded instantly with the AD586.
4.
Output noise of the AD586 is very low, typically 4 µV p-p.
A noise reduction pin is provided for additional noise
filtering using an external capacitor.
5.
The AD586 is available in versions compliant with
MIL-STD-883. Refer to the Analog Devices Military
Products Databook or the current AD586/883B data sheet
for detailed specifications.


Similar Part No. - AD586_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD586A AD-AD586A Datasheet
203Kb / 8P
High Precision 5 V Reference
REV. C
AD586AR AD-AD586AR Datasheet
203Kb / 8P
High Precision 5 V Reference
REV. C
AD586AR AD-AD586AR Datasheet
479Kb / 16P
High Precision 5 V Reference
Rev. G
AD586AR AD-AD586AR Datasheet
479Kb / 16P
High Precision 5 V Reference
Rev. G
AD586AR-REEL AD-AD586AR-REEL Datasheet
479Kb / 16P
High Precision 5 V Reference
Rev. G
More results

Similar Description - AD586_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-8982401PA AD-5962-8982401PA Datasheet
479Kb / 16P
High Precision 5 V Reference
Rev. G
AD586 AD-AD586 Datasheet
203Kb / 8P
High Precision 5 V Reference
REV. C
AD586 AD-AD586_05 Datasheet
479Kb / 16P
High Precision 5 V Reference
Rev. G
AD688 AD-AD688_15 Datasheet
490Kb / 16P
High Precision 10 V Reference
REV. B
REF02 AD-REF02_05 Datasheet
584Kb / 16P
5 V Precision Voltage Reference/Temperature Transducer
Rev. I
REF02 AD-REF02 Datasheet
454Kb / 16P
5 V Precision Voltage Reference/Temperature Transducer
Rev. F
AD688 AD-AD688 Datasheet
406Kb / 8P
High Precision -10 V Reference
REV. A
AD587 AD-AD587_15 Datasheet
361Kb / 12P
High Precision 10 V Reference
Rev. H
AD587 AD-AD587 Datasheet
177Kb / 12P
High Precision 10 V Reference
REV. F
5962-8982502PA AD-5962-8982502PA Datasheet
361Kb / 12P
High Precision 10 V Reference
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com