Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT163601 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74FCT163601
Description  3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT163601 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74FCT163601 Datasheet HTML 1Page - Integrated Device Technology IDT74FCT163601 Datasheet HTML 2Page - Integrated Device Technology IDT74FCT163601 Datasheet HTML 3Page - Integrated Device Technology IDT74FCT163601 Datasheet HTML 4Page - Integrated Device Technology IDT74FCT163601 Datasheet HTML 5Page - Integrated Device Technology IDT74FCT163601 Datasheet HTML 6Page - Integrated Device Technology IDT74FCT163601 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
5.9
2
IDT74FCT163601/A
3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVERS
COMMERCIAL TEMPERATURE RANGE
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input
Capacitance
VIN = 0V
3.5
6.0
pF
CI/O
I/O
Capacitance
VOUT = 0V
3.5
8.0
pF
NOTE:
1. This parameter is measured at characterization but not tested.
3251 lnk 04
PIN CONFIGURATIONS
3251 drw 02
CLKENAB
B2
B3
GND
B4
B5
VCC
B6
B7
B1
B8
B9
B10
B11
GND
B12
B13
VCC
B14
GND
CLKAB
B16
B15
B17
GND
B18
CLKBA
CLKENBA
OEAB
LEAB
A1
GND
A2
A3
VCC
A4
A5
GND
A6
A7
A8
A9
GND
A10
A11
VCC
A12
A18
A14
A13
A16
GND
A17
LEBA
A15
OEBA
47
37
38
39
40
41
42
43
44
45
46
33
34
35
36
56
55
49
50
51
52
53
54
48
1
2
3
4
5
6
7
8
9
10
12
13
14
15
16
17
18
19
20
11
21
22
23
24
SSOP
TSSOP/TVSOP
TOP VIEW
SO56-1
SO56-2
SO56-3
29
30
31
32
25
26
27
28
PIN DESCRIPTION
Pin Names
Description
OEAB
A-to-B Output Enable Input (Active LOW)
OEBA
B-to-A Output Enable Input (Active LOW)
LEAB
A-to-B Latch Enable Input
LEBA
B-to-A Latch Enable Input
CLKAB
A-to-B Clock Input
CLKBA
B-to-A Clock Input
Ax
A-to-B Data Inputs or B-to-A 3-State Outputs
Bx
B-to-A Data Inputs or A-to-B 3-State Outputs
CLKENAB
A to B Clock Enable Input (Active LOW)
CLKENBA
B to A Clock Enable Input (Active LOW)
3251 tbl 01
FUNCTION TABLE
(1,4)
Inputs
Outputs
CLKENAB
CLKENAB
OEAB
OEAB
LEAB
CLKAB
A
B
XH
X
X
X
Z
XL
H
X
L
L
XL
H
X
H
H
HL
L
X
X
B0(2)
LL
L
LL
LL
L
HH
L
LLL
X
B0(2)
LL
L
H
X
B0(3)
NOTES:
3251 tbl 02
1. A-to-B data flow is shown. B-to-A data flow is similar but uses
OEBA,
LEBA, CLKBA and
CLKENBA.
2. Output level before the indicated steady-state input conditions were
established.
3. Output level before the indicated steady-state input conditions were
established, provided that CLKAB was HIGH before LEAB went LOW.
4. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don't Care
Z = High-impedance
↑ = LOW-to-HIGH Transition
ABSOLUTE MAXIMUM RATINGS
(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied.
Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. Vcc terminals.
3. Input terminals.
4. Output and I/O terminals.
3251 lnk 03
Symbol
Description
Max.
Unit
VTERM(2)
Terminal Voltage with
Respect to GND
–0.5 to +4.6
V
VTERM(3)
Terminal Voltage with
Respect to GND
–0.5 to +7.0
V
VTERM(4)
Terminal Voltage with
Respect to GND
–0.5 to
VCC + 0.5
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
DC Output Current
–60 to +60
mA


Similar Part No. - IDT74FCT163601

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT163646 IDT-IDT74FCT163646 Datasheet
154Kb / 9P
3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74FCT163646A IDT-IDT74FCT163646A Datasheet
154Kb / 9P
3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74FCT163646APA IDT-IDT74FCT163646APA Datasheet
154Kb / 9P
3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74FCT163646APF IDT-IDT74FCT163646APF Datasheet
154Kb / 9P
3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74FCT163646APV IDT-IDT74FCT163646APV Datasheet
154Kb / 9P
3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
More results

Similar Description - IDT74FCT163601

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVCHR16501 IDT-IDT74ALVCHR16501 Datasheet
74Kb / 7P
3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCH16501 IDT-IDT74ALVCH16501 Datasheet
82Kb / 7P
3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCHR16601 IDT-IDT74ALVCHR16601 Datasheet
72Kb / 7P
3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCF162835A IDT-IDT74ALVCF162835A Datasheet
73Kb / 6P
3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
IDT74ALVC162835 IDT-IDT74ALVC162835 Datasheet
71Kb / 6P
3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
IDT74ALVC16835 RENESAS-IDT74ALVC16835 Datasheet
282Kb / 7P
3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
JUNE 2009
IDT74ALVCF162835A RENESAS-IDT74ALVCF162835A Datasheet
278Kb / 7P
3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
NOVEMBER 2008
logo
Integrated Device Techn...
IDT74FCT16601AT IDT-IDT74FCT16601AT Datasheet
116Kb / 7P
FAST CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74ALVCH16601DGGR TI-SN74ALVCH16601DGGR Datasheet
374Kb / 15P
18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16501 TI-SN74ALVCH16501_06 Datasheet
297Kb / 13P
18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com