Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72421 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # IDT72421
Description  CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72421 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button IDT72421 Datasheet HTML 6Page - Integrated Device Technology IDT72421 Datasheet HTML 7Page - Integrated Device Technology IDT72421 Datasheet HTML 8Page - Integrated Device Technology IDT72421 Datasheet HTML 9Page - Integrated Device Technology IDT72421 Datasheet HTML 10Page - Integrated Device Technology IDT72421 Datasheet HTML 11Page - Integrated Device Technology IDT72421 Datasheet HTML 12Page - Integrated Device Technology IDT72421 Datasheet HTML 13Page - Integrated Device Technology IDT72421 Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72421/72201/72211/72221/72231/72241/72251 CMOS SyncFIFO™
64 x 9, 256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
configuration, the Write Enable 2/Load (WEN2/
LD)pinissetLOWatResetso
thatthepinoperatesasacontroltoloadandreadtheprogrammableflagoffsets.
DEPTH EXPANSION - The IDT72421/72201/72211/72221/72231/72241/
72251 can be adapted to applications when the requirements are for greater
than 64/256/512/1,024/2,048/4,096/8,192 words. The existence of two
enable pins on the read and write port allow depth expansion. The Write
Enable 2/Load pin is used as a second write enable in a depth expansion
configurationthustheProgrammableflagsaresettothedefaultvalues. Depth
expansion is possible by using one enable input for system control while the
other enable input is controlled by expansion logic to direct the flow of data. A
typical application would have the expansion logic alternate data access from
one device to the next in a sequential manner. These devices operate in the
Depth Expansion configuration when the following conditions are met:
1. The WEN2/
LD pin is held HIGH during Reset so that this pin operates a
second Write Enable.
2. External logic is used to control the flow of data.
Please see the Application Note "DEPTH EXPANSION OF IDT'S SYN-
CHRONOUS FIFOs USING THE RING COUNTER APPROACH" for details
ofthisconfiguration.
Figure 15. Block Diagram of 64 x 18, 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, 4,096 x 18, 8,192 x 18
Synchronous FIFO Used in a Width Expansion Configuration
OPERATING CONFIGURATIONS
SINGLE DEVICE CONFIGURATION
A single IDT72421/72201/72211/72221/72231/72241/72251 may be used
when the application requirements are for 64/256/512/1,024/2,048/4,096/
8,192 words or less. When these FIFOs are in a Single Device Configuration,
the Read Enable 2 (
REN2) control input can be grounded (see Figure 14). In
thisconfiguration,theWriteEnable2/Load(WEN2/
LD)pinissetLOWatReset
so that the pin operates as a control to load and read the programmable flag
offsets.
WIDTH EXPANSION CONFIGURATION
Wordwidthmaybeincreasedsimplybyconnectingthecorrespondinginput
controlssignalsofmultipledevices. Acompositeflagshouldbecreatedforeach
of the endpoint status flags (
EF and FF). The partial status flags (AE and AF)
can be detected from any one device. Figure 15 demonstrates a 18-bit word
width by using two IDT72421/72201/72211/72221/72231/72241/72251s.
Any word width can be attained by adding additional IDT72421/72201/72211/
72221/72231/72241/72251s.
When these FIFOs are in a Width Expansion Configuration, the Read
Enable 2 (
REN2) control input can be grounded (see Figure 15). In this
Figure 14. Block Diagram of Single 64 x 9, 256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9, 8,192 x 9 Synchronous FIFO
DATA OUT (Q0 - Q8)
DATA IN (D0 - D8)
RESET (
RS)
READ CLOCK (RCLK)
READ ENABLE 1 (
REN1)
OUTPUT ENABLE (
OE)
EMPTY FLAG (
EF)
PROGRAMMABLE ALMOST-EMPTY (
PAE)
READ ENABLE 2 (
REN2)
WRITE CLOCK (WCLK)
WRITE ENABLE 1 (
WEN1)
WRITE ENABLE 2/LOAD (WEN2/
LD)
FULL FLAG (
FF)
PROGRAMMABLE ALMOST-FULL (
PAF)
IDT
72421
72201
72211
72221
72231
72241
72251
2655 drw 16
DATA IN (D)
WRITE CLOCK (WCLK)
18
9
9
RESET (
RS)
READ CLOCK (RCLK)
DATA OUT (Q)
9
18
READ ENABLE 2 (
REN2)
READ ENABLE 2 (
REN2)
WRITE ENABLE1 (
WEN1)
FULL FLAG (
FF) #1
PROGRAMMABLE (
PAF)
PROGRAMMABLE (
PAE)
EMPTY FLAG (
EF) #2
OUTPUT ENABLE (
OE)
READ ENABLE (
REN)
9
WRITE ENABLE2/LOAD (WEN2/
LD)
IDT
72421
72201
72211
72221
72231
72241
72251
FULL FLAG (
FF) #2
EMPTY FLAG (
EF) #1
RESET (
RS)
IDT
72421
72201
72211
72221
72231
72241
72251
2655 drw 17


Similar Part No. - IDT72421

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421 Datasheet
199Kb / 19P
CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72421 IDT-IDT72421 Datasheet
291Kb / 14P
CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72421 RENESAS-IDT72421 Datasheet
301Kb / 15P
CMOS SyncFIFO™
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72421L12J IDT-IDT72421L12J Datasheet
199Kb / 19P
CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72421L12JB IDT-IDT72421L12JB Datasheet
199Kb / 19P
CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
More results

Similar Description - IDT72421

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7203 IDT-IDT7203 Datasheet
147Kb / 14P
CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com