Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD16AN08_F085 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDD16AN08_F085
Description  N-Channel UltraFET짰 Trench MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD16AN08_F085 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDD16AN08_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDD16AN08_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDD16AN08_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDD16AN08_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDD16AN08_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDD16AN08_F085 Datasheet HTML 6Page - Fairchild Semiconductor FDD16AN08_F085 Datasheet HTML 7Page - Fairchild Semiconductor FDD16AN08_F085 Datasheet HTML 8Page - Fairchild Semiconductor FDD16AN08_F085 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Package Marking and Ordering Information
Electrical Characteristics T
C = 25°C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics (V
GS = 10V)
Drain-Source Diode Characteristics
Notes:
1: Starting TJ = 25°C, L = 155µH, IAS = 35A.
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDD16AN08A0
FDD16AN08A0_F085
TO-252AA
330mm
16mm
2500 units
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, VGS = 0V
75
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 60V
-
-
1
µA
VGS = 0V
TC = 150
oC-
-
250
IGSS
Gate to Source Leakage Current
VGS = ±20V
-
-
±100
nA
VGS(TH)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250µA2
-
4
V
rDS(ON)
Drain to Source On Resistance
ID = 50A, VGS = 10V
-
0.013
0.016
ID = 25A, VGS = 6V
-
0.019
0.029
ID = 50A, VGS = 10V,
TJ = 175
oC
-
0.032
0.037
CISS
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1MHz
-
1874
-
pF
COSS
Output Capacitance
-
290
-
pF
CRSS
Reverse Transfer Capacitance
-
91
-
pF
Qg(TOT)
Total Gate Charge at 10V
VGS = 0V to 10V
VDD = 40V
ID = 50A
Ig = 1.0mA
31
47
nC
Qg(TH)
Threshold Gate Charge
VGS = 0V to 2V
-
4
6
nC
Qgs
Gate to Source Gate Charge
-
9.7
-
nC
Qgs2
Gate Charge Threshold to Plateau
-
5.7
-
nC
Qgd
Gate to Drain “Miller” Charge
-
7.2
-
nC
tON
Turn-On Time
VDD = 40V, ID = 50A
VGS = 10V, RGS = 10Ω
-
-
93
ns
td(ON)
Turn-On Delay Time
-
8
-
ns
tr
Rise Time
-
54
-
ns
td(OFF)
Turn-Off Delay Time
-
32
-
ns
tf
Fall Time
-
22
-
ns
tOFF
Turn-Off Time
-
-
81
ns
VSD
Source to Drain Diode Voltage
ISD = 50A
-
-
1.25
V
ISD = 25A
-
-
1.0
V
trr
Reverse Recovery Time
ISD = 50A, dISD/dt = 100A/µs-
-
34
ns
QRR
Reverse Recovered Charge
ISD = 50A, dISD/dt = 100A/µs-
-
31
nC
FD
D16AN08A0_F085 Rev. A1
www.fairchildsemi.com
2


Similar Part No. - FDD16AN08_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD16AN08A0 FAIRCHILD-FDD16AN08A0 Datasheet
242Kb / 11P
   N-Channel UltraFET Trench MOSFET 75V, 50A, 16m?
logo
BYCHIP ELECTRONICS CO.,...
FDD16AN08A0 BYCHIP-FDD16AN08A0 Datasheet
690Kb / 4P
   N-channel Enhancement Mode Power MOSFET
More results

Similar Description - FDD16AN08_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6632 FAIRCHILD-FDD6632_04 Datasheet
267Kb / 11P
   N-Channel Logic Level UltraFET짰 Trench Power MOSFET 30V, 9A, 70m?
HUFA75852G3 FAIRCHILD-HUFA75852G3_11 Datasheet
264Kb / 7P
   75A, 150V, 0.016 Ohm, N-Channel, UltraFET짰 Power MOSFET
logo
ON Semiconductor
HUF76629D3ST-F085 ONSEMI-HUF76629D3ST-F085 Datasheet
550Kb / 7P
   N-Channel Logic Level UltraFET짰 Power MOSFET 100V, 20A, 52m廓
August-2017, Rev. 3
logo
Fairchild Semiconductor
HUFA76413DK8T FAIRCHILD-HUFA76413DK8T_10 Datasheet
622Kb / 11P
   N-Channel Logic Level UltraFET짰 Power MOSFET 60V, 4.8A, 56m廓
HUFA76645S3ST FAIRCHILD-HUFA76645S3ST Datasheet
309Kb / 10P
   75A, 100V, 0.015 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
logo
AUK corp
STK003SF AUK-STK003SF Datasheet
327Kb / 8P
   N-channel Trench MOSFET
logo
Unisonic Technologies
UTN6266 UTC-UTN6266 Datasheet
272Kb / 7P
   N-CHANNEL TRENCH MOSFET
logo
List of Unclassifed Man...
PFB6000 ETC2-PFB6000 Datasheet
130Kb / 3P
   N-CHANNEL TRENCH MOSFET
logo
AUK corp
STK001SF AUK-STK001SF Datasheet
325Kb / 8P
   N-channel Trench MOSFET
STK004SF AUK-STK004SF Datasheet
324Kb / 8P
   N-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com