Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD16AN08_F085 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FDD16AN08_F085
Description  N-Channel UltraFET짰 Trench MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD16AN08_F085 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FDD16AN08_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDD16AN08_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDD16AN08_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDD16AN08_F085 Datasheet HTML 6Page - Fairchild Semiconductor FDD16AN08_F085 Datasheet HTML 7Page - Fairchild Semiconductor FDD16AN08_F085 Datasheet HTML 8Page - Fairchild Semiconductor FDD16AN08_F085 Datasheet HTML 9Page - Fairchild Semiconductor FDD16AN08_F085 Datasheet HTML 10Page - Fairchild Semiconductor FDD16AN08_F085 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PSPICE Thermal Model
REV 23 March 2002
FDD16AN08A0T
CTHERM1 th 6 0.002
CTHERM2 6 5 0.004
CTHERM3 5 4 0.006
CTHERM4 4 3 0.01
CTHERM5 3 2 0.03
CTHERM6 2 tl 0.08
RTHERM1 th 6 0.075
RTHERM2 6 5 0.09
RTHERM3 5 4 0.1
RTHERM4 4 3 0.15
RTHERM5 3 2 0.2
RTHERM6 2 tl 0.25
SABER Thermal Model
SABER thermal model FDD16AN08A0T
template thermal_model th tl
thermal_c th, tl
{
ctherm.ctherm1 th 6 = 0.002
ctherm.ctherm2 6 5 = 0.004
ctherm.ctherm3 5 4 = 0.006
ctherm.ctherm4 4 3 = 0.01
ctherm.ctherm5 3 2 = 0.03
ctherm.ctherm6 2 tl = 0.08
rtherm.rtherm1 th 6 = 0.075
rtherm.rtherm2 6 5 = 0.09
rtherm.rtherm3 5 4 = 0.1
rtherm.rtherm4 4 3 = 0.15
rtherm.rtherm5 3 2 = 0.2
rtherm.rtherm6 2 tl = 0.25
}
RTHERM4
RTHERM6
RTHERM5
RTHERM3
RTHERM2
RTHERM1
CTHERM4
CTHERM6
CTHERM5
CTHERM3
CTHERM2
CTHERM1
tl
2
3
4
5
6
th
JUNCTION
CASE
FD
D16AN08A0_F085 Rev. A1
www.fairchildsemi.com
10


Similar Part No. - FDD16AN08_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD16AN08A0 FAIRCHILD-FDD16AN08A0 Datasheet
242Kb / 11P
   N-Channel UltraFET Trench MOSFET 75V, 50A, 16m?
logo
BYCHIP ELECTRONICS CO.,...
FDD16AN08A0 BYCHIP-FDD16AN08A0 Datasheet
690Kb / 4P
   N-channel Enhancement Mode Power MOSFET
More results

Similar Description - FDD16AN08_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6632 FAIRCHILD-FDD6632_04 Datasheet
267Kb / 11P
   N-Channel Logic Level UltraFET짰 Trench Power MOSFET 30V, 9A, 70m?
HUFA75852G3 FAIRCHILD-HUFA75852G3_11 Datasheet
264Kb / 7P
   75A, 150V, 0.016 Ohm, N-Channel, UltraFET짰 Power MOSFET
logo
ON Semiconductor
HUF76629D3ST-F085 ONSEMI-HUF76629D3ST-F085 Datasheet
550Kb / 7P
   N-Channel Logic Level UltraFET짰 Power MOSFET 100V, 20A, 52m廓
August-2017, Rev. 3
logo
Fairchild Semiconductor
HUFA76413DK8T FAIRCHILD-HUFA76413DK8T_10 Datasheet
622Kb / 11P
   N-Channel Logic Level UltraFET짰 Power MOSFET 60V, 4.8A, 56m廓
HUFA76645S3ST FAIRCHILD-HUFA76645S3ST Datasheet
309Kb / 10P
   75A, 100V, 0.015 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
logo
AUK corp
STK003SF AUK-STK003SF Datasheet
327Kb / 8P
   N-channel Trench MOSFET
logo
Unisonic Technologies
UTN6266 UTC-UTN6266 Datasheet
272Kb / 7P
   N-CHANNEL TRENCH MOSFET
logo
List of Unclassifed Man...
PFB6000 ETC2-PFB6000 Datasheet
130Kb / 3P
   N-CHANNEL TRENCH MOSFET
logo
AUK corp
STK001SF AUK-STK001SF Datasheet
325Kb / 8P
   N-channel Trench MOSFET
STK004SF AUK-STK004SF Datasheet
324Kb / 8P
   N-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com