Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD16AN08_F085 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDD16AN08_F085
Description  N-Channel UltraFET짰 Trench MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD16AN08_F085 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDD16AN08_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDD16AN08_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDD16AN08_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDD16AN08_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDD16AN08_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDD16AN08_F085 Datasheet HTML 6Page - Fairchild Semiconductor FDD16AN08_F085 Datasheet HTML 7Page - Fairchild Semiconductor FDD16AN08_F085 Datasheet HTML 8Page - Fairchild Semiconductor FDD16AN08_F085 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FDD16AN08A0_F085
N-Channel UltraFET® Trench MOSFET
75V, 50A, 16m
Features
•rDS(ON) = 13mΩ (Typ.), VGS = 10V, ID = 50A
•Qg(tot) = 31nC (Typ.), VGS = 10V
• Low Miller Charge
• Low Qrr Body Diode
• UIS Capability (Single Pulse and Repetitive Pulse)
• Qualified to AEC Q101
Formerly developmental type 82660
Applications
• 42V Automotive Load Control
• Starter / Alternator Systems
• Electronic Power Steering Systems
• Electronic Valve Train Systems
• DC-DC converters and Off-line UPS
• Distributed Power Architectures and VRMs
• Primary Switch for 24V and 48V systems
MOSFET Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
This product has been designed to meet the extreme test conditions and environment demanded by the automotive
industry. For a copy of the requirements, see AEC Q101 at: http://www.aecouncil.com/
Reliability data can be found at: http://www.fairchildsemi.com/products/discrete/reliability/index.html.
All Fairchild Semiconductor products are manufactured, assembled and tested under ISO9000 and QS9000 quality
systems certification.
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
75
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current
50
A
Continuous (TC < 79
oC, V
GS = 10V)
Continuous (Tamb = 25
oC, V
GS = 10V, with R
θJA = 52
oC/W)
9
A
Pulsed
Figure 4
A
EAS
Single Pulse Avalanche Energy (Note 1)
95
mJ
PD
Power dissipation
135
W
Derate above 25
oC0.9
W/
oC
TJ, TSTG
Operating and Storage Temperature
-55 to 175
oC
RθJC
Thermal Resistance Junction to Case TO-252
1.11
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-252
100
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-252, 1in
2 copper pad area
52
oC/W
D
G
S
GATE
SOURCE
DRAIN (FLANGE)
TO-252AA
FDD SERIES
October 2008
RoHS Compliant
©2008 Fairchild Semiconductor Corporation
FD
D16AN08A0_F085 Rev. A1
www.fairchildsemi.com
1


Similar Part No. - FDD16AN08_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD16AN08A0 FAIRCHILD-FDD16AN08A0 Datasheet
242Kb / 11P
   N-Channel UltraFET Trench MOSFET 75V, 50A, 16m?
logo
BYCHIP ELECTRONICS CO.,...
FDD16AN08A0 BYCHIP-FDD16AN08A0 Datasheet
690Kb / 4P
   N-channel Enhancement Mode Power MOSFET
More results

Similar Description - FDD16AN08_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6632 FAIRCHILD-FDD6632_04 Datasheet
267Kb / 11P
   N-Channel Logic Level UltraFET짰 Trench Power MOSFET 30V, 9A, 70m?
HUFA75852G3 FAIRCHILD-HUFA75852G3_11 Datasheet
264Kb / 7P
   75A, 150V, 0.016 Ohm, N-Channel, UltraFET짰 Power MOSFET
logo
ON Semiconductor
HUF76629D3ST-F085 ONSEMI-HUF76629D3ST-F085 Datasheet
550Kb / 7P
   N-Channel Logic Level UltraFET짰 Power MOSFET 100V, 20A, 52m廓
August-2017, Rev. 3
logo
Fairchild Semiconductor
HUFA76413DK8T FAIRCHILD-HUFA76413DK8T_10 Datasheet
622Kb / 11P
   N-Channel Logic Level UltraFET짰 Power MOSFET 60V, 4.8A, 56m廓
HUFA76645S3ST FAIRCHILD-HUFA76645S3ST Datasheet
309Kb / 10P
   75A, 100V, 0.015 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
logo
AUK corp
STK003SF AUK-STK003SF Datasheet
327Kb / 8P
   N-channel Trench MOSFET
logo
Unisonic Technologies
UTN6266 UTC-UTN6266 Datasheet
272Kb / 7P
   N-CHANNEL TRENCH MOSFET
logo
List of Unclassifed Man...
PFB6000 ETC2-PFB6000 Datasheet
130Kb / 3P
   N-CHANNEL TRENCH MOSFET
logo
AUK corp
STK001SF AUK-STK001SF Datasheet
325Kb / 8P
   N-channel Trench MOSFET
STK004SF AUK-STK004SF Datasheet
324Kb / 8P
   N-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com