Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD16AN08_F085 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDD16AN08_F085
Description  N-Channel UltraFET짰 Trench MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD16AN08_F085 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDD16AN08_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDD16AN08_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDD16AN08_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDD16AN08_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDD16AN08_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDD16AN08_F085 Datasheet HTML 6Page - Fairchild Semiconductor FDD16AN08_F085 Datasheet HTML 7Page - Fairchild Semiconductor FDD16AN08_F085 Datasheet HTML 8Page - Fairchild Semiconductor FDD16AN08_F085 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Figure 5. Forward Bias Safe Operating Area
NOTE: Refer to Fairchild Application Notes AN7514 and AN7515
Figure 6. Unclamped Inductive Switching
Capability
Figure 7. Transfer Characteristics
Figure 8. Saturation Characteristics
Figure 9. Drain to Source On Resistance vs Drain
Current
Figure 10. Normalized Drain to Source On
Resistance vs Junction Temperature
Typical Characteristics T
C = 25°C unless otherwise noted
VDS, DRAIN TO SOURCE VOLTAGE (V)
0.1
1
10
100
1
10
100
500
TJ = MAX RATED
TC = 25
oC
SINGLE PULSE
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
10
µs
1ms
DC
100
µs
10ms
0.01
0.1
1
10
100
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25
oC
STARTING TJ = 150
oC
1
10
100
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
0
25
50
75
100
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = 175
oC
TJ = 25
oC
TJ = -55
oC
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 6V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS = 5V
TC = 25
oC
VGS = 20V
VGS = 10V
0
25
50
100
012
3
4
VGS = 7V
75
0.01
0.012
0.014
0.016
0.018
0.020
0.022
0
1020
30
4050
ID, DRAIN CURRENT (A)
VGS = 6V
VGS = 10V
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V, ID =50A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0.5
1.0
1.5
2.0
2.5
-80
-40
0
40
80
120
160
200
FD
D16AN08A0_F085 Rev. A1
www.fairchildsemi.com
4


Similar Part No. - FDD16AN08_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD16AN08A0 FAIRCHILD-FDD16AN08A0 Datasheet
242Kb / 11P
N-Channel UltraFET Trench MOSFET 75V, 50A, 16m?
logo
BYCHIP ELECTRONICS CO.,...
FDD16AN08A0 BYCHIP-FDD16AN08A0 Datasheet
690Kb / 4P
N-channel Enhancement Mode Power MOSFET
More results

Similar Description - FDD16AN08_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6632 FAIRCHILD-FDD6632_04 Datasheet
267Kb / 11P
N-Channel Logic Level UltraFET짰 Trench Power MOSFET 30V, 9A, 70m?
HUFA75852G3 FAIRCHILD-HUFA75852G3_11 Datasheet
264Kb / 7P
75A, 150V, 0.016 Ohm, N-Channel, UltraFET짰 Power MOSFET
logo
ON Semiconductor
HUF76629D3ST-F085 ONSEMI-HUF76629D3ST-F085 Datasheet
550Kb / 7P
N-Channel Logic Level UltraFET짰 Power MOSFET 100V, 20A, 52m廓
August-2017, Rev. 3
logo
Fairchild Semiconductor
HUFA76413DK8T FAIRCHILD-HUFA76413DK8T_10 Datasheet
622Kb / 11P
N-Channel Logic Level UltraFET짰 Power MOSFET 60V, 4.8A, 56m廓
HUFA76645S3ST FAIRCHILD-HUFA76645S3ST Datasheet
309Kb / 10P
75A, 100V, 0.015 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
logo
AUK corp
STK003SF AUK-STK003SF Datasheet
327Kb / 8P
N-channel Trench MOSFET
logo
Unisonic Technologies
UTN6266 UTC-UTN6266 Datasheet
272Kb / 7P
N-CHANNEL TRENCH MOSFET
logo
List of Unclassifed Man...
PFB6000 ETC2-PFB6000 Datasheet
130Kb / 3P
N-CHANNEL TRENCH MOSFET
logo
AUK corp
STK001SF AUK-STK001SF Datasheet
325Kb / 8P
N-channel Trench MOSFET
STK004SF AUK-STK004SF Datasheet
324Kb / 8P
N-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com