Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72251 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT72251
Description  CMOS SyncFIFOO 8192 X 9
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72251 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT72251 Datasheet HTML 1Page - Integrated Device Technology IDT72251 Datasheet HTML 2Page - Integrated Device Technology IDT72251 Datasheet HTML 3Page - Integrated Device Technology IDT72251 Datasheet HTML 4Page - Integrated Device Technology IDT72251 Datasheet HTML 5Page - Integrated Device Technology IDT72251 Datasheet HTML 6Page - Integrated Device Technology IDT72251 Datasheet HTML 7Page - Integrated Device Technology IDT72251 Datasheet HTML 8Page - Integrated Device Technology IDT72251 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
5.14
4
IDT72251 CMOS SyncFIFO
8192 x 9
COMMERCIAL TEMPERATURE RANGES
AC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5V
± 10%, TA = 0°C to +70°C
Commercial
72251L15
72251L20
72251L25
72251L35
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fS
Clock Cycle Frequency
66.7
50
40
28.6
MHz
tA
Data Access Time
2
10
2
12
3
15
3
20
ns
tCLK
Clock Cycle Time
15
20
25
35
ns
tCLKH
Clock HIGH Time
6
8
10
14
ns
tCLKL
Clock LOW Time
6
8
10
14
ns
tDS
Data Set-up Time
4
5
6
8
ns
tDH
Data Hold Time
1
1
1
2
ns
tENS
Enable Set-up Time
4
5
6
8
ns
tENH
Enable Hold Time
1
1
1
2
ns
tRS
Reset Pulse Width(1)
15
20
25
35
ns
tRSS
Reset Set-up Time
15
20
25
35
ns
tRSR
Reset Recovery Time
15
20
25
35
ns
tRSF
Reset to Flag Time and Output Time
15
20
25
35
ns
tOLZ
Output Enable to Output in Low-Z(2)
0—
0—
0
0—
ns
tOE
Output Enable to Output Valid
3
8
3
10
3
13
3
15
ns
tOHZ
Output Enable to Output in High-Z(2)
3
8
310
3
13
315
ns
tWFF
Write Clock to Full Flag
10
12
15
20
ns
tREF
Read Clock to Empty Flag
10
12
15
20
ns
tPAF
Write Clock to Programmable Almost-Full Flag
10
12
15
20
ns
tPAE
Read Clock to Programmable Almost-Empty Flag
10
12
15
20
ns
tSKEW1
Skew Time Between Read Clock and Write Clock
6
8
10
12
ns
for Empty Flag and Full Flag
tSKEW2
Skew Time Between Read Clock and Write Clock
28
35
40
42
ns
for Programmable Almost-Empty Flag and
Programmable Almost-Full Flag
NOTES:
1. Pulse widths less than minimum values are not allowed.
2. Values guaranteed by design, not currently tested.
AC TEST CONDITIONS
In Pulse Levels
GND to 3.0V
Input Rise/Fall Times
3ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
Output Load
See Figure 1
2655 tbl 09
or equivalent circuit
Figure 1. Output Load
*Includes jig and scope capacitances.
30pF*
1.1K
5V
680
D.U.T.
2655 drw 03


Similar Part No. - IDT72251

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72251 IDT-IDT72251 Datasheet
291Kb / 14P
   CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72251 RENESAS-IDT72251 Datasheet
301Kb / 15P
   CMOS SyncFIFO™
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72251L10J IDT-IDT72251L10J Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72251L10JI IDT-IDT72251L10JI Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72251L10PF IDT-IDT72251L10PF Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
More results

Similar Description - IDT72251

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540205 SHARP-LH540205 Datasheet
136Kb / 17P
   CMOS 8192 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT7203 IDT-IDT7203 Datasheet
147Kb / 14P
   CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
IDT723631 IDT-IDT723631 Datasheet
269Kb / 23P
   CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
logo
Fairchild Semiconductor
NM27C64 FAIRCHILD-NM27C64 Datasheet
168Kb / 10P
   65,536-BIT (8192 X 8) CMOS EPROM
NMC27C64 FAIRCHILD-NMC27C64 Datasheet
82Kb / 10P
   65,536-Bit (8192 x 8) CMOS EPROM
logo
NEC
UPD4364 NEC-UPD4364 Datasheet
307Kb / 6P
   8192 X 8 BIT STATIC CMOS RAM
logo
National Semiconductor ...
MM5298 NSC-MM5298 Datasheet
381Kb / 6P
   8192-BIT (8192 X 1) DYNAMIC RAM
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Integrated Device Techn...
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
   CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com