Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72251 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # IDT72251
Description  CMOS SyncFIFOO 8192 X 9
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72251 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button IDT72251 Datasheet HTML 9Page - Integrated Device Technology IDT72251 Datasheet HTML 10Page - Integrated Device Technology IDT72251 Datasheet HTML 11Page - Integrated Device Technology IDT72251 Datasheet HTML 12Page - Integrated Device Technology IDT72251 Datasheet HTML 13Page - Integrated Device Technology IDT72251 Datasheet HTML 14Page - Integrated Device Technology IDT72251 Datasheet HTML 15Page - Integrated Device Technology IDT72251 Datasheet HTML 16Page - Integrated Device Technology IDT72251 Datasheet HTML 17Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
5.14
16
IDT72251 CMOS SyncFIFO
8192 x 9
COMMERCIAL TEMPERATURE RANGES
Figure 15. Block Diagram of 8192 x 18 Synchronous FIFO
Used in a Width Expansion Configuration
OPERATING CONFIGURATIONS
SINGLE DEVICE CONFIGURATION - A single IDT72251
may be used when the application requirements are for 8192
words or less. When the IDT72251 is in a Single Device
using two IDT72251. Any word width can be attained by
adding additional IDT72251s.
When the IDT72251is in a Width Expansion Configuration,
the Read Enable 2 (
REN2) control input can be grounded (see
Figure 15). In this configuration, the Write Enable 2/Load
(WEN2/
LD) pin is set LOW at Reset so that the pin operates
as a control to load and read the programmable flag offsets.
Figure 14. Block Diagram of Single 8192 x 9 Synchronous FIFO
WIDTH EXPANSION CONFIGURATION - Word width may
be increased simply by connecting the corresponding input
controls signals of multiple devices. A composite flag should
be created for each of the end-point status flags (
EF and FF).
The partial status flags (
AE and AF) can be detected from any
one device. Figure 15 demonstrates a 18-bit word width by
Configuration, the Read Enable 2 (
REN2) control input can be
grounded (see Figure 14). In this configuration, the Write
Enable 2/Load (WEN2/
LD) pin is set LOW at Reset so that the
pin operates as a control to load and read the programmable
flag offsets.
DATA IN (D)
WRITE CLOCK (WCLK)
18
9
9
RESET (
)
READ CLOCK (RCLK)
DATA OUT (Q)
9
18
READ ENABLE 2 (
)
READ ENABLE 2 (
)
WRITE ENABLE1 (
)
FULL FLAG (
) #1
PROGRAMMABLE (
)
PROGRAMMABLE (
)
EMPTY FLAG (
) #2
OUTPUT ENABLE (
)
READ ENABLE (
)
9
WRITE ENABLE2/LOAD (WEN2/
)
IDT
72251
FULL FLAG (
) #2
EMPTY FLAG (
) #1
RESET (
)
IDT
72251
3545 drw 17
DATA OUT (Q0 - Q8)
DATA IN (D0 - D8)
RESET (
)
READ CLOCK (RCLK)
READ ENABLE 1 (
)
OUTPUT ENABLE (
)
EMPTY FLAG (
)
PROGRAMMABLE ALMOST EMPTY (
)
READ ENABLE 2 (
)
WRITE CLOCK (WCLK)
WRITE ENABLE 1 (
)
WRITE ENABLE 2/LOAD (WEN2/
)
FULL FLAG (
)
PROGRAMMABLE ALMOST FULL (
)
IDT
72251
3545 drw 16


Similar Part No. - IDT72251

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72251 IDT-IDT72251 Datasheet
291Kb / 14P
CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72251 RENESAS-IDT72251 Datasheet
301Kb / 15P
CMOS SyncFIFO™
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72251L10J IDT-IDT72251L10J Datasheet
196Kb / 14P
CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72251L10JI IDT-IDT72251L10JI Datasheet
196Kb / 14P
CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72251L10PF IDT-IDT72251L10PF Datasheet
196Kb / 14P
CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
More results

Similar Description - IDT72251

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540205 SHARP-LH540205 Datasheet
136Kb / 17P
CMOS 8192 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT7203 IDT-IDT7203 Datasheet
147Kb / 14P
CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
IDT723631 IDT-IDT723631 Datasheet
269Kb / 23P
CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
logo
Fairchild Semiconductor
NM27C64 FAIRCHILD-NM27C64 Datasheet
168Kb / 10P
65,536-BIT (8192 X 8) CMOS EPROM
NMC27C64 FAIRCHILD-NMC27C64 Datasheet
82Kb / 10P
65,536-Bit (8192 x 8) CMOS EPROM
logo
NEC
UPD4364 NEC-UPD4364 Datasheet
307Kb / 6P
8192 X 8 BIT STATIC CMOS RAM
logo
National Semiconductor ...
MM5298 NSC-MM5298 Datasheet
381Kb / 6P
8192-BIT (8192 X 1) DYNAMIC RAM
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Integrated Device Techn...
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com