Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72132 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # IDT72132
Description  CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72132 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button IDT72132 Datasheet HTML 5Page - Integrated Device Technology IDT72132 Datasheet HTML 6Page - Integrated Device Technology IDT72132 Datasheet HTML 7Page - Integrated Device Technology IDT72132 Datasheet HTML 8Page - Integrated Device Technology IDT72132 Datasheet HTML 9Page - Integrated Device Technology IDT72132 Datasheet HTML 10Page - Integrated Device Technology IDT72132 Datasheet HTML 11Page - Integrated Device Technology IDT72132 Datasheet HTML 12Page - Integrated Device Technology IDT72132 Datasheet HTML 13Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
5.36
13
IDT72132, IDT72142
CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 AND 4096 x 9
COMMERCIAL TEMPERATURE RANGES
SERIAL INPUT WITH WIDTH AND DEPTH EXPANSION
Figure 16. An 8K x 24 Serial-In, Parallel-Out FIFO Using Six IDT72142s
ORDERING INFORMATION
X
Power
XXX
Speed
X
Package
X
Process/
Temperature
Range
Blank
Commercial (0
°C to +70°C)
35
50
L
Low Power
XXXXX
Device
Type
72132
72142
2048 x 9-Bit Serial-Parallel FIFO
4096 x 9-Bit Serial-Parallel FIFO
IDT
Parallel Access Time (tA)
2752 drw 20
(50MHz serial shift rate)
(40MHz serial shift rate)
P
Plastic DIP
SICP
R
Q 0-7
NW
D7
SI
SIX
VCC
XI XO
SICP
R
Q0-7
NW
D7
SI
SIX
V
CC
XI
XO
SICP
R
Q 0-7
NW
D7
SI
SIX
XI XO
SICP
R
Q0-7
NW
D7
SI
SIX
XI
XO
SICP
R
Q 0-7
NW
D7
SI
SIX
XI XO
SICP
R
Q0-7
NW
D7
SI
SIX
XI
XO
SERIAL
DATA IN
SERIAL
INPUT
CLOCK
P0-7
P8-15
P16-23
READ
PARALLEL DATA OUT
2752 drw 19


Similar Part No. - IDT72132

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
IDT72131L35P IDT-IDT72131L35P Datasheet
126Kb / 13P
CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
IDT72131L50P IDT-IDT72131L50P Datasheet
126Kb / 13P
CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
More results

Similar Description - IDT72132

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
CMOS 2048 x 9 Asynchronous FIFO
LH540204 SHARP-LH540204 Datasheet
156Kb / 18P
CMOS 4096 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203 Datasheet
147Kb / 14P
CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
logo
List of Unclassifed Man...
HM63921 ETC-HM63921 Datasheet
17Kb / 2P
2048-word x 9-bit CMOS Parallel In-Out FIFO Memory
logo
Integrated Device Techn...
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
logo
Sharp Corporation
LH5493 SHARP-LH5493 Datasheet
839Kb / 16P
4K x 9 Parallel-to Serial FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com