Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72132 Datasheet(PDF) 12 Page - Integrated Device Technology

Part # IDT72132
Description  CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72132 Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button IDT72132 Datasheet HTML 5Page - Integrated Device Technology IDT72132 Datasheet HTML 6Page - Integrated Device Technology IDT72132 Datasheet HTML 7Page - Integrated Device Technology IDT72132 Datasheet HTML 8Page - Integrated Device Technology IDT72132 Datasheet HTML 9Page - Integrated Device Technology IDT72132 Datasheet HTML 10Page - Integrated Device Technology IDT72132 Datasheet HTML 11Page - Integrated Device Technology IDT72132 Datasheet HTML 12Page - Integrated Device Technology IDT72132 Datasheet HTML 13Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
5.36
12
IDT72132, IDT72142
CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 AND 4096 x 9
COMMERCIAL TEMPERATURE RANGES
2.
All other devices must have
FL in the high state.
3.
The Expansion Out (
XO) pin and Expansion In (XI) pin
of each device must be tied together.
4.
External logic is needed to generate a composite Full
Flag (
FF) and Empty Flag (EF). This requires the
OR-ing of all
EFs and OR-ing of all FFs (i.e., all must be
set to generate the correct composite
(FF) or (EF).
5.
The Retransmit (
RT) function and Half-Full Flag (HF)
are not available in the Depth Expansion mode.
TABLE 2: RESET AND FIRST LOAD TRUTH TABLE —
DEPTH EXPANSION/COMPOUND EXPANSION MODE
Inputs
Internal Status
Outputs
Mode
RS
FL/RT
XI
Read Pointer
Write Pointer
EF
FF
Reset-First
0
0
(1)
Location Zero
Location Zero
0
1
Device
Reset all
0
1
(1)
Location Zero
Location Zero
0
1
Other Devices
Read/Write
1
X
(1)
X
X
X
X
NOTES:
2752 tbl 10
1.
XI is connected to XO of the previous device.
2.
RS = Reset Input, FL/RT = First Load/Retransmit, EF = Empty Flag Ouput, FF = Full Flag Output, XI = Expansion Input.
Depth Expansion (Daisy Chain) Mode
The IDT72132/42 can be easily adapted to applications
where the requirements are for greater than 2048/4096 words.
Figure 15 demonstrates Depth Expansion using three
IDT72132/42. Any depth can be attained by adding additional
IDT72132/42 operates in the Depth Expansion configuration
when the following conditions are met:
1.
The first device must be designated by grounding the
First Load (
FL) control input.
Figure 15. An 8K x 8 Serial-In Parallel-Out FIFO
2752 drw 18
SICP
R
Q 0-7
NW
D7
SI
FIFO #1
IDT72142
SIX
FL/RT
XO
SICP
R
Q 0-7
NW
D7
SI
FIFO #2
IDT72142
SIX
FL/RT
XI
VCC
Q0-7
R
VCC
SI
SICP
XI
XO


Similar Part No. - IDT72132

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
IDT72131L35P IDT-IDT72131L35P Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
IDT72131L50P IDT-IDT72131L50P Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
More results

Similar Description - IDT72132

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT7203 IDT-IDT7203 Datasheet
147Kb / 14P
   CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
logo
Sharp Corporation
LH540204 SHARP-LH540204 Datasheet
156Kb / 18P
   CMOS 4096 x 9 Asynchronous FIFO
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
logo
Sharp Corporation
LH5493 SHARP-LH5493 Datasheet
839Kb / 16P
   4K x 9 Parallel-to Serial FIFO
logo
List of Unclassifed Man...
HM63921 ETC-HM63921 Datasheet
17Kb / 2P
   2048-word x 9-bit CMOS Parallel In-Out FIFO Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com