Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72132 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT72132
Description  CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72132 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT72132 Datasheet HTML 3Page - Integrated Device Technology IDT72132 Datasheet HTML 4Page - Integrated Device Technology IDT72132 Datasheet HTML 5Page - Integrated Device Technology IDT72132 Datasheet HTML 6Page - Integrated Device Technology IDT72132 Datasheet HTML 7Page - Integrated Device Technology IDT72132 Datasheet HTML 8Page - Integrated Device Technology IDT72132 Datasheet HTML 9Page - Integrated Device Technology IDT72132 Datasheet HTML 10Page - Integrated Device Technology IDT72132 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
5.36
7
IDT72132, IDT72142
CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 AND 4096 x 9
COMMERCIAL TEMPERATURE RANGES
NOTE:
1. After
FF goes LOW and the last bit of the final word has been clocked in, SICP should not be clocked until FF goes HIGH.
Figure 5. Full Flag from Last Write to First Read
Figure 6. Empty Flag from Last Read to First Write
2752 drw 08
SICP
t RFF
LAST WRITE
NO WRITE
FIRST READ
ADDITIONAL
READS
FIRST WRITE
0
1
n – 1
0
1
n – 1
t SICFF
R
FF
(1)
2752 drw 09
SICP
t SICEF
LAST READ
IGNORED
READ
FIRST WRITE
ADDITIONAL
WRITES
FIRST READ
0
1
n – 1
0
1
n – 1
t REF
R
EF
VALID
VALID
DATA OUT
t A
2752 drw 10
SICP
0
1
n – 1
R
EF
DATA OUT
t SICEF
t RPE
t A
0
1
n – 1
0
FIRST SERIAL-IN WORD
SECOND SERIAL-IN WORD
Figure 7. Empty Boundry Condition Timing


Similar Part No. - IDT72132

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
IDT72131L35P IDT-IDT72131L35P Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
IDT72131L50P IDT-IDT72131L50P Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
More results

Similar Description - IDT72132

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT7203 IDT-IDT7203 Datasheet
147Kb / 14P
   CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
logo
Sharp Corporation
LH540204 SHARP-LH540204 Datasheet
156Kb / 18P
   CMOS 4096 x 9 Asynchronous FIFO
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
logo
Sharp Corporation
LH5493 SHARP-LH5493 Datasheet
839Kb / 16P
   4K x 9 Parallel-to Serial FIFO
logo
List of Unclassifed Man...
HM63921 ETC-HM63921 Datasheet
17Kb / 2P
   2048-word x 9-bit CMOS Parallel In-Out FIFO Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com