Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72131 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT72131
Description  CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72131 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT72131 Datasheet HTML 1Page - Integrated Device Technology IDT72131 Datasheet HTML 2Page - Integrated Device Technology IDT72131 Datasheet HTML 3Page - Integrated Device Technology IDT72131 Datasheet HTML 4Page - Integrated Device Technology IDT72131 Datasheet HTML 5Page - Integrated Device Technology IDT72131 Datasheet HTML 6Page - Integrated Device Technology IDT72131 Datasheet HTML 7Page - Integrated Device Technology IDT72131 Datasheet HTML 8Page - Integrated Device Technology IDT72131 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Integrated Device Technology, Inc.
COMMERCIAL TEMPERATURE RANGES
DECEMBER 1996
©1996 Integrated Device Technology, Inc.
DSC-2751/6
5.34
1
DESCRIPTION:
The IDT72131/72141 are high-speed, low power parallel-
to-serial FIFOs. These FIFOs are ideally suited to serial
communications applications, tape/disk controllers, and local
area networks (LANs). The IDT72131/72141 can be config-
ured with the IDTs serial-to-parallel FIFOs (IDT72132/72142)
for bidirectional serial data buffering.
The FIFO has a 9-bit parallel input port and a serial output
port. Wider and deeper parallel-to-serial data buffers can be
built using multiple IDT72131/72141 chips. IDTs unique
Flexishift serial expansion logic (SOX,
NR) makes width
expansion possible with no additional components. These
FIFOs will expand to a variety of word widths including 8, 9, 16,
and 32 bits. The IDT72131/141 can also be directly connected
for depth expansion.
Five flags are provided to monitor the FIFO. The full and
empty flags prevent any FIFO data overflow or underflow
conditions. The almost-full (7/8), half-full, and almost empty
(1/8) flags signal memory utilization within the FIFO.
The IDT72131/72141 is fabricated using IDTs high-speed
submicron CMOS technology.
FEATURES:
35ns parallel port access time, 45ns cycle time
50MHz serial port shift rate
Expandable in depth and width with no external
components
Programmable word lengths including 7-9, 16-18, 32-36
bit using Flexishift
™ serial output without using any
additional components
Multiple status flags: Full, Almost-Full (1/8 from full),
Half-Full, Almost Empty (1/8 from empty), and Empty
Asynchronous and simultaneous read and write
operations
Dual-Port zero fall-through architecture
Retransmit capability in single device mode
Produced with high-performance, low power CMOS
technology
Available in 28-pin plastic DIP
Industrial temperature range (-40oC to +85oC) is avail-
able, tested to military electrical specifications
FUNCTIONAL BLOCK DIAGRAM
CMOS PARALLEL-TO-SERIAL FIFO
2048 X 9
4096 X 9
IDT72131
IDT72141
5
6
7
8
9
10
11
12
FF
W
D4
D3
1
2
3
4
26
25
24
23
22
21
20
19
Vcc
18
17
16
15
P28-1
&
C28-3
D5
D2
D1
D
XI
SOX
D6
D7
D8
FL/RT
RS
EF
XO/HF
SOCP
SO
AEF
GND
13
14
28
27
Q 4
GND
Q8
Q7
Q6
NR
2751 drw 02a
0
PIN CONFIGURATION
DIP
TOP VIEW
2751 drw 01
D0-D
RAM ARRAY
2048 x 9
4096 x 9
WRITE
POINTER
NEXT READ
POINTER
FLAG
LOGIC
EF
AEF
/HF
FF
NR
8
W
RESET LOGIC
RS
EXPANSION
LOGIC
XI
FL/RT
XO/
SERIAL OUTPUT
CIRCUITRY
SOCP
SOX
SO
Q4 Q6 Q7 Q8
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
For latest information contact IDT's web site at www.idt.com or fax-on-demand at 408-492-8391.


Similar Part No. - IDT72131

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72132 IDT-IDT72132 Datasheet
137Kb / 13P
CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
IDT72132L35P IDT-IDT72132L35P Datasheet
137Kb / 13P
CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
IDT72132L50P IDT-IDT72132L50P Datasheet
137Kb / 13P
CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
More results

Similar Description - IDT72131

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72132 IDT-IDT72132 Datasheet
137Kb / 13P
CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT7203 IDT-IDT7203 Datasheet
147Kb / 14P
CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
logo
Sharp Corporation
LH540204 SHARP-LH540204 Datasheet
156Kb / 18P
CMOS 4096 x 9 Asynchronous FIFO
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
CMOS 2048 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
logo
Sharp Corporation
LH5493 SHARP-LH5493 Datasheet
839Kb / 16P
4K x 9 Parallel-to Serial FIFO
logo
List of Unclassifed Man...
HM63921 ETC-HM63921 Datasheet
17Kb / 2P
2048-word x 9-bit CMOS Parallel In-Out FIFO Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com