Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72131 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT72131
Description  CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72131 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT72131 Datasheet HTML 3Page - Integrated Device Technology IDT72131 Datasheet HTML 4Page - Integrated Device Technology IDT72131 Datasheet HTML 5Page - Integrated Device Technology IDT72131 Datasheet HTML 6Page - Integrated Device Technology IDT72131 Datasheet HTML 7Page - Integrated Device Technology IDT72131 Datasheet HTML 8Page - Integrated Device Technology IDT72131 Datasheet HTML 9Page - Integrated Device Technology IDT72131 Datasheet HTML 10Page - Integrated Device Technology IDT72131 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
5.34
7
IDT72131, IDT72141
CMOS PARALLEL-TO-SERIAL FIFO 2048 x 9 & 4096 x 9
COMMERCIAL TEMPERATURE RANGES
NOTE:
1. Once
EF has gone LOW and the last bit of the final word has been shifted out, SOCP should not be clocked until EF goes HIGH.
NOTE:
1. SOCP should not be clocked until
EF goes HIGH.
Figure 6. Empty Boundary Condition Timing
2751 drw 09
SOCP
t WEF
0
1
n – 1
W
EF
SO
t SOCEF
t REFSO
DATA IN
(1)
t SOLZ
t SOPD
Figure 5. Empty Flag from Last Read to First Write
2751 drw 08
SOCP
t WEF
LAST READ
NO READ
FIRST WRITE
ADDITIONAL
WRITES
FIRST READ
0
1
n – 1
0
1
n – 1
W
EF
t SOPD
SO
VALID
VALID
(1)
tSOCEF


Similar Part No. - IDT72131

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72132 IDT-IDT72132 Datasheet
137Kb / 13P
   CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
IDT72132L35P IDT-IDT72132L35P Datasheet
137Kb / 13P
   CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
IDT72132L50P IDT-IDT72132L50P Datasheet
137Kb / 13P
   CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
More results

Similar Description - IDT72131

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72132 IDT-IDT72132 Datasheet
137Kb / 13P
   CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT7203 IDT-IDT7203 Datasheet
147Kb / 14P
   CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
logo
Sharp Corporation
LH540204 SHARP-LH540204 Datasheet
156Kb / 18P
   CMOS 4096 x 9 Asynchronous FIFO
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
logo
Sharp Corporation
LH5493 SHARP-LH5493 Datasheet
839Kb / 16P
   4K x 9 Parallel-to Serial FIFO
logo
List of Unclassifed Man...
HM63921 ETC-HM63921 Datasheet
17Kb / 2P
   2048-word x 9-bit CMOS Parallel In-Out FIFO Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com