Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72131 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT72131
Description  CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72131 Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT72131 Datasheet HTML 1Page - Integrated Device Technology IDT72131 Datasheet HTML 2Page - Integrated Device Technology IDT72131 Datasheet HTML 3Page - Integrated Device Technology IDT72131 Datasheet HTML 4Page - Integrated Device Technology IDT72131 Datasheet HTML 5Page - Integrated Device Technology IDT72131 Datasheet HTML 6Page - Integrated Device Technology IDT72131 Datasheet HTML 7Page - Integrated Device Technology IDT72131 Datasheet HTML 8Page - Integrated Device Technology IDT72131 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5.34
5
IDT72131, IDT72141
CMOS PARALLEL-TO-SERIAL FIFO 2048 x 9 & 4096 x 9
COMMERCIAL TEMPERATURE RANGES
AC TEST CONDITIONS
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
5ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
Output Load
See Figure A
2751 tbl 08
or equivalent circuit
Figure 1. Reset
Serial Data Output
The serial data is output on the SO pin. The data is clocked
out on the rising edge of SOCP providing the Empty Flag (
EF)
is not asserted. If the Empty Flag is asserted then the next data
word is inhibited from moving to the output register and being
clocked out by SOCP. NOTE: SOCP should not be clocked
once the last bit of the last word has been clocked out. If it is,
then two things will occur. One, the SO pin will go High-Z and
two, SOCP will be out of sync with Next Read (
NR).
The serial word is shifted out Least Significant Bit first, that
is the first bit will be D0, then D1 and so on up to the serial word
width. The serial word width must be programmed by connect-
ing the appropriate Data Set line (Q4, Q6, Q7 or Q8) to the
NR
input. The Data Set lines are taps off a digital delay line.
Selecting one of these taps, programs the width of the serial
word to be read and shifted out.
FUNCTIONAL DESCRIPTION
Parallel Data Input
The data is written into the FIFO in parallel through the
D0-8 input data lines. A write cycle is initiated on the falling
edge of the Write (
W) signal provided the Full Flag (FF) is not
asserted. If the
W signal changes from HIGH-to-LOW and the
Full-Flag (
FF) is already set, the write line is inhibited internally
from incrementing the write pointer and no write operation
occurs.
Data set-up and hold times must be met with respect to the
rising edge of Write. The data is written to the RAM at the write
pointer. On the rising edge of
W, the write pointer is
incremented. Write operations can occur simultaneously or
asynchronously with read operations.
*Including jig and scope capacitances
Figure A. Ouput Load
1.1K
30pF*
680
5V
D.U.T.
2751 drw 03
2751 drw 04
W
RS
AEF, EF
HF, FF
tRSC
tRS
tRSS
tRSR
tRSF1
tRSF2
tRSS
tRSR
tRSQH
tRSQL
SOCP
Q4, Q6, Q7, Q8


Similar Part No. - IDT72131

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72132 IDT-IDT72132 Datasheet
137Kb / 13P
CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
IDT72132L35P IDT-IDT72132L35P Datasheet
137Kb / 13P
CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
IDT72132L50P IDT-IDT72132L50P Datasheet
137Kb / 13P
CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
More results

Similar Description - IDT72131

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72132 IDT-IDT72132 Datasheet
137Kb / 13P
CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT7203 IDT-IDT7203 Datasheet
147Kb / 14P
CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
logo
Sharp Corporation
LH540204 SHARP-LH540204 Datasheet
156Kb / 18P
CMOS 4096 x 9 Asynchronous FIFO
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
CMOS 2048 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
logo
Sharp Corporation
LH5493 SHARP-LH5493 Datasheet
839Kb / 16P
4K x 9 Parallel-to Serial FIFO
logo
List of Unclassifed Man...
HM63921 ETC-HM63921 Datasheet
17Kb / 2P
2048-word x 9-bit CMOS Parallel In-Out FIFO Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com