Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM2027-YYTN6G Datasheet(PDF) 1 Page - SG Micro Corp

Part # SGM2027-YYTN6G
Description  Dual Low Dropout, 250mA LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2027-YYTN6G Datasheet(HTML) 1 Page - SG Micro Corp

  SGM2027-YYTN6G Datasheet HTML 1Page - SG Micro Corp SGM2027-YYTN6G Datasheet HTML 2Page - SG Micro Corp SGM2027-YYTN6G Datasheet HTML 3Page - SG Micro Corp SGM2027-YYTN6G Datasheet HTML 4Page - SG Micro Corp SGM2027-YYTN6G Datasheet HTML 5Page - SG Micro Corp SGM2027-YYTN6G Datasheet HTML 6Page - SG Micro Corp SGM2027-YYTN6G Datasheet HTML 7Page - SG Micro Corp SGM2027-YYTN6G Datasheet HTML 8Page - SG Micro Corp SGM2027-YYTN6G Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SGM2027
Dual, Low Dropout,
250mA LDO Regulator
GENERAL DESCRIPTION
The SGM2027 is a dual, low-power, low-dropout, CMOS
linear voltage regulator. It operates from a 2.5V to 5.5V
input voltage and delivers up to 250mA at each channel.
The SGM2027 is the perfect choice for low voltage, low
power. The ground current is 190μA (both LDO’s enabled
and active) that makes this part attractive for battery
operated power systems. The SGM2027 also offers low
dropout voltage (250mV at 250mA output) to prolong
battery life in portable electronics.
Separate enable pins control each individual LDO output.
The EN function allows the output of each regulator to be
turned off independently, resulting in greatly reduced
power consumption. Other features include a 10nA
logic-controlled shutdown mode, current limit and thermal
shutdown protection.
The SGM2027 is available in Green TSOT-23-6 package.
It operates over an ambient temperature range of -40
to +85
℃.
TYPICAL APPLICATION CIRCUIT
OUT1
EN1
IN
EN2
OUT2
SGM2027
GND
ON
OFF
ON
OFF
1
μF
1
2
3
1
μF
1
μF
OUTPUT1
OUTPUT2
INPUT
6
5
4
FEATURES
 Highly Accurate: ±2%
 Ultra-Low Dropout Voltage:
250mV at 250mA Output
 190µA No-Load Supply Current
 Thermal-Overload Protection
 Output Current Limit
 10nA Logic-Controlled Shutdown
 Operating Temperature Range: -40
℃ to +85℃
 Available in Green TSOT-23-6 Package
APPLICATIONS
Cellular Telephones
Cordless Telephones
PCMCIA Cards
Modems
MP3 Player
Hand-Held Instruments
Palmtop Computers
Wireless LAN
Portable/Battery-Powered Equipment
REV. A. 4
SG Micro Corp
www.sg-micro.com


Similar Part No. - SGM2027-YYTN6G

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2021 SGMICRO-SGM2021 Datasheet
348Kb / 12P
Low Power Low Dropout Linear Regulators
logo
List of Unclassifed Man...
SGM2022 ETC2-SGM2022 Datasheet
518Kb / 8P
Dual, Low Dropout, 150mA
logo
SG Micro Corp
SGM2022 SGMICRO-SGM2022 Datasheet
518Kb / 8P
Dual, Low Dropout, 150mA RF - Linear Regulators
logo
List of Unclassifed Man...
SGM2022-AYN6/TR ETC2-SGM2022-AYN6/TR Datasheet
518Kb / 8P
Dual, Low Dropout, 150mA
logo
SG Micro Corp
SGM2022-AYN6/TR SGMICRO-SGM2022-AYN6/TR Datasheet
518Kb / 8P
Dual, Low Dropout, 150mA RF - Linear Regulators
More results

Similar Description - SGM2027-YYTN6G

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954 Datasheet
170Kb / 12P
250mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
250mA Low Dropout Voltage Regulator
logo
Monolithic Power System...
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
Low Dropout 250mA Linear Regulator
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
Low Dropout 250mA Linear Regulator
logo
Burr-Brown (TI)
REG102 BURR-BROWN-REG102_08 Datasheet
699Kb / 23P
DMOS 250mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
250mA Low-Dropout Regulator
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
250mA Low-Dropout Regulator
logo
SG Micro Corp
SGM2022 SGMICRO-SGM2022_15 Datasheet
302Kb / 11P
Dual, Low Dropout, 250mA LDO Regulator
SGM2122 SGMICRO-SGM2122 Datasheet
302Kb / 11P
Dual, Low Dropout, 250mA LDO Regulators
logo
AiT Semiconductor Inc.
A6201A AITSEMI-A6201A Datasheet
377Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 250mA LOW CONSUMPTION LINEAR REGULATOR
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com