Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V05S Datasheet(PDF) 12 Page - Integrated Device Technology

Part # IDT70V05S
Description  HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V05S Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button IDT70V05S Datasheet HTML 8Page - Integrated Device Technology IDT70V05S Datasheet HTML 9Page - Integrated Device Technology IDT70V05S Datasheet HTML 10Page - Integrated Device Technology IDT70V05S Datasheet HTML 11Page - Integrated Device Technology IDT70V05S Datasheet HTML 12Page - Integrated Device Technology IDT70V05S Datasheet HTML 13Page - Integrated Device Technology IDT70V05S Datasheet HTML 14Page - Integrated Device Technology IDT70V05S Datasheet HTML 15Page - Integrated Device Technology IDT70V05S Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
6.35
12
IDT70V05S/L
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
COMMERCIAL TEMPERATURE RANGE
AC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(1)
IDT70V05X25
IDT70V05X35
IDT70V05X55
Symbol
Parameter
Min.
Max.
Min.
Max.
Min
Max.
Unit
INTERRUPT TIMING
tAS
Address Set-up Time
0
0
0
ns
tWR
Write Recovery Time
0
0
0
ns
tINS
Interrupt Set Time
25
30
40
ns
tINR
Interrupt Reset Time
30
35
45
ns
NOTE:
2941 tbl 14
1. "X" in part numbers indicates power rating (S or L).
WAVEFORM OF INTERRUPT TIMING(1)
TRUTH TABLE III — INTERRUPT FLAG(1)
Left Port
Right Port
R/
W
W
W
W
WL
CE
CE
CE
CE
CEL
OE
OE
OE
OE
OEL A0L-A12L INT
INT
INT
INT
INTL
R/
W
W
W
W
WR
CE
CE
CE
CE
CER
OE
OE
OE
OE
OER A0R-A12R INT
INT
INT
INT
INTR
Function
L
L
X
1FFF
XXXXX
L
(2)
Set Right
INTR Flag
X
X
X
X
X
X
L
L
1FFF
H
(3)
Reset Right
INTR Flag
XX
X
X
L
(3)
L
L
X
1FFE
X
Set Left
INTL Flag
X
L
L
1FFE
H
(2)
XXXXX
Reset Left
INTL Flag
NOTES:
2941 tbl 15
1. Assumes
BUSYL = BUSYR = VIH.
2. If
BUSYL = VIL, then no change.
3. If
BUSYR = VIL, then no change.
NOTES:
1. All timing is the same for left and right ports. Port “A” may be either the left or right port. Port “B” is the port opposite from “A”.
2. See Interrupt truth table.
3. Timing depends on which enable signal is asserted last.
4. Timing depends on which enable signal is de-asserted first.
2941 drw 18
ADDR"B"
INTERRUPT CLEAR ADDRESS
CE"B"
OE"B"
tAS
tRC
(3)
tINR
(3)
INT"B"
(2)
2941 drw 17
ADDR"A"
INTERRUPT SET ADDRESS
CE"A"
R/
W"A"
tAS
tWC
tWR
(3)
(4)
tINS
(3)
INT"B"
(2)


Similar Part No. - IDT70V05S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V05S IDT-IDT70V05S Datasheet
172Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S Datasheet
162Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S15G IDT-IDT70V05S15G Datasheet
172Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S15GI IDT-IDT70V05S15GI Datasheet
172Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V05S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V05S IDT-IDT70V05S_12 Datasheet
162Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L20PFI IDT-IDT70V05L20PFI Datasheet
172Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V05 RENESAS-70V05 Datasheet
494Kb / 24P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S55PFG IDT-7005S55PFG Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JI IDT-7005S35JI Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V25 IDT-IDT70V25 Datasheet
186Kb / 22P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com