Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7005S Datasheet(PDF) 17 Page - Integrated Device Technology

Part # IDT7005S
Description  HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7005S Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button IDT7005S Datasheet HTML 12Page - Integrated Device Technology IDT7005S Datasheet HTML 13Page - Integrated Device Technology IDT7005S Datasheet HTML 14Page - Integrated Device Technology IDT7005S Datasheet HTML 15Page - Integrated Device Technology IDT7005S Datasheet HTML 16Page - Integrated Device Technology IDT7005S Datasheet HTML 17Page - Integrated Device Technology IDT7005S Datasheet HTML 18Page - Integrated Device Technology IDT7005S Datasheet HTML 19Page - Integrated Device Technology IDT7005S Datasheet HTML 20Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
IDT7005S/L
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.06
17
The use of busy logic is not required or desirable for all
applications. In some cases it may be useful to logically OR
the busy outputs together and use any busy indication as an
interrupt source to flag the event of an illegal or illogical
operation. If the write inhibit function of busy logic is not
desirable, the busy logic can be disabled by placing the part
in slave mode with the M/
S pin. Once in slave mode the BUSY
pin operates solely as a write inhibit input pin. Normal opera-
tion can be programmed by tying the
BUSY pins high. If
desired, unintended write operations can be prevented to a
port by tying the busy pin for that port low.
The busy outputs on the IDT 7005 RAM in master mode,
are push-pull type outputs and do not require pull up resistors
to operate. If these RAMs are being expanded in depth, then
the busy indication for the resulting array requires the use of
an external AND gate.
WIDTH EXPANSION WITH BUSY LOGIC
MASTER/SLAVE ARRAYS
When expanding an IDT7005 RAM array in width while
using busy logic, one master part is used to decide which side
of the RAM array will receive a busy indication, and to output
that indication. Any number of slaves to be addressed in the
same address range as the master, use the busy signal as a
write inhibit signal. Thus on the IDT7005 RAM the busy pin is
an output if the part is used as a master (M/
S pin = H), and the
busy pin is an input if the part used as a slave (M/
S pin = L) as
shown in Figure 3.
If two or more master parts were used when expanding in
width, a split decision could result with one master indicating
busy on one side of the array and another master indicating
busy on one other side of the array. This would inhibit the write
operations from one port for part of a word and inhibit the write
operations from the other port for the other part of the word.
The busy arbitration, on a master, is based on the chip
enable and address signals only. It ignores whether an access
is a read or write. In a master/slave array, both address and
chip enable must be valid long enough for a busy flag to be
Figure 3. Busy and chip enable routing for both width and depth expansion with IDT7005 RAMs.
output from the master before the actual write pulse can be
initiated with the R/
W signal. Failure to observe this timing can
result in a glitched internal write inhibit signal and corrupted
data in the slave.
SEMAPHORES
The IDT7005 is an extremely fast Dual-Port 8K x 8 CMOS
Static RAM with an additional 8 address locations dedicated
to binary semaphore flags. These flags allow either processor
on the left or right side of the Dual-Port RAM to claim a
privilege over the other processor for functions defined by the
system designer’s software. As an example, the semaphore
can be used by one processor to inhibit the other from
accessing a portion of the Dual-Port RAM or any other shared
resource.
The Dual-Port RAM features a fast access time, and both
ports are completely independent of each other. This means
that the activity on the left port in no way slows the access time
of the right port. Both ports are identical in function to standard
CMOS Static RAM and can be read from, or written to, at the
same time with the only possible conflict arising from the
simultaneous writing of, or a simultaneous READ/WRITE of,
a non-semaphore location. Semaphores are protected against
such ambiguous situations and may be used by the system
program to avoid any conflicts in the non-semaphore portion
of the Dual-Port RAM. These devices have an automatic
power-down feature controlled by
CE, the Dual-Port RAM
enable, and
SEM, the semaphore enable. The CE and SEM
pins control on-chip power down circuitry that permits the
respective port to go into standby mode when not selected.
This is the condition which is shown in Truth Table where
CE
and
SEM are both high.
Systems which can best use the IDT7005 contain multiple
processors or controllers and are typically very high-speed
systems which are software controlled or software intensive.
These systems can benefit from a performance increase
offered by the IDT7005's hardware semaphores, which pro-
vide a lockout mechanism without requiring complex pro-
gramming.
2738 drw 19
MASTER
Dual Port
RAM
BUSYL
BUSYR
CE
MASTER
Dual Port
RAM
BUSYL
BUSYR
CE
SLAVE
Dual Port
RAM
BUSYL
BUSYR
CE
SLAVE
Dual Port
RAM
BUSYL
BUSYR
CE
BUSYL
BUSYR


Similar Part No. - IDT7005S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S Datasheet
363Kb / 21P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
733Kb / 21P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
199Kb / 21P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7005S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S55PFG IDT-7005S55PFG Datasheet
363Kb / 21P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JI IDT-7005S35JI Datasheet
363Kb / 21P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_12 Datasheet
162Kb / 22P
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L20PFI IDT-IDT70V05L20PFI Datasheet
172Kb / 22P
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V05 RENESAS-70V05 Datasheet
494Kb / 24P
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT70V05S IDT-IDT70V05S Datasheet
242Kb / 17P
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com