Electronic Components Datasheet Search |
|
IDT7005S Datasheet(PDF) 5 Page - Integrated Device Technology |
|
|
IDT7005S Datasheet(HTML) 5 Page - Integrated Device Technology |
5 / 20 page IDT7005S/L HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM MILITARY AND COMMERCIAL TEMPERATURE RANGES 6.06 5 DC ELECTRICAL CHARACTERISTICS OVER THE OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(1) (VCC = 5.0V ± 10%) 7005X15 7005X17 7005X20 7005X25 Test Com'l. Only Com'l. Only Symbol Parameter Condition Version Typ. (2) Max. Typ.(2) Max. Typ. (2) Max. Typ.(2) Max. Unit ICC Dynamic Operating CE = VIL, Outputs Open MIL. S — — — — 160 370 155 340 mA Current SEM = VIH L — — — — 150 320 145 280 (Both Ports Active) f = fMAX (3) COM. S 170 310 170 310 160 290 155 265 L 160 260 160 260 150 240 145 220 ISB1 Standby Current CEL = CER = VIH MIL. S — — — — 20 90 16 80 mA (Both Ports — TTL SEMR = SEML = VIH L — — — — 10 70 10 65 Level Inputs f = fMAX (3) COM. S 20 60 20 60 20 60 16 60 L 10 60 10 50 10 50 10 50 ISB2 Standby Current CE"A"=VIL and CE"B"=VIH(5) MIL. S — — — — 95 240 90 215 mA (One Port — TTL Active Port Outputs Open L — — — — 85 210 80 180 Level Inputs) f = fMAX (3) COM. S 105 190 105 190 95 180 90 170 SEMR = SEML > VIH L 95 160 95 160 85 150 80 140 ISB3 Full Standby Current Both Ports CEL and MIL. S — — — — 1.0 30 1.0 30 mA (Both Ports — All CER > VCC - 0.2V(5) L — — — — 0.2 10 0.2 10 CMOS Level Inputs) VIN > VCC - 0.2V or COM. S 1.0 15 1.0 15 1.0 15 1.0 15 VIN < 0.2V, f = 0 (4) L 0.2 5 0.2 5 0.2 5 0.2 5 SEMR = SEML > VCC - 0.2V ISB4 Full Standby Current CE"B" < 0.2V and MIL. S — — — — 90 225 85 200 mA (One Port — All CE"B" > VCC - 0.2v CMOS Level Inputs) SEMR = SEML > VCC - 0.2V L — — — — 80 200 75 170 VIN > VCC - 0.2V or COM.S 100 170 100 170 90 155 85 145 VIN < 0.2V Active Port Outputs Open, L 90 140 90 140 80 130 75 120 f = fMAX (3) DC ELECTRICAL CHARACTERISTICS OVER THE OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE (VCC = 5.0V ± 10%) IDT7005S IDT7005L Symbol Parameter Test Conditions Min. Max. Min. Max. Unit |ILI| Input Leakage Current (1) VCC = 5.5V, VIN = 0V to VCC —10 — 5 µA |ILO| Output Leakage Current CE = VIH, VOUT = 0V to VCC —10 — 5 µA VOL Output Low Voltage IOL = 4mA — 0.4 — 0.4 V VOH Output High Voltage IOH = -4mA 2.4 — 2.4 — V NOTES: 2738 tbl 09 1. "X" in part numbers indicates power rating (S or L). 2. VCC = 5V, TA = +25 °C, and are not production tested. ICC DC = 120mA typ.) 3. At f = fMAX , address and I/O'S are cycling at the maximum frequency read cycle of 1/tRC, and using “AC Test Conditions” of input levels of GND to 3V. 4. f = 0 means no address or control lines change. 5. Port "A"may be either left or right port. Port "B" is the port opposite port "A". NOTE: 2738 tbl 08 1. At Vcc < 2.0V input leakages are undefined. |
Similar Part No. - IDT7005S |
|
Similar Description - IDT7005S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |