Electronic Components Datasheet Search |
|
UPA1726 Datasheet(PDF) 2 Page - NEC |
|
|
UPA1726 Datasheet(HTML) 2 Page - NEC |
2 / 8 page Data Sheet G14050EJ1V0DS00 2 µµµµPA1726 ELECTRICAL CHARACTERISTICS (TA = 25 °C, All terminals are connected.) CHARACTERISTICS SYMBOL TEST CONDITIONS MIN. TYP. MAX. UNIT Drain to Source On-state Resistance RDS(on)1 VGS = 4.5 V, ID = 6.0 A 7.2 9.1 m Ω RDS(on)2 VGS = 4.0 V, ID = 6.0 A 7.5 10.0 m Ω RDS(on)3 VGS = 2.5 V, ID = 6.0 A 9.1 12.5 m Ω Gate to Source Cut-off Voltage VGS(off) VDS = 10 V, ID = 1 mA 0.5 1.0 1.5 V Forward Transfer Admittance | yfs |VDS = 10 V, ID = 6.0 A 12 24 S Drain Leakage Current IDSS VDS = 20 V, VGS = 0 V 10 µA Gate to Source Leakage Current IGSS VGS = ±12 V, VDS = 0 V ±10 µA Input Capacitance Ciss VDS = 10 V 2700 pF Output Capacitance Coss VGS = 0 V 880 pF Reverse Transfer Capacitance Crss f = 1 MHz 460 pF Turn-on Delay Time td(on) ID = 6.0 A 50 ns Rise Time tr VGS(on) = 4.5 V 170 ns Turn-off Delay Time td(off) VDD = 10 V 100 ns Fall Time tf RG = 10 Ω 190 ns Total Gate Charge QG ID = 12 A 25 nC Gate to Source Charge QGS VDD = 16 V 4 nC Gate to Drain Charge QGD VGS = 4.5 V 11 nC Body Diode Forward Voltage VF(S-D) IF = 12 A, VGS = 0 V 0.8 V Reverse Recovery Time trr IF = 12 A, VGS = 0 V 50 ns Reverse Recovery Charge Qrr di/dt = 100 A/ µs50 nC TEST CIRCUIT 2 GATE CHARGE TEST CIRCUIT 1 SWITCHING TIME PG. RG 0 VGS D.U.T. RL VDD τ = 1 s µ Duty Cycle ≤ 1 % VGS Wave Form ID Wave Form VGS 10 % 90 % VGS(on) 10 % 0 ID 90 % 90 % td(on) tr td(off) tf 10 % τ ID 0 ton toff PG. 50 Ω D.U.T. RL VDD IG = 2 mA 5 5 |
Similar Part No. - UPA1726 |
|
Similar Description - UPA1726 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |