Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA1726 Datasheet(PDF) 5 Page - NEC

Part # UPA1726
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1726 Datasheet(HTML) 5 Page - NEC

  UPA1726 Datasheet HTML 1Page - NEC UPA1726 Datasheet HTML 2Page - NEC UPA1726 Datasheet HTML 3Page - NEC UPA1726 Datasheet HTML 4Page - NEC UPA1726 Datasheet HTML 5Page - NEC UPA1726 Datasheet HTML 6Page - NEC UPA1726 Datasheet HTML 7Page - NEC UPA1726 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet G14050EJ1V0DS00
5
µµµµPA1726
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TA - Ambient Temperature - ˚C
0
20
40
60
80
100
120
140
160
20
40
60
80
100
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
TA - Ambient Temperature - ˚C
0
20
40
60
80
100
120
140
160
2.8
2.4
2.0
1.6
1.2
0.8
0.4
Mounted on ceramic
substrate of
1200 mm
× 2.2 mm
2
0
FORWARD BIAS SAFE OPERATING AREA
VDS - Drain to Source Voltage - V
0.1
0.1
1
10
100
1
10
100
TA = 25˚C
Single Pulse
R
DS(on)
Limited
(@V
GS
= 4.5
V)
10
ms
100
ms
Power
Dissipation
Limited
ID(pulse) = 48 A
ID(DC) = 12 A
1 ms
PW
=
100
µ
s
Remark
Mounted on ceramic substrate of 1200 mm
2 × 2.2 mm
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
PW - Pulse Width - s
10
0.001
0.01
0.1
1
100
1000
1 m
10 m
100 m
1
10
100
1000
Mounted on ceramic
substrate of 1200 mm
× 2.2 mm
Single Pulse
2
10
µ
100
µ
Rth(ch-A) = 62.5˚C/W


Similar Part No. - UPA1726

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1726 RENESAS-UPA1726 Datasheet
231Kb / 10P
MOS FIELD EFFECT TRANSISTOR
2000
UPA1726G RENESAS-UPA1726G Datasheet
231Kb / 10P
MOS FIELD EFFECT TRANSISTOR
2000
More results

Similar Description - UPA1726

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com