Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA1726 Datasheet(PDF) 3 Page - NEC

Part # UPA1726
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1726 Datasheet(HTML) 3 Page - NEC

  UPA1726 Datasheet HTML 1Page - NEC UPA1726 Datasheet HTML 2Page - NEC UPA1726 Datasheet HTML 3Page - NEC UPA1726 Datasheet HTML 4Page - NEC UPA1726 Datasheet HTML 5Page - NEC UPA1726 Datasheet HTML 6Page - NEC UPA1726 Datasheet HTML 7Page - NEC UPA1726 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet G14050EJ1V0DS00
3
µµµµPA1726
TYPICAL CHARACTERISTICS (TA = 25
°°°°C, All terminals are connected.)
FORWARD TRANSFER CHARACTERISTICS
VGS
- Gate to Source Voltage - V
0.001
0.01
0.1
01
2
3
4
Pulsed
VDS = 10 V
1
10
100
TA = 125˚C
TA = 25˚C
TA =
−25˚C
TA = 75˚C
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
0.0
0.4
0.6
0.8
10
20
30
40
0.2
Pulsed
50
VGS = 4.0 V
VGS = 2.5 V
0
VGS = 4.5 V
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
20
10
0
0
50
100
150
VGS = 2.5 V
− 50
VGS = 4.5 V
Pulsed
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
VGS - Gate to Source Voltage - V
0
5
10
20
16
12
8
4
0
ID = 6.0 A
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
ID - Drain Current - A
1
10
100
0.1
0
5
10
15
20
25
30
VGS = 2.5 V
VGS = 4.5 V
VGS = 4.0 V
Pulsed
GATE TO SOURCE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
VDS = 10 V
ID = 1 mA
− 50
50
100
0
150
0.3
1.0
0.5
5


Similar Part No. - UPA1726

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1726 RENESAS-UPA1726 Datasheet
231Kb / 10P
MOS FIELD EFFECT TRANSISTOR
2000
UPA1726G RENESAS-UPA1726G Datasheet
231Kb / 10P
MOS FIELD EFFECT TRANSISTOR
2000
More results

Similar Description - UPA1726

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com