Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT49C465 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT49C465
Description  32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT49C465 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT49C465 Datasheet HTML 5Page - Integrated Device Technology IDT49C465 Datasheet HTML 6Page - Integrated Device Technology IDT49C465 Datasheet HTML 7Page - Integrated Device Technology IDT49C465 Datasheet HTML 8Page - Integrated Device Technology IDT49C465 Datasheet HTML 9Page - Integrated Device Technology IDT49C465 Datasheet HTML 10Page - Integrated Device Technology IDT49C465 Datasheet HTML 11Page - Integrated Device Technology IDT49C465 Datasheet HTML 12Page - Integrated Device Technology IDT49C465 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
11.7
9
IDT49C465/A
32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DIAGNOSTIC DATA FORMAT (SYSTEM BUS)
DIAGNOSTIC FEATURES — DETAILED DESCRIPTION
Mode 2-0
x11
“NORMAL” Mode
In this mode, operation is “Normal” or non-diagnostic.
x10
“GENERATE-DETECT” Mode
When the EDC unit is in the “Generate-Detect” Mode, data is not corrected or altered by the error correction network.
(Also referred to as the “Detect-only” Mode.)
000
“ERROR-DATA-OUTPUT” Mode
In this mode, the 32-bit data from the Error-Data Register is output on the SD bus.
Error Data Register: The uncorrected data from the Memory Data bus input latch is stored in the Error-Data Register
if the error counter contents indicates “0” and there is a positive transition on the SYNCLK input when the
ERR signal is
low. Thus, the Error-Data Register contains memory data corresponding to the first error to occur since the register was
cleared. This register is cleared by pulling the
CLEAR input low. The register is read via the System Data bus by entering
the “Error-Data-Output” Mode and enabling the System Data bus output drivers.
All-Zero-Data: The Error-Data Register can be used as an “all-zero-data” data source for memory initialization in systems
where the initialization process is to be done entirely by hardware.
x01
“DIAGNOSTIC-OUTPUT” Mode
In this mode, data from the diagnostic registers, the PCBI bus and the CBI bus is output on the SD bus.
Direct Checkbit Readback: Internal data paths allow both the “Partial-CheckBit-Input” bus and the data in the “CheckBit-
Input” latch to be read directly by the system bus for diagnostic purposes. Both the Checkbit Input Bus and the Partial
Checkbit Input Bus are read via the System Data bus by entering the “Diagnostic-Output” Mode and enabling the System
Data bus output drivers. The checkbits are output on System Data bus bits 0-7; the Partial Checkbits are output on bits
8-15.
Syndrome Register: After an error has been detected, the syndrome bits generated are clocked into the internal
Syndrome Register if the error counter contents indicates “0” and there is a positive transition on the SYNCLK input when
the
ERR signal is low. This register is cleared by pulling the CLEAR input low. The register is read via the System Data
bus by entering the “Diagnostic-Output” Mode and enabling the System Data bus outputs. This data is output on SD
bits 16-23.
Error Counter: The 4-bit on-board error counter is incremented if the error counter contents do not indicate FF HEX, which
corresponds to a count of 15, and there is a positive transition on the SYNCLK input when the
ERR signal is low. This
counter is cleared by pulling the
CLEAR input low. The counter is read via the System Data bus by entering the
“Diagnostic-Output” Mode and enabling the System Data bus output drivers. This data is output on System Data bus
bits 24-27.
Test Register: These 2 bits are reserved for factory diagnostics only and must not be used by system software. This data
is output on System Data bus bits 28-29.
Error-Type Register: The Error-Type Register, clocked by the SYNCLK input, saves 2 bits which indicate whether a
recorded error was a single or a multiple-bit error. This register holds only the first error type to occur after the last Clear
operation. This data is output on System Data bus bits 30-31.
100
Direct Read-Path Checkbit Injection: In the “Checkbit-Injection” Mode, bits 0-7 of the System Data input latch are
presented to the inputs of the Checkbit Input latch. If MLE is strobed, the checkbit latch will be loaded with this value in
place of the checkbits from memory. By inserting various checkbit values, operation of the correction function of the EDC
can be verified “on-board”. Except for the “Checkbit-Injection” function, operation in this mode is identical to “Normal” Mode
operation.
2552 tbl 03
Byte 3
Byte 2
Byte 1
Byte 0
Checkbits
0
8 7
16 15
24 23
31
Partial Checkbits
76
5
4
3
2
1
0
S
M
-
-
2
2
2
2
Syndrome bits
27
Error
Counter
Error
Type
Re-
served
Latched Data
Data Out (Unlatched)
7
6
5
4
3
210
7
6
5
4
3
2
1
0
2552 drw 12
30
3
0
1
2


Similar Part No. - IDT49C465

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49C460 IDT-IDT49C460 Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460A IDT-IDT49C460A Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460AFF IDT-IDT49C460AFF Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460AFFB IDT-IDT49C460AFFB Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460AG IDT-IDT49C460AG Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
More results

Similar Description - IDT49C465

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49C466 IDT-IDT49C466 Datasheet
234Kb / 27P
   64-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C460 IDT-IDT49C460 Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
logo
ATMEL Corporation
29C516E ATMEL-29C516E_07 Datasheet
163Kb / 17P
   16-Bit Flow-Through EDAC Error Detection And Correction unit
29C516E ATMEL-29C516E Datasheet
94Kb / 16P
   16 Bit Flow Through EDAC Error Detection And Correction unit
logo
National Semiconductor ...
DP8406 NSC-DP8406 Datasheet
225Kb / 14P
   32-Bit Parallel Error Detection and Correction Circuit
logo
Dynex Semiconductor
MA31755 DYNEX-MA31755 Datasheet
134Kb / 13P
   16-Bit Feedthrough Error Detection & Correction Unit EDAC
logo
Texas Instruments
SN54LS630 TI-SN54LS630 Datasheet
352Kb / 9P
[Old version datasheet]   16-BIT PARALLEL ERROR DETECTION AND CORRECTION CIRCUITS
logo
Micrel Semiconductor
SY10E193 MICREL-SY10E193 Datasheet
62Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
logo
ON Semiconductor
MC10E193 ONSEMI-MC10E193 Datasheet
108Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
REV 3
logo
National Semiconductor ...
DP8402A NSC-DP8402A Datasheet
319Kb / 18P
   DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com