Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA1720 Datasheet(PDF) 1 Page - NEC

Part # UPA1720
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1720 Datasheet(HTML) 1 Page - NEC

  UPA1720 Datasheet HTML 1Page - NEC UPA1720 Datasheet HTML 2Page - NEC UPA1720 Datasheet HTML 3Page - NEC UPA1720 Datasheet HTML 4Page - NEC UPA1720 Datasheet HTML 5Page - NEC UPA1720 Datasheet HTML 6Page - NEC UPA1720 Datasheet HTML 7Page - NEC UPA1720 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1998, 1999
MOS FIELD EFFECT TRANSISTOR
µµµµ PA1720
SWITCHING
N-CHANNEL POWER MOS FET
INDUSTRIAL USE
DATA SHEET
Document No.
G13888EJ2V0DS00 (2nd edition)
Date Published
March 2000 NS CP(K)
Printed in Japan
The mark 5 shows major revised points.
DESCRIPTION
The
µ PA1720 is N-Channel MOS Field Effect Transistor designed for DC / DC Converters and power management
application of notebook computers.
FEATURES
• Low On-Resistance
RDS(on)1 = 25.0 m
Ω MAX. (VGS = 10 V, ID = 4.0 A)
RDS(on)2 = 33.0 m
Ω MAX. (VGS = 4.5 V, ID = 4.0 A)
RDS(on)3 = 38.0 m
Ω MAX. (VGS = 4.0 V, ID = 4.0 A)
• Low Ciss : Ciss = 800 pF TYP.
• Built-in G-S Protection Diode
• Small and Surface Mount Package (Power SOP8)
ORDERING INFORMATION
PART NUMBER
PACKAGE
µ PA1720G
Power SOP8
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, All terminals are connected.)
Drain to Source Voltage (VGS = 0)
VDSS
30
V
Gate to Source Voltage (VDS = 0)
VGSS
±20
V
Drain Current (DC)
ID(DC)
±8
A
Drain Current (Pulse)
Note1
ID(pulse)
±32
A
Total Power Dissipation (TA = 25 °C)
Note2
PT
2.0
W
Single Avalanche Current
Note3
IAS
8.0
A
Single Avalanche Energy
Note3
EAS
6.4
mJ
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to + 150
°C
Notes 1. PW
≤ 10
µs, Duty cycle ≤ 1 %
2. Mounted on ceramic substrate of 1200 mm
2 x 2.2 mm
3. Starting Tch = 25 °C, RG = 25
Ω, VGS = 20 V → 0 V


Similar Part No. - UPA1720

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1720 RENESAS-UPA1720 Datasheet
294Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1999
UPA1720G RENESAS-UPA1720G Datasheet
294Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1999
More results

Similar Description - UPA1720

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com