Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA1709 Datasheet(PDF) 1 Page - NEC

Part # UPA1709
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1709 Datasheet(HTML) 1 Page - NEC

  UPA1709 Datasheet HTML 1Page - NEC UPA1709 Datasheet HTML 2Page - NEC UPA1709 Datasheet HTML 3Page - NEC UPA1709 Datasheet HTML 4Page - NEC UPA1709 Datasheet HTML 5Page - NEC UPA1709 Datasheet HTML 6Page - NEC UPA1709 Datasheet HTML 7Page - NEC UPA1709 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1998
MOS FIELD EFFECT TRANSISTOR
µµµµ PA1709
SWITCHING
N-CHANNEL POWER MOS FET
INDUSTRIAL USE
DATA SHEET
Document No.
G13436EJ1V0DS00 (1st edition)
Date Published
November 1998 NS CP(K)
Printed in Japan
DESCRIPTION
This product is N-Channel MOS Field Effect Transistor designed for DC/DC converters and power management
switch.
FEATURES
• Low on-resistance
RDS(on)1 = 9.3 m
Ω (TYP.) (VGS = 10 V, ID = 4.5 A)
RDS(on)2 = 13.8 m
Ω (TYP.) (VGS = 4.5 V, ID = 4.5 A)
• Low Ciss : Ciss = 1850 pF (TYP.)
• Built-in G-S protection diode
• Small and surface mount package (Power SOP8)
ORDERING INFORMATION
PART NUMBER
PACKAGE
µ PA1709G
Power SOP8
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, All terminals are connected.)
Drain to Source Voltage (VGS = 0 V)
VDSS
40
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±25
V
Drain Current (DC)
ID(DC)
±9.0
A
Drain Current (pulse)
Note1
ID(pulse)
±36
A
Total Power Dissipation (TA = 25°C)
Note2
PT
2.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to + 150
°C
Notes 1. PW
≤ 10
µ s, Duty Cycle ≤ 1 %
2. Mounted on ceramic substrate of 1200 mm
2 x 0.7 mm
Remark
The diode connected between the gate and source of the transistor serves as a protector against ESD.
When this device actually used, an additional protection circuit is externally required if a voltage
exceeding the rated voltage may be applied to this device.
EQUIVARENT CIRCUIT
Source
Body
Diode
Gate
Protection
Diode
Gate
Drain
PACKAGE DRAWING (Unit : mm)
1.27
0.12 M
6.0 ±0.3
4.4
0.40
+0.10
–0.05
0.78 Max.
0.8
0.5 ±0.2
5.37 Max.
0.10
14
85
1,2,3
4
5,6,7,8
; Source
; Gate
; Drain


Similar Part No. - UPA1709

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1709 RENESAS-UPA1709 Datasheet
234Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1998
logo
VBsemi Electronics Co.,...
UPA1709G VBSEMI-UPA1709G Datasheet
1Mb / 8P
   N-Channel 100-V (D-S) MOSFET
logo
Renesas Technology Corp
UPA1709G RENESAS-UPA1709G Datasheet
234Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1998
More results

Similar Description - UPA1709

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com