Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA1709 Datasheet(PDF) 5 Page - NEC

Part # UPA1709
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1709 Datasheet(HTML) 5 Page - NEC

  UPA1709 Datasheet HTML 1Page - NEC UPA1709 Datasheet HTML 2Page - NEC UPA1709 Datasheet HTML 3Page - NEC UPA1709 Datasheet HTML 4Page - NEC UPA1709 Datasheet HTML 5Page - NEC UPA1709 Datasheet HTML 6Page - NEC UPA1709 Datasheet HTML 7Page - NEC UPA1709 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
µµµµ PA1709
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
0
-50
10
0
50
100
150
ID = 4.5 A
20
40
30
10 V
VGS = 4.5 V
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
VSD - Source to Drain Voltage - V
0.1
0
1
10
100
0.5
1.0
1.5
Pulsed
VGS = 10 V
0 V
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
10
0.1
100
1 000
10 000
1
10
100
VGS = 0 V
f = 1 MHz
Ciss
Coss
Crss
SWITCHING CHARACTERISTICS
ID - Drain Current - A
1
0.1
10
100
1 000
1
10
100
VDS = 20 V
VGS = 10 V
RG = 10
td(off)
td(on)
tr
tf
REVERSE RECOVERY TIME vs.
DIODE CURRENT
ID - Diode Current - A
1
0.1
10
1
10
100
1 000
100
di/dt = 100 A/ s
VGS = 0 V
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
QG - Gate Charge - nC
0
20
40
20
40
2
4
6
8
80
ID = 9.0 A
10
12
14
VDS
VDD = 32 V
20 V
8 V
VGS
60
60
80


Similar Part No. - UPA1709

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1709 RENESAS-UPA1709 Datasheet
234Kb / 10P
MOS FIELD EFFECT TRANSISTOR
1998
logo
VBsemi Electronics Co.,...
UPA1709G VBSEMI-UPA1709G Datasheet
1Mb / 8P
N-Channel 100-V (D-S) MOSFET
logo
Renesas Technology Corp
UPA1709G RENESAS-UPA1709G Datasheet
234Kb / 10P
MOS FIELD EFFECT TRANSISTOR
1998
More results

Similar Description - UPA1709

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com