Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA1709 Datasheet(PDF) 3 Page - NEC

Part # UPA1709
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1709 Datasheet(HTML) 3 Page - NEC

  UPA1709 Datasheet HTML 1Page - NEC UPA1709 Datasheet HTML 2Page - NEC UPA1709 Datasheet HTML 3Page - NEC UPA1709 Datasheet HTML 4Page - NEC UPA1709 Datasheet HTML 5Page - NEC UPA1709 Datasheet HTML 6Page - NEC UPA1709 Datasheet HTML 7Page - NEC UPA1709 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
µµµµ PA1709
TYPICAL CHARACTERISTICS (TA = 25 °C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TA - Ambient Temperature - ˚C
0
20
40
60
80
100
120
140
160
20
40
60
80
100
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
TA - Ambient Temperature - ˚C
0
20
40
60
80
100
120
140
160
2.8
2.4
2.0
1.6
1.2
0.8
0.4
Mounted on ceramic
substrate of
1200 mm2
0.7 mm
FORWARD BIAS SAFE OPERATING AREA
VDS - Drain to Source Voltage - V
0.1
0.1
1
10
100
1
10
100
Mounted on ceramic
substrate of 1200 mm2
0.7 mm
ID(pulse)
0
TA = 25 ˚C
Single Pulse
10
ms
PW
=
1
ms
ID(DC)
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
0
0.8
10
0.4
Pulsed
VGS = 10 V
20
4.5 V
30
50
40
FORWARD TRANSFER CHARACTERISTICS
VGS
- Gate to Source Voltage - V
0.1
1
10
100
Pulsed
02
4
6
VDS = 10 V
25 ˚C
-25 ˚C
-50 ˚C
8
TA = 150 ˚C
125 ˚C
75 ˚C


Similar Part No. - UPA1709

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1709 RENESAS-UPA1709 Datasheet
234Kb / 10P
MOS FIELD EFFECT TRANSISTOR
1998
logo
VBsemi Electronics Co.,...
UPA1709G VBSEMI-UPA1709G Datasheet
1Mb / 8P
N-Channel 100-V (D-S) MOSFET
logo
Renesas Technology Corp
UPA1709G RENESAS-UPA1709G Datasheet
234Kb / 10P
MOS FIELD EFFECT TRANSISTOR
1998
More results

Similar Description - UPA1709

ManufacturerPart #DatasheetDescription
logo
NEC
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com