Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV101 Datasheet(PDF) 6 Page - Analog Devices

Part # ADV101
Description  CMOS 80 MHz, Triple 8-Bit Video DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV101 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADV101_15 Datasheet HTML 2Page - Analog Devices ADV101_15 Datasheet HTML 3Page - Analog Devices ADV101_15 Datasheet HTML 4Page - Analog Devices ADV101_15 Datasheet HTML 5Page - Analog Devices ADV101_15 Datasheet HTML 6Page - Analog Devices ADV101_15 Datasheet HTML 7Page - Analog Devices ADV101_15 Datasheet HTML 8Page - Analog Devices ADV101_15 Datasheet HTML 9Page - Analog Devices ADV101_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADV101
–6–
REV. B
TERMINOLOGY
Blanking Level
The level separating the SYNC portion from the video portion
of the waveform. Usually referred to as the front porch or back
porch. At 0 IRE units, it is the level which will shut off the pic-
ture tube, resulting in the blackest possible picture.
Color Video (RGB)
This usually refers to the technique of combining the three pri-
mary colors of red, green and blue to produce color pictures
within the usual spectrum. In RGB monitors, three DACs are
required, one for each color.
Sync Signal (SYNC)
The position of the composite video signal which synchronizes
the scanning process.
Gray Scale
The discrete levels of video signal between reference black and
reference white levels. An 8-bit DAC contains 256 different lev-
els, while a 6-bit DAC contains 64.
Raster Scan
The most basic method of sweeping a CRT one line at a time to
generate and display images.
Reference Black Level
The maximum negative polarity amplitude of the video signal.
Reference White Level
The maximum positive polarity amplitude of the video signal.
Sync Level
The peak level of the SYNC signal.
Video Signal
That portion of the composite video signal which varies in gray
scale levels between reference white and reference black. Also re-
ferred to as the picture signal, this is the portion which may be
visually observed.
CIRCUIT DESCRIPTION AND OPERATION
The ADV101 contains three 8-bit D/A converters, with three
input channels, each containing an 8-bit register. Also inte-
grated on board the part is a reference amplifier and CRT con-
trol functions BLANK, SYNC and REF WHITE.
Digital Inputs
24-bits of pixel data (color information) R0–R7, G0–G7 and
B0–B7 are latched into the device on the rising edge of each
clock cycle. This data is presented to the three 8-bit DACs and
is then converted to three analog (RGB) output waveforms.
(See Figure 2.)
Three other digital control signals are latched to the analog
video outputs in a similar fashion. BLANK, SYNC and REF
WHITE are each latched on the rising edge of CLOCK to
maintain synchronization with the pixel data stream.
The BLANK and SYNC functions allow for the encoding of
these video synchronization signals onto the RGB video output.
This is done by adding appropriately weighted current sources
to the analog outputs, as determined by the logic levels on the
BLANK
and SYNC digital inputs. Figure 3 shows the analog
output, RGB video waveform of the ADV101. The influence of
SYNC
and BLANK on the analog video waveform is illustrated.
The REF WHITE control input drives the RGB video outputs
to the white level. This function could be used to overlay a cur-
sor or crosshair onto the RGB video output.
Table I details the resultant effect on the analog outputs of
BLANK
, SYNC and REF WHITE.
All these digital inputs are specified to accept TTL logic levels
Clock Input
The CLOCK input of the ADV101 is typically the pixel clock
rate of the system. It is also known as the dot rate. The dot rate
and hence the required CLOCK frequency, will be determined
by the on-screen resolution, according to the following equation.
Dot Rate = (Horiz Res)
× (Vert Res) × (Refresh Rate)/
Dot Rate = (Retrace Factor)
Horiz Res
= Number of pixels/line
Vert Res
= Number of lines/frame
Refresh Rate
= Horizontal Scan Rate. This is the rate at
which the screen must be refreshed, typi-
cally 60 Hz for a noninterlaced system or
30 Hz for an interlaced system.
Retrace Factor
= Total blank time factor. This takes into ac-
count that the display is blanked for a certain
fraction of the total duration of each frame
(e.g., 0.8).
CLOCK
DATA
ANALOG OUTPUTS
(IOR, IOG, IOB, I
)
SYNC
DIGITAL INPUTS
(R0–R7, G0–G7, B0–B7;
SYNC, BLANK,
REFWHITE)
Figure 2. Video Data Input/Output
OBSOLETE


Similar Part No. - ADV101_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV101KN30 AD-ADV101KN30 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101KN50 AD-ADV101KN50 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101KN80 AD-ADV101KN80 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101KP30 AD-ADV101KP30 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101KP50 AD-ADV101KP50 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
More results

Similar Description - ADV101_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV101 AD-ADV101 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120_15 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120 Datasheet
188Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7128 AD-ADV7128 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7128 AD-ADV7128_15 Datasheet
139Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7125 AD-ADV7125 Datasheet
264Kb / 12P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. 0
ADV7125 AD-ADV7125_15 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7125 AD-ADV7125_11 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com