Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV101 Datasheet(PDF) 2 Page - Analog Devices

Part # ADV101
Description  CMOS 80 MHz, Triple 8-Bit Video DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV101 Datasheet(HTML) 2 Page - Analog Devices

  ADV101_15 Datasheet HTML 1Page - Analog Devices ADV101_15 Datasheet HTML 2Page - Analog Devices ADV101_15 Datasheet HTML 3Page - Analog Devices ADV101_15 Datasheet HTML 4Page - Analog Devices ADV101_15 Datasheet HTML 5Page - Analog Devices ADV101_15 Datasheet HTML 6Page - Analog Devices ADV101_15 Datasheet HTML 7Page - Analog Devices ADV101_15 Datasheet HTML 8Page - Analog Devices ADV101_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. B
–2–
ADV101–SPECIFICATIONS
(VAA = +5 V
5%; VREF = +1.235 V; RL = 37.5
, CL = 10 pF; RSET = 560
. ISYNC
connected to IOG. All Specifications TMIN to TMAX
1 unless otherwise noted.)
Parameter
All Versions Units
Test Conditions/Comments
STATIC PERFORMANCE
Resolution (Each DAC)
8
Bits
Accuracy (Each DAC)
Integral Nonlinearity, INL
±1
LSB max
Differential Nonlinearity, DNL
±0.5
LSB max
Guaranteed Monotonic
Gray Scale Error
±5
% Gray Scale max
Max Gray Scale Current: IOG = (VREF* 12,082/RSET) mA
Max Gray Scale Current: IOR, IOB = (VREF* 8,627/RSET) mA
Coding
Binary
DIGITAL INPUTS
Input High Voltage, VINH
2
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IIN
±1
µA max
VIN = 0.4 V or 2.4 V
Input Capacitance, CIN
2
10
pF max
ANALOG OUTPUTS
Gray Scale Current Range
15
mA min
22
mA max
Output Current
White Level Relative to Blank
17.69
mA min
Typically 19.05 mA
20.40
mA max
White Level Relative to Black
16.74
mA min
Typically 17.62 mA
18.50
mA max
Black Level Relative to Blank
0.95
mA min
Typically 1.44 mA
1.90
mA max
Blank Level on IOR, IOB
0
µA min
Typically 5
µA
50
µA max
Blank Level on IOG
6.29
mA min
Typically 7.62 mA
9.5
mA max
Sync Level on IOG
0
µA min
Typically 5
µA
50
µA max
LSB Size
69.1
µA typ
DAC to DAC Matching
2
% typ
Output Compliance, VOC
–1
V min
+1.4
V max
Output Impedance, ROUT
2
100
k
Ω typ
Output Capacitance, COUT
2
30
pF max
IOUT = 0 mA
VOLTAGE REFERENCE
Voltage Reference Range, VREF
1.14/1.26
V min/V max
VREF = 1.235 V for Specified Performance
Input Current, IVREF
+10
µA typ
POWER REQUIREMENTS
VAA
5
V nom
IAA
125
mA max
Typically 80 mA: 80 MHz Parts
100
mA max
Typically 70 mA: 50 MHz & 35 MHz Parts
Power Supply Rejection Ratio
0.5
%/% max
Typically 0.12%/%: f = 1 kHz, COMP = 0.1
µF
Power Dissipation
625
mW max
Typically 400 mW: 80 MHz Parts
500
mW max
Typically 350 mW: 50 MHz & 30 MHz Parts
DYNAMIC PERFORMANCE
Glitch Impulse
2, 3
50
pV secs typ
DAC Noise2, 3, 4
200
pV secs typ
Analog Output Skew
2
ns max
Typically 1 ns
NOTES
1Temperature Range (T
MIN to TMAX); 0°C to +70°C.
2Sample tested at +25
°C to ensure compliance.
3TTL input values are 0 to 3 volts, with input rise/fall times
≤ 3 ns, measured between the 10% and 90% points. Timing reference points at 50% for inputs and
outputs. See timing notes in Figure 1.
4This includes effects due to clock and data feedthrough as well as RGB analog crosstalk.
Specifications subject to change without notice.
OBSOLETE


Similar Part No. - ADV101_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV101KN30 AD-ADV101KN30 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101KN50 AD-ADV101KN50 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101KN80 AD-ADV101KN80 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101KP30 AD-ADV101KP30 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101KP50 AD-ADV101KP50 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
More results

Similar Description - ADV101_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV101 AD-ADV101 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120_15 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120 Datasheet
188Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7128 AD-ADV7128 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7128 AD-ADV7128_15 Datasheet
139Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7125 AD-ADV7125 Datasheet
264Kb / 12P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. 0
ADV7125 AD-ADV7125_15 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7125 AD-ADV7125_11 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com