Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV101 Datasheet(PDF) 10 Page - Analog Devices

Part # ADV101
Description  CMOS 80 MHz, Triple 8-Bit Video DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV101 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADV101_15 Datasheet HTML 4Page - Analog Devices ADV101_15 Datasheet HTML 5Page - Analog Devices ADV101_15 Datasheet HTML 6Page - Analog Devices ADV101_15 Datasheet HTML 7Page - Analog Devices ADV101_15 Datasheet HTML 8Page - Analog Devices ADV101_15 Datasheet HTML 9Page - Analog Devices ADV101_15 Datasheet HTML 10Page - Analog Devices ADV101_15 Datasheet HTML 11Page - Analog Devices ADV101_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADV101
–10–
REV. B
PC BOARD LAYOUT CONSIDERATIONS
The ADV101 is optimally designed for lowest noise perfor-
mance, both radiated and conducted noise. To complement the
excellent noise performance of the ADV101, it is imperative
that great care be given to the PC board layout. Figure 8 shows
a recommended connection diagram for the ADV101.
The layout should be optimized for lowest noise on the
ADV101 power and ground lines. This can be achieved by
shielding the digital inputs and providing good decoupling. The
lead length between groups of VAA and GND pins should by
minimized so as to minimize inductive ringing.
Ground Planes
The ADV101, and associated analog circuitry, should have a
separate ground plane referred to as the analog ground plane.
This ground plane should connect to the regular PCB ground
plane at a single point through a ferrite bead, as illustrated in
Figure 8. This bead should be located as close as possible
(within 3 inches) to the ADV101.
The analog ground plane should encompass all ADV101
ground pins, voltage reference circuitry, power supply bypass
circuitry, the analog output traces and any output amplifiers.
The regular PCB ground plane area should encompass all the
digital signal traces, excluding the ground pins, leading up to
the ADV101.
GND
FS ADJUST
IOR
IOG
IOB
GROUND
ADV101
C5
0.1
µF
Z1 (AD589)
R1
75
R2
75
R3
75
C1
33
µF
C2
10
µF
COMP
C6
0.1
µF
ANALOG POWER PLANE
V
AA
V
REF
L2 (FERRITE BEAD)
R0
R7
G0
G7
B0
B7
CLOCK
REF WHITE
SYNC
BLANK
RGB
VIDEO
OUTPUT
VIDEO
DATA
INPUTS
VIDEO
CONTROL
INPUTS
ANALOG GROUND PLANE
RSET
560
L1 (FERRITE BEAD)
C4
0.1
µF
C3
0.1
µF
CC
5V (V
+
)
R4
1k
ISYNC
DESCRIPTION
33
µF TANTALUM CAPACITOR
10
µF TANTALUM CAPACITOR
0.1
µF CERAMIC CAPACITOR
FERRITE BEAD
75
Ω 1% METAL FILM RESISTOR
1k
Ω 1% METAL FILM RESISTOR
560
Ω 1% METAL FILM RESISTOR
1.235V VOLTAGE REFERENCE
VENDOR PART NUMBER
FAIR-RITE 27430011 OR MURATA BL01/02/03
DALE CMF-55C
DALE CMF-55C
DALE CMF-55C
ANALOG DEVICES AD589JH
COMPONENT
C1
C2
C3, C4, C5, C6
L1, L2
R1, R2, R3
R4
Z1
R
SET
Figure 8. Typical Connection Diagram and Component List
OBSOLETE


Similar Part No. - ADV101_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV101KN30 AD-ADV101KN30 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101KN50 AD-ADV101KN50 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101KN80 AD-ADV101KN80 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101KP30 AD-ADV101KP30 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101KP50 AD-ADV101KP50 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
More results

Similar Description - ADV101_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV101 AD-ADV101 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120_15 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120 Datasheet
188Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7128 AD-ADV7128 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7128 AD-ADV7128_15 Datasheet
139Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7125 AD-ADV7125 Datasheet
264Kb / 12P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. 0
ADV7125 AD-ADV7125_15 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7125 AD-ADV7125_11 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com