Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV101 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV101
Description  CMOS 80 MHz, Triple 8-Bit Video DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV101 Datasheet(HTML) 1 Page - Analog Devices

  ADV101_15 Datasheet HTML 1Page - Analog Devices ADV101_15 Datasheet HTML 2Page - Analog Devices ADV101_15 Datasheet HTML 3Page - Analog Devices ADV101_15 Datasheet HTML 4Page - Analog Devices ADV101_15 Datasheet HTML 5Page - Analog Devices ADV101_15 Datasheet HTML 6Page - Analog Devices ADV101_15 Datasheet HTML 7Page - Analog Devices ADV101_15 Datasheet HTML 8Page - Analog Devices ADV101_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
CMOS
80 MHz, Triple 8-Bit Video DAC
ADV101*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FUNCTIONAL BLOCK DIAGRAM
REF WHITE
PIXEL
INPUT
PORT
IOR
IOG
IOB
R0
R7
CLOCK
8
SYNC
ADV101
V
REF
GND
G0
G7
8
B0
B7
8
BLANK
FS
ADJUST
8
8
8
I
SYNC
V
AA
REFERENCE
AMPLIFIER
COMP
RED
REGISTER
BLUE
REGISTER
CONTROL
REGISTER
GREEN
REGISTER
DAC
SYNC
CONTROL
DAC
DAC
FEATURES
80 MHz Pipelined Operation
Triple 8-Bit D/A Converters
RS-343A/RS-170 Compatible Outputs
TTL Compatible Inputs
+5 V CMOS Monolithic Construction
40-Pin DIP or 44-Pin PLCC Package
Plug-In Replacement for BT101
Power Dissipation: 400 mW
APPLICATIONS
High Resolution Color Graphics
CAE/CAD/CAM Applications
Image Processing
Instrumentation
Video Signal Reconstruction
Desktop Publishing
SPEED GRADES
80 MHz
50 MHz
30 MHz
GENERAL DESCRIPTION
The ADV101 is a digital-to-analog video converter on a single
monolithic chip. The part is specifically designed for high reso-
lution color graphics and video systems. It consists of three,
high speed, 8-bit, video D/A converters (RGB); a standard TTL
input interface and high impedance, analog output, current
sources.
The ADV101 has three separate, 8-bit, pixel input ports, one
each for red, green and blue video data. Additional video input
controls on the part include sync, blank and reference white. A
single +5 V supply, an external 1.23 V reference and pixel clock
input are all that are required to make the part operational.
The ADV101 is capable of generating RGB video output sig-
nals, which are compatible with RS-343A and RS-170 video
standards, without requiring external buffering.
The ADV101 is fabricated in a +5 V CMOS process. Its mono-
lithic CMOS construction ensures greater functionality with low
power dissipation. The part is packaged in both a 0.6", 40-pin
plastic DIP and a 44-pin plastic leaded (J-lead) chip carrier,
PLCC.
*ADV is a registered trademark of Analog Devices Inc.
PRODUCT HIGHLIGHTS
1. Fast video refresh rate, 80 MHz.
2. Compatible with a wide variety of high resolution color
graphics video systems.
3. Guaranteed monotonic with a maximum differential nonlin-
earity of
±0.5 LSB. Integral nonlinearity is guaranteed to be
a maximum of
±1 LSB.
OBSOLETE


Similar Part No. - ADV101_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV101KN30 AD-ADV101KN30 Datasheet
187Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101KN50 AD-ADV101KN50 Datasheet
187Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101KN80 AD-ADV101KN80 Datasheet
187Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101KP30 AD-ADV101KP30 Datasheet
187Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101KP50 AD-ADV101KP50 Datasheet
187Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
More results

Similar Description - ADV101_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV101 AD-ADV101 Datasheet
187Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120 Datasheet
188Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7128 AD-ADV7128 Datasheet
135Kb / 8P
CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7125 AD-ADV7125 Datasheet
264Kb / 12P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. 0
ADV7125 AD-ADV7125_11 Datasheet
293Kb / 16P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120_15 Datasheet
191Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7125 AD-ADV7125_15 Datasheet
293Kb / 16P
CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7128 AD-ADV7128_15 Datasheet
139Kb / 8P
CMOS 80 MHz, 10-Bit Video DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com